Part Number Hot Search : 
V400B 35N08 BTB1184 01140 NE559 MC79M12 SB2510M LTC372
Product Description
Full Text Search
 

To Download SRP1204-1R8M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. l vs i charts 2.0 1.0 1.5 0.5 2.0 05 10 15 dc current (a) inductance ( h) r50 1r1 1r8 *rohs compliant srp1204 series - shielded power inductors features shielded construction unit height of 4 mm inductance range: 0.5 h to 1.8 h current up to 13 a lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communications equipment camcorders lcd tvs car audio systems electrical specifications product dimensions 12.50 0.30 (0.492 0.012) 4.15 (0.163) 13.0 (0.512) 3.75 (0.148) 10.50 (0.413) 3.0 (0.118) 4.50 (0.177) 7.50 0.25 (0.295 0.010) 7.50 (0.295) 12.50 0.30 (0.492 0.012) 2.00 (0.079) ref. 5.20 (0.205) ref. clip (for mounting - no electrical connection) 1 2.50 (0.098) nom. 6.40 (0.252) ref. 3.00 (0.118) nom. 4.00 0.20 (0.157 0.008) 1.90 0.20 (0.748 0.008) 4.70 (0.185) ref. ref. ref. ref. 4.15 (0.163) ref. ref. ref. ref. 3.75 (0.148) ref. ref. r50 2 3 3 general specifications test voltage........................................1 v test frequency ..........................100 khz reflow soldering .....230 ?c; 50 sec max. operating temperature ..-55 ? to +150 ? (temperature rise included) storage temperature..-55 ? to +150 ? resistance to soldering heat ..............................+260 ? for 10 sec. materials core .........................................ferrite er wire .............................enameled copper terminal.....................................cu/ni/sn rated current....... ind. drops 20 % at i sat temperature rise..........40 ?c at rated i rms packaging .......800 pcs. per 13-inch reel recommended layout electrical schematic initial inductance flat point bourns part no. inductance at flat point ref. i rms i sat dcr l0 ( h) l1 ( h) (a) (a) (a) (m ? ? ) max. srp1204-r50m 0.75 20 % 0.55 20 % 2.0 13.0 14.0 3.0 srp1204-1r1m 1.30 20 % 1.10 20 % 2.0 12.0 13.0 4.5 SRP1204-1R8M 2.00 20 % 1.80 20 % 2.0 10.0 11.0 6.0 *rohs compliant dimensions: mm (inches) r50
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 10/06 srp1204 series - shielded power inductors packaging specifications 26.0 - 0 (1.02 - 0) 30.4 (1.197) 2.0 0.5 (.079 .020) 50.0 - 0 (1.97 - 0) 330.0 (13.00) dia. 13.0 (.51) dia. 13.0 (.51) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. dimensions: mm (inches) 4.0 (0.157) 16.0 (0.630) r50 r50 r50 r50 r50 end start user direction of feed 200 (7.874) no component min. min. no component components 400 (15.748) soldering profile 25 75 125 175 225 275 0 50 100 150 200 250 300 time (seconds) temperature (c) 120-150 seconds 60 seconds maximum 260 c peak 190c 150 c 220 c ramp down 5 c/second <1> 255 c <1> maximum of 10 seconds between +255 c and +260 c ramp up 4 c/second maximum 10 seconds minimum


▲Up To Search▲   

 
Price & Availability of SRP1204-1R8M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X