Part Number Hot Search : 
BZT52C18 STEVA NSR2N7 E003666 E003666 2SB1124 VTB5041 CMPT4403
Product Description
Full Text Search
 

To Download SM38P1D7A32768KHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  designing and manufacturing innovative frequency control devices since 1927 monitor products? sm37, sm38 and sm39 are miniature crystals in highly reliable packages specifically designed for surface mount applications. hermetically-sealed construction ensures long-term stability and aging characteristics. miniature, surface mount watch crystals sm37 m sm38 m sm39 electrical specifications nominal frequency 32.768 khz calibration tolerance ! 20 ppm @ 25 1 c temperature stability parabolic coefficient -0.04 max ppm/( ? 1 c) 2 max series resistance 50.0 k ? max load capacitance 12.5 pf typical, 6pf to infinity available motional capacitance .003 ff typical shunt capacitance 1.35 pf typical drive level 1 ? w max quality factor 50,000 min operating temperature -40 to 85 1 c aging (1st year) ! 3 ppm max, 25 1 c ! 3 1 c applications m systems clock m communication equipment m computer applications m disk drives m cameras m measuring instruments features m ideal for use with high- density circuit boards m surface mount m plastic package m reflow solderable m tape and reel units : mm units : mm packaging: tape & reel (3000 pcs/reel) or bulk (< 3000 pcs) sm39 sm37 packaging: tape & reel (2000 pcs/reel) or bulk (< 2000 pcs) sm38 packaging: tape & reel (2000 pcs/reel) or bulk (< 2000 pcs) monitor products has a proven track record as a pioneer manufacturer in the frequency control market. if our extensive selection of standard and engineered crystals and oscillators does not meet your spec, we will work with you towards a customized solution. 502 via del monte, oceanside, ca 92054 tel: 760.433.4510 fax: 760.434.0255 monitor products company inc reserves the right to make changes to its products and product specifications without notice. no liability is assumed as a result of their use or application. 02-19-03
sm37 m sm38 m sm39 sm37l1c5a @ 32.768 khz = environmental performance specifications operating temperature range -40 1 c~85 1 c storage temperature range -55 1 c~125 1 c vibration mil-std-202 method 35g, 50 to 2000 hz shock mil-std-202 method 213b test cond e, 1000g, 1/2 sine wave humidity 85% rh, 85 1 c, 48 hours hermetic seal leak rate 2 x 10 -8 atm-cm 3 /sec max (inner package only) reflow solderability 260 1 c, 10 secs max solderability mil-std-202 method 208e insulation resistance 500 m ? min @ 100 vdc packaging tape & reel (sm37 & sm38= 2000pcs/reel; sm39 = 3000pcs/reel) or bulk sm38l1b5a @ 32.768 khz = sm39l1c7e @ 32.768 khz = l c l = 12.5pf* p = 6.0pf x = cust spec correlation mode frequency tolerance sample part numbers : sm38 sm39 series sm37 sm38 sm39 5 1 1 7 temperature range 3 = -20 1 c ~ 70 1 c 5 = -40 1 c ~ 85 1 c 7 = -10 1 c ~ 60 1 c* a e packaging a = bulk sm37/sm38: <2000 pcs sm39:<3000 pcs e = tape & reel* sm37/sm38: 2000 pcs/reel sm39: 3000 pcs/reel 32.768 32.768 frequency (khz) b 1 = fundamental* b = 100ppm* c = 50ppm d = 30ppm h = 20ppm * standard call factory for additional options. use full descriptive part number when ordering. parts will be marked with series and frequency only. part numbering key l sm37 7 1 a 32.768 c l tape dimensions reel dimensions units : mm a b c d e f g h qty sm37 sm38 1.5 8.0 4.0 16.0 1.75 7.5 3.9 11.0 2000 /reel sm39 1.5 8.0 4.0 16.0 1.75 7.5 2.7 8.7 3000 /reel 502 via del monte, oceanside, ca 92054 tel: 760.433.4510 fax: 760.434.0255 monitor products company inc reserves the right to make changes to its products and product specifications without notice. no liability is assumed as a result of their use or application. 02-19-03


▲Up To Search▲   

 
Price & Availability of SM38P1D7A32768KHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X