Part Number Hot Search : 
AMP01AX HC237 72310 HFA1105 C0942A 1H221 SMAJ12CA 51989Q
Product Description
Full Text Search
 

To Download SH8M12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4v drive nch + pch mosfet SH8M12 ? structure silicon n-channel mosfet/ silicon p-channel mosfet ? features 1) low on-resistance. 2) high power package(sop8). 3) low voltage drive(4v drive). ? application switching ? packaging specifications package taping code tb basic ordering unit (pieces) 2500 SH8M12 ? ? absolute maximum ratings (ta = 25 ? c) tr1 : n-ch tr2 : p-ch drain-source voltage v dss 30 ? 30 v gate-source voltage v gss ?20 ? 20 v continuous i d ?5 ? 4.5 a pulsed i dp ?20 ? 18 a continuous i s 1.6 ? 1.6 a pulsed i sp 20 ? 18 a w / total w / element channel temperature tch ? c range of storage temperature tstg ? c *1 pw ? 10 ? s, duty cycle ? 1% *2 mounted on a ceramic board. 2.0 ? 55 to ? 150 unit limits 1.4 150 power dissipation p d symbol type source current (body diode) drain current parameter *1 *2 *1 sop8 (1) (8) (5) (4) (1) tr1 source (2) tr1 gate (3) tr2 source (4) tr2 gate (5) tr2 drain (6) tr2 drain (7) tr1 drain (8) tr1 drain ?1 esd protection diode ?2 body diode ? dimensions (unit : mm) ? inner circuit ?2 ?1 ?2 ?1 (8) (7) (1) (2) (6) (5) (3) (4) 1/10 2011.05 - rev.a data sheet www.rohm.com ? 2011 rohm co., ltd. all rights reserved.
SH8M12 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs =20v, v ds =0v drain-source breakdown voltage v (br)dss 30 - - v i d =1ma, v gs =0v zero gate voltage drain current i dss --1 ? av ds =30v, v gs =0v gate threshold voltage v gs (th) 1.0 - 2.5 v v ds =10v, i d =1ma -3042 i d =5a, v gs =10v -4056 i d =5a, v gs =4.5v 45 63 i d =5a, v gs =4v forward transfer admittance l y fs l 2.5 - - s v ds =10v, i d =5a input capacitance c iss - 250 - pf v ds =10v output capacitance c oss - 90 - pf v gs =0v reverse transfer capacitance c rss - 45 - pf f=1mhz turn-on delay time t d(on) -6-nsi d =2.5a, v dd 15v rise time t r - 27 - ns v gs =10v turn-off delay time t d(off) - 26 - ns r l =6 ? fall time t f -5-nsr g =10 ? total gate charge q g - 4.0 - nc i d =5a, v dd 15v gate-source charge q gs - 1.2 - nc v gs =5v gate-drain charge q gd - 1.2 - nc *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd - - 1.2 v i s =5a, v gs =0v *pulsed parameter conditions conditions parameter static drain-source on-state resistance r ds (on) m ? * * * * * * * * * * 2/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 ? electrical characteristics (ta = 25 ? c) symbol min. typ. max. unit gate-source leakage i gss -- ? 10 ? av gs = ? 20v, v ds =0v drain-source breakdown voltage v (br)dss ? 30 - - v i d = ? 1ma, v gs =0v zero gate voltage drain current i dss - ? 1 ? av ds = ? 30v, v gs =0v gate threshold voltage v gs (th) ? 1.0 - ? 2.5 v v ds = ? 10v, i d = ? 1ma -4056 i d = ? 4.5a, v gs = ? 10v -5577 i d = ? 2.5a, v gs = ? 4.5v -6084 i d = ? 2.5a, v gs = ? 4.0v forward transfer admittance l y fs l 3.5 - - s v ds = ? 10v, i d = ? 4.5a input capacitance c iss - 800 - pf v ds = ? 10v output capacitance c oss - 120 - pf v gs =0v reverse transfer capacitance c rss - 110 - pf f=1mhz turn-on delay time t d(on) -7-nsi d = ? 2.5a, v dd ? 15v rise time t r - 15 - ns v gs = ? 10v turn-off delay time t d(off) - 70 - ns r l =6 ? fall time t f - 50 - ns r g =10 ? total gate charge q g - 8.0 - nc i d = ? 4.5a, v dd ? 15v gate-source charge q gs - 2.5 - nc v gs = ? 5v gate-drain charge q gd - 3.0 - nc *pulsed ? body diode characteristics (source-drain) (ta = 25 ?c) symbol min. typ. max. unit forward voltage v sd -- ? 1.2 v i s = ? 4.5a, v gs =0v *pulsed parameter conditions conditions m ? static drain-source on-state resistance r ds (on) parameter * * * * * * * * * * * * * * * * * 3/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 ? electrical characteristic curves (ta=25 ? c) tr.1(nch) 0 1 2 3 4 5 0 0.2 0.4 0.6 0.8 1 v gs = 2.0v v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 3.0v v gs = 2.5v ta=25 c pulsed fig.1 typical output characteristics( ) drain current : i d [a] drain - source voltage : v ds [v] 0 1 2 3 4 5 0 2 4 6 8 10 v gs = 2.0v v gs = 2.5v v gs = 10v v gs = 4.5v v gs = 4.0v v gs = 2.8v ta=25 c pulsed drain - source voltage : v ds [v] fig.2 typical output characteristics( ) drain current : i d [a] 0.001 0.01 0.1 1 10 0 1 2 3 v ds = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.3 typical transfer characteristics drain current : i d [a] gate - source voltage : v gs [v] 10 100 1000 0.1 1 10 . v gs = 4.0v v gs = 4.5v v gs = 10v ta=25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 v gs = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 10 100 1000 0.1 1 10 v gs = 4.5v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 4/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 10 100 1000 0.1 1 10 v gs = 4.0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : i d [a] static drain - source on - state resistance : r ds ( on )[m ? ] 0.1 1 10 0.01 0.1 1 10 v ds = 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : i d [a] 0.01 0.1 1 10 0 0.5 1 1.5 v gs =0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.9 reverse drain current vs. sourse - drain voltage source current : is [a] source - drain voltage : v sd [v] 0 20 40 60 80 100 0 5 10 i d = 5.0a i d = 2.5a ta=25 c pulsed fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds ( on )[m ? ] gate - source voltage : v gs [v] 1 10 100 1000 0.01 0.1 1 10 t f t d(on) t d(off) t a =25 c v dd =15v v gs =10v r g =10 w pulsed t r fig.11 switching characteristics switching time : t [ns] drain - current : i d [a] 0 2 4 6 8 10 0 2 4 6 8 10 t a =25 c v dd = 15v i d = 5.0a pulsed fig.12 dynamic input characteristics gate - source voltage : v gs [v] total gate charge : qg [nc] 5/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 10 100 1000 0.01 0.1 1 10 100 c iss c rss t a =25 c f=1mhz v gs =0v c oss fig.13 typical capacitance vs. drain - source voltage drain - source voltage : v ds [v] capacitance : c [pf] 0.01 0.1 1 10 100 0.1 1 10 100 p w = 10ms dc operation operation in this area is limited by r ds(on) (v gs =10v) p w =100us p w =1ms ta=25 c single pulse : 1unit mounted on a ceramic board. (30mm 30mm 0.8mm) fig.14 maximum safe operating aera drain - source voltage : v ds [v] drain current : i d (a) 0.001 0.01 0.1 1 10 0.0001 0.01 1 100 mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =89.3 c /w rth (ch - a) (t)=r(t) rth (ch - a) ta=25 c single pulse : 1unit fig.15 normalized transient thermal resistance vs. pulse width pulse width : pw(s) normarized transient thermal resistance : r (t) 6/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 tr.2(pch) 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 0 0.2 0.4 0.6 0.8 1 v gs = - 2.8v v gs = - 4.5v v gs = - 4.0v v gs = - 3.0v v gs = - 2.5v v gs = - 10v ta=25 c pulsed fig.1 typical output characteristics( ) drain current : - i d [a] drain - source voltage : - v ds [v] 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 0 2 4 6 8 10 v gs = - 2.5v v gs = - 3.0v v gs = - 2.8v v gs = - 10v v gs = - 4.5v v gs = - 4.0v ta=25 c pulsed fig.2 typical output characteristics( ) drain - source voltage : - v ds [v] drain current : - i d [a] 0.001 0.01 0.1 1 10 0 1 2 3 v ds = - 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.3 typical transfer characteristics drain current : - i d [a] gate - source voltage : - v gs [v] 10 100 1000 0.1 1 10 v gs = - 4.0v v gs = - 4.5v v gs = - 10v ta=25 c pulsed fig.4 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 10 100 1000 0.1 1 10 v gs = - 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.5 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 10 100 1000 0.1 1 10 v gs = - 4.5v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.6 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 7/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 10 100 1000 0.1 1 10 v gs = - 4.0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.7 static drain - source on - state resistance vs. drain current( ) drain - current : - i d [a] static drain - source on - state resistance : r ds (on)[m ? ] 0.1 1 10 0.01 0.1 1 10 v ds = - 10v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.8 forward transfer admittance vs. drain current forward transfer admittance : |yfs| [s] drain - current : - i d [a] 0.01 0.1 1 10 0 0.5 1 1.5 v gs =0v pulsed ta=125 c ta=75 c ta=25 c ta= - 25 c fig.9 reverse drain current vs. sourse - drain voltage source current : - i s [a] source - drain voltage : - v sd [v] 0 20 40 60 80 100 0 5 10 15 i d = - 4.5a i d = - 2.5a ta=25 c pulsed fig.10 static drain - source on - state resistance vs. gate source voltage static drain - source on - state resistance : r ds (on)[m ? ] gate - source voltage : - v gs [v] 1 10 100 1000 10000 0.01 0.1 1 10 t f t d(on) t d(off) ta=25 c v dd = - 15v v gs = - 10v r g =10 w t r fig.11 switching characteristics switching time : t [ns] drain - current : - i d [a] 0 2 4 6 8 10 0 2 4 6 8 10 12 14 ta=25 c v dd = - 15v i d = - 4.5a pulsed fig.12 dynamic input characteristics gate - source voltage : - v gs [v] total gate charge : qg [nc] 8/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 10 100 1000 10000 0.01 0.1 1 10 100 c iss c oss c rss ta=25 c f=1mhz v gs =0v fig.13 typical capacitance vs. drain - source voltage drain - source voltage : - v ds [v] capacitance : c [pf] 0.01 0.1 1 10 100 0.1 1 10 100 p w = 10ms dc operation operation in this area is limited by r ds(on) (v gs = - 10v) p w =100us p w =1ms ta=25 c single pulse : 1unit mounted on a ceramic board. (30mm 30mm 0.8mm) fig.14 maximum safe operating aera drain - source voltage : - v ds [v] drain current : - i d (a) 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 mounted on a ceramic board. (30mm 30mm 0.8mm) rth (ch - a) =89.3 c /w rth (ch - a) (t)=r(t) rth (ch - a) ta=25 c single pulse : 1unit fig.15 normalized transient thermal resistance vs. pulse width pulse width : pw(s) normarized transient thermal resistance : r (t) 9/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
SH8M12 ? measurement circuits ? notice this product might cause chip aging and breakdown under the large electrified environment. please consider to design esd protection circuit. v gs r g v d s d.u.t. i d r l v dd 90% 90% 90 % 10% 10% 50% 10% 50% v gs pulse width v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.1-1 switching time measurement circuit fig.1-2 switching waveforms fig.2-1 gate charge measurement circuit fig.2-2 gate charge waveform v gs r g v ds d.u.t. i d r l v dd 90% 90% 90% 10% 10% 10% 50% 50% pulse width v gs v ds t on t off t r t d(on) t f t d(off) v g v gs charge q g q gs q gd v gs i g(const.) v d s d.u.t. i d r l v dd fig.3-1 switching time measurement circuit fig.3-2 switching waveforms fig.4-1 gate charge measurement circuit fig.4-2 gate charge waveform 10/10 2011.05 - rev.a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. data sheet
r 1 120 a ww w .rohm.com ? 20 1 1 rohm co., ltd. all rights reserved. notice rohm customer support system http://ww w . r ohm.com/contact/ thank you for your accessing to rohm p r oduct informations. mo r e detail p r oduct informations and catalogs a r e available, please contact us. notes


▲Up To Search▲   

 
Price & Availability of SH8M12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X