Part Number Hot Search : 
NTE21 100ES NTE21 L9310 ATP050SM HN2S04FU NRVB0530 IWD512
Product Description
Full Text Search
 

To Download QSA2S35NG8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c navigation c-14 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com mechanical (continued) return force: 0,8 0,3n actua tion strength: >50 n, parallel to pcb >100 n, vertical (push) to pcb >50 n traction (pull) force electrical switching power max: 0,20 va min / max switching voltage: (vdc) 20mv / 30 v min / max switching current: 1ma / 50ma bounce: < 1 ms envir onmental opera ting tempera ture : C0?? to 85?? storage tempera ture: C0?? to 95?? process automatic soldering: reflow compatible per cecc00802 other data contact material: au on ni layer soldering pins: au flash housing material: thermoplastic packaging trays 80 pieces. note : specifications listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. qsa series silent navigation switch for smt construction function: qsa2: 2 way switch qsa4: 4 way switch type of switch: qsa2: 2x make contacts qsa4: 4x make contacts footprint: 23 mm x 18 mm, operating direction diagonal height: housing: 9 mm, total height: 22,4 mm (h1 version) pins: solder pins, smd attachment: snap-in pegs provided to help secure and locate switches actua tor: ?,5 mm with button fastener mechanical opera tion direction: in xC dir ection along the diagonal axis of the switch. rotation point is 5,5 mm over the pcb surface. tra vel: (h1 g8 version) t ravel of the actuator measured on an axis parallel to and 19 mm above pcb. switch point/stop (4,0 n for ce) 1,2 0,4 mm / 1,9+0,5 mm actuation angle: g8 version to switch point / stop (4,0 n force) 6.5? / 8.5? actua tion force: 3,3 1 n t actile effect: 15% life: 30,000 cycles in each dir ection ( 20 n force) for further information and test reports concerning life, please consult factory. how to order our easy build-a-switch concept allows you to mix and match options to cr eate the switch you need. t o or der, select desir ed option fr om each category and place it in the appr opriate box. features/benefits ? excellent tactile feel ? plunger can be custom designed ? smt switch adapted for low current ? only actuate 1 direction at a time ? provides logic level control ? rohs compliant typical applications ? seat adjustments ? industrial controls ? mirror adjustment ? home entertainment ? multi-function steering wheel for ce 3.5n 3.5n (350 grams) a q s 5 n actuator (t otal height) h1 * 22.4mm h3 ** 23.5mm h4*** 18.3mm h angle g7 7? max tra vel (standard for h3 and h4) g8 8? max tra vel (standard for h1) g 3. series qsa2s 2 directions, smt version qsa4s 4 directions, smt version note: * h1 qsa 4s only ** h3 qsa 2s only *** h4 qsa 4s only
20.7 5. 5 9 0. 8 2. 54 2. 54 2. 54 2. 54 1. 7 0. 1 14. 6 3. 6 ? 1. 5 17 .9 5 14 0.2 8. 5 0 8. 5 0 20.4 22. 4 1. 7 3. 6 19 15 .6 15 5 5.5 ? d k 2. 2 ? 1. 8 5. 5 ? 1. 2 5 1.2 3. 4 15 .6 1.8 2. 5 13 12. 6 2.5 4 2.5 4 2.5 4 2.5 4 1 e pivo t al poin t ty pe de si gn at io n def l ec t ion with f=4n 0. 1 z f 0. 4 e 1 2 3 4 navigation c c-15 dimensions ar e shown: mm specifications and dimensions subject to change www.ck-components.com 7. 5 0 24 14 .6 15 15 20.7 3. 6 3. 2 5. 6 15. 6 11.67 1. 5 24 . 6 3. 4 4. 9 0. 1 1. 7 5. 5 7. 5 0 23.5 9 15 .2 12 .4 ? 3.5 ? 3. 8 6 1. 59 1. 59 1. 5 22.7 19 5 ? 1. 2 ? 1. 6 5.5 ? d k 2. 2 1. 8 1. 8 1 1 2. 6 15 .8 1.2 5. 5 5 ? 1. 8 ? 1. 2 (4 x ) 2.5 4 0. 1 z pivo t al p oint f 0.2 e 04 1 2 def l ec t ion with f = 4n qsa2s h3 qsa series silent navigation switch for smt qsa4s h1
c navigation c-16 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com 20.7 5.5 9 ( 10x ) 0. 8 (4 x ) 2.5 4 1. 5 0.1 14. 6 3. 6 ? 1. 5 14 7. 5 o 7. 5 o 15.2 ? 3. 8 6 17. 5 17.5 3. 6 0. 1 18. 3 12. 4 17. 95 15. 6 15 5 5.5 ? d k 2. 2 ? 1. 8 5. 5 ? 1. 2 5 1.2 3. 4 15 .6 1.8 2. 5 13 12. 6 2.5 4 2.5 4 2.5 4 2.5 4 ? 3. 5 1 e ty pe de si gn at io n def le ctio n w ith f=5n rec o mm end ed pcb layout, mountin g s ide pivo t al p oint z f 0.2 e 0. 05 1 2 3 4 qsa4s h4 qsa series silent navigation switch for smt


▲Up To Search▲   

 
Price & Availability of QSA2S35NG8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X