pts series high grade slide potentiometer features high grade, long life single and dual gang assortment of resistance tapers tracking error within 3 db 45 mm and 60 mm sizes wide operating temperature range applications professional mixing consoles professional outboard gear *rohs directive 2002/95/ec jan 27 2003 including annex. specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant electrical characteristics standard resistance range ........................1k ohms to 1 megohm standard resistance tolerance ....?0 % end resistance ....................1 ohm max. insulation resistance @ 500 vdc ..............................100 megohms min. dielectric withstanding voltage ..............................................1000 vac tracking error ................................? db standard taper ....................linear, audio power rating linear ......................................0.5 watt audio ....................................0.25 watt slider noise ..........................60 mv max. environmental characteristics operational life................100,000 cycles tr shift ......................................?5 % operating temperature range ..................................-10 ? to +55 ? resistance to solder heat ..............? % mechanical characteristics mechanical travel ..........length ?.5 mm operating force ..............................60 gf stop strength ..........................5 kgf min. shaft axial force ....................10 kgf min. shaft wobble....2(2 x l/25) mm p-p max. soldering condition manual ............300 ? ? ? for 3 sec. wave ..............260 ? ? ? for 5 sec. wash ......................not recommended how to order pts 45 - 0 2 l - 103 b2 model number designator pts = high grade slide potentiometer length of travel 45 = 45 mm 60 = 60 mm detent option 0 = no detent no. of gangs 1 = single gang 2 = dual gang mounting type l = solder lugs p = pc pins resistance code (see standard resistance table) resistance taper (see taper charts) taper series followed by curve number standard resistance table resistance resistance (ohms) code 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 50,000 503 100,000 104 200,000 204 500,000 504 1,000,000 105 product dimensions 45.0 0.5 (1.772 .020) 65.0 0.2 (2.559 .008) 77.5 (3.052) max. 0.5 (.020) 0.6 (.024) 3.7 0.2 (.146 .008) 5.4 0.2 (.213 .008) 2.3 0.2 (.091 .008) 1.2 .05 (.047 .002) 1.8 (.071) 2 plcs. 8.0 (.315) 4.0 +0/-0.1 (.157 +0/-.004) 6.0 0.2 (.157 .008) 6.8 (.268) 12.5 (.492) 5.0 (.197) 5.0 (.197) 2 1 2' 1' 3' 3 5.0 (.197) 2.0 (.079) holes 6 plcs. 0.3 (.012) r m3 2 plcs. 10.0 0.3 (.394 .012) l 0.5 (l .020) 38.7 0.5 (1.524 .020) 13.0 (.512) max. 20.0 (.787) 30.0 (1.181) lever length 15.0 (.591) 20.0 (.787) dimensions: mm (inches) asia-pacific: tel +886-2 25624117 fax +886-2 25624116 europe: tel +41-41 7685555 fax +41-41 7685510 the americas: tel +1-951 781-5500 fax +1-951 781-5700 www.bourns.com sensors & controls division 45 mm length of travel
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. pts series high grade slide potentiometer tapers 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 a series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) ( 0 5 a ) ; a 1 ( 1 0 a ) ; a 2 ( 1 5 a ) ; a 3 ( 2 0 a ) ; a 4 (2 5 a );a 5 (3 0 a );a 6 05/06 copyright?2006, bourns, inc. litho in u.s.a. e 01/06 sc0523 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 b series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) ( 4 b ) ;b 4 ( 3 b ) ;b 3 (2b);b2 ( 1 b ) ; b 1 (5b);b5 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 c series tapers terminal 1 output voltage across terminals 1-2 input voltage across terminals 1-3 x 100 (%) terminal 3 rotational travel (%) ( 0 5 c ) ; c 1 ( 1 0 c ) ; c 2 ( 1 5 c ) ; c 3 (20c);c4 ( 2 5 c ) ;c 5 ( 3 0 c); c 6 product dimensions 60.0 0.5 (2.362 .020) 4.0 +0/-0.1 (.157 +0/-.004) 6.0 0.2 (.157 .008) 0.3 (.012) r 10.0 0.3 (.394 .012) l 0.5 (l .020) 80.0 0.2 (3.150 .008) 92.5 (3.642) max. m3 2 plcs. 13.0 (.512) max. 0.5 (.020) 0.6 (.024) 3.7 0.2 (.146 .008) 5.4 0.2 (.213 .008) 2.3 0.2 (.091 .008) 1.2 .05 (.047 .002) 38.7 0.5 (1.524 .020) 1.8 (.071) 2 plcs. 8.0 (.315) 6.8 (.268) 20.0 (.787) 5.0 (.197) 5.0 (.197) 2 1 2' 1' 3' 3 5.0 (.197) 2.0 (.079) holes 6 plcs. 27.5 (1.083) 37.5 (1.476) dimensions: mm (inches) 60 mm length of travel schematics 3 2 1 r1 3 2 1 r1 3' 2' 1' r2 single gang dual gang
|