Part Number Hot Search : 
AT73C240 MBR1020 2C150 LC86108C 337M0 NCP1271A HSPPAA MRT400
Product Description
Full Text Search
 

To Download OTS-6SD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? uncompressed sdi video over one fiber ? tdm - single wavelength ? complies with smpte 259 for uncompressed sdi ? compatible with mdm-7000 series for wdm and cwdm multiplexing ? no emi or rfi and no ground loops ? stand alone or rack-mount ? ideal for broadcast/studio and professional av applications 800-867-8426 ? info@opticomm.com ? www.opticomm.com ? contact opticomm for custom requirements. video s t a t u s l a e r t opti va ? vad transmission s t a t u s l a e r t opti va ? vad transmission s t a t u s l a e r t opti va ? vad transmission s t a t u s l a e r t opti va ? vad transmission sdi video transmission the OTS-6SD provides for the digital transmission of 6 channels of uncompressed sdi video, at absolute broadcast quality. system design all units come in an insert card version. the cards can be inserted into our 16-slot, 19? rack-mountable card cage (ot-cc-16-100) or one of our smaller optiva ? desktop card racks (ot-dtcr series). the optiva ? desktop card racks can handle one, two or four insert cards, creating compact, mountable, stand alone systems. the use of separate ot-dtcr enclosures allows for future flexibility and expansion as all cards are hot-swappable and can be used in any enclosure. each one of our card housing units operate with an appropriate power supply. see ?accessories? for power supply specifications. optiva ? upgrade path this system can be purchased without an optical port as an add-on to an existing optiva ? system daisy-chain. (see ?non-optical version? below). t h e o p t i v a ? b a n d w i d t h r e q u i r e m e n t o f t h i s s y s t e m i s 2 , 1 0 6 m b p s . sdi video in sdi video in sdi video in OTS-6SDt OTS-6SDr wavelength (nm) optical optical budget range*** & fiber transmit** receive** connector (db) (km) form factor 1310 multimode OTS-6SDt-b1-xx-ic OTS-6SDr-b1-xx-ic st, fc, lc or sc 10 1.5 ic (1-slot) 1310 singlemode OTS-6SDt-b2-xx-ic OTS-6SDr-b2-xx-ic st, fc, lc or sc 7 10 ic (1-slot) 1310 singlemode( d ) OTS-6SDt-b2d-xx-ic OTS-6SDr-b2d-xx-ic st, fc, lc or sc 12 20 ic (1-slot) 1550 singlemode OTS-6SDt-b3-xx-ic OTS-6SDr-b3-xx-ic st, fc, lc or sc 17 40 ic (1-slot) 1550 singlemode ( d ) OTS-6SDt-b3d-xx-ic OTS-6SDr-b3d-xx-ic st, fc, lc or sc 25 60 ic (1-slot) 1270-1610 sm ( cwdm ) OTS-6SDt-l4-xx-ic OTS-6SDr-l4-xx-ic st, fc, lc or sc varies 20-70 ic (1-slot) non-optical version OTS-6SDt-noc-ic OTS-6SDr-noc-ic n/a n/a n/a ic (1-slot) * contact opticomm for other versions available. ** xx indicates the type of optical connector. each of st, fc, lc or sc are available. *** chromatic dispersion and additional losses should be taken into account. OTS-6SD optiva ? standard, 6 sdi versions available* audio data st, lc, sc or fc sdi video out sdi video out sdi video out st, lc, sc or fc opticomm reserves the right to change specifications without notice
sdi & hd-sdi video standard smpte 259 pathological test code rp-178 bit rate 270 mbps bit error rate 10 -14 connector bnc (iec 60169-8) general dimensions & weight insert card (ic): 6.3? l x 0.8? w x 4.0? h 11 oz operating temperature -20 c to +55 c storage temperature -40 c to +85 c humidity 0 to 95% non-condensing operating voltage 9-12 v dc consumption 1 amp max per insert card system latency less than 1ms local monitoring led status indication remote monitoring compatible with optivaview ? snmp management suite sample configuration optiva ? configurable communication platform network management sdi & hd-sdi composite video, audio & data rgb/vga/dvi audio/fsk/intercom data (ethernet/serial/usb) catv/rf & l-band optical switching, routing & redundancy passive multiplexing solutions enclosures, racks & frames power supplies & accessories made in the usa


▲Up To Search▲   

 
Price & Availability of OTS-6SD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X