Part Number Hot Search : 
IP5954A ACTS86MS GRM155R7 SB340 IRF250 0SH0670 ISL8394 DHR09A
Product Description
Full Text Search
 

To Download NZQA6V8XV5T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2007 april, 2007 ? rev. 3 1 publication order number: nzqa5v6xv5t1/d nzqa5v6xv5t1g series quad array for esd protection this quad monolithic silicon voltage suppressor is designed for applications requiring transient overvoltage protection capability. it is intended for use in voltage and esd sensitive equipment such as computers, printers, business machines, communication systems, medical equipment, and other applications. its quad junction common anode design protects four separate lines using only one package. these devices are ideal for situations where board space is at a premium. specification features ? sot ? 553 package allows four separate unidirectional configurations ? low leakage < 1  a @ 3 v for nzqa5v6xv5t1g ? breakdown voltage: 5.6 v ? 6.8 v @ 1 ma ? esd protection meeting iec61000 ? 4 ? 2 ? level 4 ? these are pb ? free devices mechanical characteristics ? void free, transfer ? molded, thermosetting plastic case ? corrosion resistant finish, easily solderable ? package designed for optimal automated board assembly ? small package size for high density applications ? 100% lead free, msl1 @ 260 c reflow temperature sot ? 553 case 463b plastic 5 4 1 2 3 device package shipping ? ordering information nzqa5v6xv5t1g sot ? 553 (pb ? free) 4000 / tape & reel marking diagram http://onsemi.com nzqa6v2xv5t1g sot ? 553 (pb ? free) 4000 / tape & reel NZQA6V8XV5T1G sot ? 553 (pb ? free) 4000 / tape & reel nzqa5v6xv5t3g sot ? 553 (pb ? free) 16000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. xx m   xx = specific device code m = date code  = pb ? free package (note: microdot may be in either location)
nzqa5v6xv5t1g series http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current  v br maximum temperature coefficient of v br i f forward current v f forward voltage @ i f z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk uni ? directional i pp i f v i i r i t v rwm v c v br v f maximum ratings (t a = 25 c unless otherwise noted) characteristic symbol value unit peak power dissipation (8 x 20  s @ t a = 25 c) (note 1) p pk 100 w steady state power ? 1 diode (note 2) p d 300 mw thermal resistance junction to ambient above 25 c, derate r  ja 370 2.7 c/w mw/ c maximum junction temperature t jmax 150 c operating junction and storage temperature range t j t stg ? 55 to +150 c esd discharge mil std 883c ? method 3015 ? 6 iec1000 ? 4 ? 2, air discharge iec1000 ? 4 ? 2, contact discharge v pp 16 16 9 kv lead solder temperature (10 seconds duration) t l 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. electrical characteristics (t a = 25 c) device device marking breakdown voltage v br @ 1 ma (volts) leakage current i rm @ v rm v c max @ i pp typ capacitance @ 0 v bias (note 3) max v f @ i f = 200 ma min nom max v rwm i rwm (  a) v c (v) i pp (a) (pf) (v) nzqa5v6xv5t1g 56 5.32 5.6 5.88 3.0 1.0 10.5 10 90 1.3 nzqa6v2xv5t1g 62 5.89 6.2 6.51 4.0 0.5 11.5 9.0 80 1.3 NZQA6V8XV5T1G 68 6.46 6.8 7.14 4.3 0.1 12.5 8.0 70 1.3 1. non ? repetitive current per figure 1. 2. only 1 diode under power. for all 4 diodes under power, p d will be 25%. mounted on fr ? 4 board with min pad. 3. capacitance of one diode at f = 1 mhz, v r = 0 v, t a = 25 c
nzqa5v6xv5t1g series http://onsemi.com 3 figure 1. pulse waveform t, time (  s) 30 15 10 5 0 percent of i pp 25 20 90 80 70 60 50 40 30 20 10 0 100 110 waveform parameters t r = 8  s t d = 20  s t d = i pp /2 c ? t t a , ambient temperature ( c) 150 125 100 75 50 25 0 90 80 70 60 50 40 30 20 10 0 100 110 % of rated power or i pp figure 2. power derating curve figure 3. clamping voltage versus peak pulse current i pp , peak pulse current (a) 12.5 11 1 6 4 2 0 10 v c , clamping voltage (v) 8 14 12 figure 4. typical capacitance v br , breakdown voltage (v) 6.8 6.2 5.6 70 60 50 0 80 90 c, capacitance (pf) 100 30 20 10 40 7.1 6.5 5.9 5.3 13.5 3579 10 nzqa5v6xv5t1 nzqa6v2xv5t1 nzqa6v8xv5t1
nzqa5v6xv5t1g series http://onsemi.com 4 package dimensions sot ? 553, 5 lead case 463b ? 01 issue b e m 0.08 (0.003) x b 5 pl a c ? x ? ? y ? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. d e y 12 3 4 5 l style 1: pin 1. base 2. emitter 3. base 4. collector 5. collector style 2: pin 1. cathode 2. common anode 3. cathode 2 4. cathode 3 5. cathode 4 1.35 0.0531 0.5 0.0197  mm inches  scale 20:1 0.5 0.0197 1.0 0.0394 0.45 0.0177 0.3 0.0118 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h e dim a min nom max min millimeters 0.50 0.55 0.60 0.020 inches b 0.17 0.22 0.27 0.007 c d 1.50 1.60 1.70 0.059 e 1.10 1.20 1.30 0.043 e 0.50 bsc l 0.10 0.20 0.30 0.004 0.022 0.024 0.009 0.011 0.063 0.067 0.047 0.051 0.008 0.012 nom max 1.50 1.60 1.70 0.059 0.063 0.067 h e 0.08 0.13 0.18 0.003 0.005 0.007 0.020 bsc on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 nzqa5v6xv5t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NZQA6V8XV5T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X