Part Number Hot Search : 
UF28100H EP6101 LT1059 NTE2107 UF28100H LBT83002 473K1 MTG10W
Product Description
Full Text Search
 

To Download NATK161M35V8X108NSWYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  78 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors natk series features ? extended temperature +125 o c & long life (t0 3,000 hours) ? available with anti-vibration wide terminations ? cylindrical v-chip construction for surface mounting ? designed for automatic mounting and reflow .. soldering characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 16 ~ 35vdc rated capacitance range 100 ~ 2200 f operating temp. range -40 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 16 25 35 s.v. (vdc) 20 32 44 tan @ 120hz/20c 0.20 0.16 0.14 low temperature stability impedance ratio @ 120hz w.v. (vdc) 16 25 35 z -25c/z +20c 222 z -40c/z +20c 433 load life test at w.v. @ 125c 8 ~ 12.5mm diameter: 2,000 hours 16mm diameter: 3,000 hours capacitance change within 30% of initial measured value tan less than 300% of speci? ed max. value leakage current less than speci? ed max. value standard product and case size d xl (mm) 0.3mm max. d l + - i i w p a b case size d 0.5 l max. a, b 0.2 i 0.3 p 0.3 w 8 x 10.8 8.0 10.8 8.3 2.9 3.2 0.7 ~ 1.0 10 x 10.8 10.0 10.8 10.3 3.2 4.6 1.0 ~ 1.4 12.5 x 14 12.5 14.0 12.8 4.5 4.6 1.0 ~ 1.4 16 x 17 16.0 17.0 16.3 16.3 7.0 1.8 ~ 2.1 dimensions (mm) cap.( f) code working voltage (vdc) 16 25 35 100 101 - - 8x10.8 160 161 - - 8x10.8 220 221 - 8x10.8 10x10.8 270 271 - 8x10.8 - 300 301 - - 10x10.8 330 331 8x10.8 10x10.8 - 390 391 8x10.8 - - 470 471 - 10x10.8 - 620 621 - - 12.5x14 680 681 10x10.8 12.5x14 16x17 910 911 - 12.5x14 - 1000 102 12.5x14 16x17 16x17 1500 152 12.5x14 16x17 - 2200 222 16x17 - - re? ow code j = +240c k = +245c l = +250c n = +260c termination / packaging code b = sn-bi / 13" reel s = sn / 13" reel expanded value range
79 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com natk 161 m 35v 8x6.3 n s w y f rohs compliant wide terminations (opt.) termination/packaging code re? ow temperature code size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi? ed production site surface mount aluminum electrolytic capacitors natk series ripple current frequency correction factor frequency (hz) 100 < f <1k 1k < f <10k 10k < f <100k 100k < f 100 f ~ 2200 f 0.6 0.85 0.93 1.00 part number cap. ( f) working voltage dissipaton factpr @120hz/20c max. esr ( ) at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours @ +125c natk331m16v8x10.8nsyf 330 16 0.20 0.18 300 2,000 natk391m16v8x10.8nsyf 390 0.20 0.18 300 2,000 natk471m16v10x10.8lsyf 470 0.20 0.11 500 2,000 natk681m16v10x10.8lsyf 680 0.20 0.11 500 2,000 natk102m16v12.5x14ksyf 1000 0.20 0.08 1200 2,000 natk152m16v12.5x14ksyf 1500 0.20 0.08 1200 2,000 natk222m16v16x17jsyf 2200 0.20 0.05 1800 3,000 natk221m25v8x10.8nsyf 220 25 0.16 0.18 300 2,000 natk271m25v8x10.8nsyf 270 0.16 0.18 300 2,000 natk331m25v10x10.8lsyf 330 0.16 0.11 500 2,000 natk471m25v10x10.8lsyf 470 0.16 0.11 500 2,000 natk681m25v12.5x14ksyf 680 0.16 0.08 1200 2,000 natk911m25v12.5x14ksyf 910 0.16 0.08 1200 2,000 natk102m25v16x17jsyf 1000 0.16 0.05 1800 3,000 natk152m25v16x17jsyf 1500 0.16 0.05 1800 3,000 natk101m35v8x10.8nsyf 100 35 0.14 0.18 300 2,000 natk161m35v8x10.8nsyf 160 0.14 0.18 300 2,000 natk221m35v10x10.8lsyf 220 0.14 0.11 500 2,000 natk301m35v10x10.8lsyf 300 0.14 0.11 500 2,000 natk471m35v12.5x14ksyf 470 0.14 0.08 1200 2,000 natk621m35v12.5x14ksyf 620 0.14 0.08 1200 2,000 natk681m35v16x17jsyf 680 0.14 0.05 1800 3,000 natk102m35v16x17jsyf 1000 0.14 0.05 1800 3,000 standard values, case sizes & specifications new expanded values
80 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com review & compare re? ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl diameter time above 200c time above 230c peak temperature 5 seconds 8mm 80 sec. max. 40 sec. max. 260c 10mm 70 sec. max. 40 sec. max. 250c 12.5mm 50 sec. max. 30 sec. max. 245c 16mm 50 sec. max. 20 sec. max. 240c peak reflow temperatures and duration time above 200c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 time above 230c (see table) case size a b c 8x10.8 2.8 4.1 2.1 10x10.8 4.3 4.4 2.5 12.5x14 4.3 5.8 2.5 16x17 6.6 6.5 5.0 a c b standard terminations - land pattern dimensions (mm) c w p a r r t b case size d 0.5 l max. a, b c 0.2 p 0.2 w r t 8 x 10.5wt 8.0 10.5 8.3 0.2 9.0 3.2 0.7 ~ 1.0 (0.7) (1.3) 10 x 10.5wt 10.0 10.8 10.3 0.2 11.0 4.6 1.0 ~ 1.4 (0.7) (1.3) 12.5 x 14wt 12.5 14.0 13.5 0.2 14.2 4.6 1.0 ~ 1.4 (2.2) (2.4) 16 x 17wt 16.0 17.0 17.0 0.2 18.0 7.0 1.8 ~ 2.1 (3.0) (2.0) wide termination (wt) dim. (mm) case size a b c 8x10.5 2.5 4.5 4.7 10x10.5 3.8 4.8 4.7 12.5x14 3.8 6.1 6.9 16x17 5.0 8.0 9.5 wt land pattern dim. (mm) a c b termination de? ection: wt = 0.15mm max. from bottom of support terminals d l wt anti-vibration skirt surface mount aluminum electrolytic capacitors natk series capacitors can withstand two re? ow passes under the speci? ed conditions. capacitors must be allowed to cool to room temperature before the second re? ow pass.


▲Up To Search▲   

 
Price & Availability of NATK161M35V8X108NSWYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X