Part Number Hot Search : 
00060 SUF2006 F1000 215008 01MEA 01MEA T16646 B8806
Product Description
Full Text Search
 

To Download MAX6508UTA5-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the max6505?ax6508 temperature switches have dual logic outputs that assert when the die temperature cross- es their trip thresholds. trip thresholds are factory pro- grammed to convenient temperatures in 5? increments. the max6505/max6506 have an alarm output that asserts when the temperature is above the factory-pro- grammed thresholds (available from -40? to +125?). they also have a warn output that asserts when the temperature is several degrees below the alarm thresh- old. the difference between the alarm and warn thresholds ( ? t aw ) is pin selectable to +5?, +10?, +20?, or +30?. the max6505? logic outputs are open drain, while the max6506? logic outputs are push-pull. the max6507 has open-drain outputs ( over , ok), and the max6508 has push-pull outputs (over, ok ), each with two factory-programmed threshold temperatures (tover and tunder) in the wide range of -40? to +125?. the overtemperature output asserts when the temperature is above tover. when the temperature is in the desired window (less than tover and greater than tunder), ok ( ok ) asserts. the max6505?ax6508 are accurate to ?.5 c (typ), ?.5 c (max). operating from a +2.5v to +5.5v supply, these low-cost devices typically consume 30? supply current and require no external components for setting trip points. the max6505?ax6508 are available in a 6- pin sot23 package. ________________________applications ? temperature monitoring in high-speed computers temperature control temperature alarms fan control features ?.5? (typ) threshold accuracy over full temperature range no external components required low cost 30? (typ) supply current factory-programmed thresholds from -40? to +125? in 5? increments open-drain outputs (max6505/max6507), push-pull outputs (max6506/max6508) pin selectable +2?, +10? hysteresis (max6507/max6508) pin selectable +5?, +10?, +20?, +30? t alarm - t warn (max6505/max6506) sot23-6 package *to complete the suffix information for the max6505/ max6506, add p or n for positive or negative trip tempera- ture, and select an available trip point in degrees centigrade. for example, the max6505utp055-t describes a max6505 in a sot23-6 package with a +55? threshold (table 3). contact the factory for pricing and availability of temperature versions (minimum order 10,000 pieces). **to complete the suffix information for max6507/max6508, see table 4. max6505?ax6508 dual trip sot temperature switches ________________________________________________________________ maxim integrated products 1 pin configurations 19-1712; rev 1; 4/00 for free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800. for small orders, phone 1-800-835-8769. ordering information part temp. range pin- package max6505 ut_ _ _ _-t * -40 c to +125 c 6 sot23-6 max6506 ut_ _ _ _-t * -40 c to +125 c 6 sot23-6 max6507 ut_ _ _ _-t ** -40 c to +125 c 6 sot23-6 max6508 ut_ _ _ _-t ** -40 c to +125 c 6 sot23-6 selector guide appears at end of data sheet. typical operating circuits appear at end of data sheet. top view gnd v cc s1 16 5 s0 max6505 max6506 sot23-6 2 34 warn (warn) alarm (alarm) ( ) are for max6506. gnd v cc s0 16 5 n.c. max6507 max6508 sot23-6 2 34 ok (ok) over (over) ( ) are for max6508.
max6505?ax6508 dual trip sot temperature switches 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v cc = +2.5v to +5.5v, r pullup = 100k ? (max6505/max6507 only), t a = -40 c to +125 c, unless otherwise noted. typical values are at t a = +25 c and v cc = +5v, unless otherwise noted.) (note 1) stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. supply voltage (v cc to gnd) ..................................-0.3v to +6v s1, s0 to gnd ............................................-0.3v to (v cc + 0.3v) all other pins to gnd.................................-0.3v to (v cc + 0.3v) input/output current, all pins...........................................20ma continuous power dissipation (t a = +70 c) 6-pin sot23 (derate 7.1mw/ c above +70 c)...........571mw operating temperature range (t min to t max ) ..............................................-40 c to +125 c thermal resistance ( ja )..............................................115 c/w storage temperature range .............................-65 c to +150 c maximum die temperature..............................................+150 c lead temperature (soldering, 10s) .................................+300 c parameter symbol conditions min typ max units supply voltage range v cc 2.5 5.5 v s0 = s1 = gnd max6505/ max6506 40 80 supply current i cc s0 = gnd max6507/ max6508 30 60 a -40 c to 0 c -5.5 0.5 5.5 0 c to +95 c -3.5 0.5 3.5 temperature threshold accuracy (note 2) ? t th +95 c to +125 c -4 0.5 4 c s1 = gnd, s0 = gnd 5 s1 = gnd, s0 = v cc 10 s1 = v cc , s0 = gnd 20 delta temperature (t alarm -t warning ) max6505/max6506 ? t aw s1 = v cc , s0 = v cc 30 c alarm (max6505/max6506) 2 ? t aw = 5 c or 10 c 5 warn (max6505/max6506) ? t aw = 20 c or 30 c 10 s0 = gnd 2 temperature threshold hysteresis (note 3) t hyst ok, over (max6507/max6508) s0 = v cc 10 c v ih 0.8 x v cc logic input levels (s1, s0) v il 0.8 v i source = 500 a, v cc > 2.5v 0.8 x v cc output voltage high (max6506/max6508) v oh i source = 800 a,v cc > 4.5v v cc -1.5 v i sink = 3.2ma, v cc > 2.5v 0.5 output voltage low v ol i sink = 5ma, v cc > 4.5v 0.5 v
max6505?ax6508 dual trip sot temperature switches _______________________________________________________________________________________ 3 20 30 25 40 35 45 50 -40 -10 5 20 -25 35 50 65 80 95 110 125 supply current vs. temperature max6505/8-01 temperature ( c) supply current (?) v cc = +5v r pullup = 100k ? 0.5 1.0 1.5 2.0 2.5 -40 -10 5 -25 20 35 50 65 80 95 110 125 hysteresis vs. trip temperature max6505/8-02 temperature ( c) hysteresis ( c) v cc = +5v r pullup = 100k ? -0.8 -0.6 -0.7 -0.3 -0.4 -0.5 0 -0.1 -0.2 0.1 2.5 3.5 3.0 4.0 4.5 5.0 5.5 trip-point error (%) vs. supply voltage max6505/8-03 supply voltage (v) trip-point error (%) normalized to trip-point temperature at v cc = +5v max6505 startup and power-down (t < t th ) max6505/8-04 a b a: v cc pulse b: alarm voltage, r pullup = 100k ? 100?/div 2v/div max6505 startup delay (t > t th ) max6505/8-05 a b a: v cc pulse b: alarm voltage, r pullup = 100k ? 100?/div 2v/div typical operating characteristics (v cc = +5v, unless otherwise noted.) electrical characteristics (continued) (v cc = +2.5v to +5.5v, r pullup = 100k ? (max6505/max6507 only), t a = -40 c to +125 c, unless otherwise noted. typical values are at t a = +25 c and v cc = +5v, unless otherwise noted.) (note 1) note 1: 100% production tested at t a = +25 c. specifications over temperature limits are guaranteed by design. note 2: t alarm , t under , and t over are factory-programmed temperature trip thresholds from -40 c to +125 c in 5 c increments. note 3: temperature threshold hysteresis is defined as the difference from positive-going temperature thresholds minus the nega- tive-going temperature thresholds. parameter symbol conditions min typ max units v cc = 5.5v, v alarm = 5.5v, v warn = 5.5v (max6505) 1 open-drain output leakage current v cc = 5.5v, v ok = 5.5v, v over = 5.5v (max6507) 1 a
max6505?ax6508 dual trip sot temperature switches 4 _______________________________________________________________________________________ pin description pin max6505 max6506 max6507 max6508 name function 1- - warn open-drain active-low warning output. warn goes low when the die temperature exceeds t warn = t alarm - ? t aw. - 1- - warn push-pull active-high warning output. warn goes high when the die temperature exceeds t warn = t alarm - ? t aw. 2 2 2 2 gnd ground 3, 5 3, 5 - - s1, s0 delta temperature select input. connect to v cc or gnd to select the difference between t alarm and t warn (table 1 or see electrical characteristics ). - - 33s0 hysteresis select input. connect to v cc for 10 c hysteresis. connect to gnd for 2 c hysteresis. 4444v cc supply voltage input. bypass v cc to gnd with a 0.1 f ceramic capacitor. - - 5 5 n.c. no connection. not internally connected. - - 6- over open-drain active-low overtemperature output. over goes low when the die temperature exceeds the factory- set value of t over . - - _ 6 over push-pull active-high overtemperature output. over goes high when the die temperature exceeds the factory- set value of t over. - - 1- ok open-drain active-high temperature sensor output. ok goes high impedance when the die temperature is between the factory-set values of t over and t under . when the die temperature is above t over or below t under , ok goes low. - - - 1 ok push-pull active-low temperature sensor output. ok goes low when the die temperature is between the factory- set values of t over and t under . when the die temp- erature is above t over or below t under , ok goes high. 6- - - alarm open-drain active-low alarm output. alarm goes low when the die temperature exceeds the factory-set value of t alarm . - 6- - alarm push-pull active-high alarm output. alarm goes high when the die temperature exceeds the factory-set value of t alarm .
max6505?ax6508 dual trip sot temperature switches _______________________________________________________________________________________ 5 _______________detailed description the max6505 max6508 fully integrated temperature switches incorporate two temperature-dependent refer- ences and a comparator. one reference exhibits a pos- itive temperature coefficient and the other a negative temperature coefficient. the temperature at which the two reference voltages are equal determines the tem- perature trip point. there are two versions, each of which has two logic outputs. the max6505/max6506 have a main trip point (t alarm ) and a lower, warning trip point (t warn ). when the die temperature rises above these trip points, the alarm and warn outputs are asserted (figure 1). the differ- ence between the two trip points ( ? t aw ) is pin selec- table to +5 c, +10 c, +20 c, or +30 c by connecting the two control pins (s0 and s1) high or low (table 1). max6505 has open-drain active-low outputs; max6506 has push-pull active-high outputs. the max6507/max6508 have two factory-programmed threshold temperatures (t over and t under ) and two outputs (ok and over). one output (ok) asserts when the temperature is between t over and t under . the other output (over) asserts when the temperature is above t over . table 4 shows the hex codes to deter- mine the part numbers associated with specific values of t over and t under . the first hex code indicates the lower trip point (t under ) and the second indicates the higher trip point (t over ). for example, a part with t un- der = -10 c and t over = +75 c will have the part number max6508uta04b (table 4 and figure 2). max6507 has open-drain outputs; max6508 has push- pull outputs. hysteresis selection the temperature threshold hysteresis for the alarm output of the max6505/max6506 is 2 c. the hysteresis for the warn output depends on the value of ? t aw . if ? t aw is 5 c or 10 c (set by s0 and s1), warn hys- teresis is 5 c. if ? t aw is 20 c or 30 c, warn hystere- sis is 10 c. max6507 and max6508 have pin- selectable hysteresis of 2 c or 10 c for both over and ok out- puts (table 2). applications information thermal considerations the max6505 max6508 supply current is typically 30a. when used to drive high-impedance loads, the devices dissipate negligible power. therefore, the die temperature is essentially the same as the package temperature. the key to accurate temperature monitor- ing is good thermal contact between the max6505 max6508 package and the device being monitored. in some applications, the sot23-6 packages may be small enough to fit underneath a socketed micro- processor (p), allowing the device to monitor the p s temperature directly. use the monitor s output to reset the p, assert an interrupt, or trigger an external alarm. accurate temperature monitoring depends on the ther- mal resistance between the device being monitored and the max6505 max6508 die. the rise in die temperature due to self-heating is given by the following formula: ? t j = p dissipation ? ja where p dissipation is the power dissipated by the max6505 max6508, and ja is the package s thermal resistance. the typical thermal resistance is +115 c/w for the sot23-6 package. to limit the effects of self-heat- ing, minimize the output currents. for example, if the max6505 sinks 5ma, the output voltage is guaranteed to be less than 0.5v. therefore, an additional 2.5mw of figure 1. temperature response max6505utp065 outputs, ? t aw = 10 c, and warn hysteresis 5 c hysteresis 2? hysteresis 5? 65? 55? warn alarm table 1. max6505/max6506 ? t aw selection table control pins description s0 s1 ? t aw =t alarm t warn ( c) gnd gnd 5 gnd v cc 10 v cc gnd 20 v cc v cc 30
max6505?ax6508 dual trip sot temperature switches 6 _______________________________________________________________________________________ figure 2. temperature response max6507a04b outputs with 2 c hysteresis figure 3. low-power, high-reliability, fail-safe temperature monitor +75 c -10 c hysteresis 2 c -10 c hysferesis 2 c over ok temperature +2.5v to +5.5v system shutdown fan control s0 s1 warn gnd v cc alarm max6506 * * ? t aw = t alarm - t warn is set to +30 c. table 2. hysteresis selection typical threshold hysteresis part alarm conditions warn conditions ok, over 2 c 5 c ? t wa = 5 c or 10 c max6505 max6506 10 c ? t wa = 20 c or 30 c - 2 c s0 = gnd max6507 max6508 - 10 c s0 = v cc power is dissipated within the ic. this corresponds to a +0.288 c shift in the die temperature in the sot23-6. power supply and bypassing the max6505 and max6508 operate from a single- supply voltage in the +2.5v to +5.5v range. connect a 0.1f capacitor on the supply voltage line close to the v cc pin for bypassing. low-cost, fail-safe temperature monitor the max6505/max6506 provide two outputs that can be used for fail-safe temperature applications (figure 3). for example, the first output can activate a fan when the die temperature exceeds a certain preset temperature. the second output asserts at a higher temperature that could be caused by a wide variety of destructive fault condi- tions, including latchup, short circuit, and cooling system failure. this output can be used to initiate such actions as shutdown of the entire system (see typical operating circuits ) . the high-level integration, low cost, and small size of the max6505 max6508 facilitate the use of multiple temper- ature monitors to increase system reliability.
max6505?ax6508 dual trip sot temperature switches _______________________________________________________________________________________ 7 part suffix trip point ( c) top mark max6505 utn035 -35 aakk max6505 utn030 -30 aakl max6505 utn025 -25 aakm max6505 utn020 -20 aakn max6505 utn015 -15 aako max6505 utn010 -10 aakp max6505 utn005 -5 aakq max6505 utp000 0 aakr max6505 utp005 5 aaks max6505 utp010 10 aakt max6505 utp015 15 aaku max6505 utp020 20 aakv max6505 utp025 25 aakw max6505 utp030 30 aakx max6505 utp035 35 aaky max6505 utp040 40 aakz max6505 utp045 45 aala max6505 utp050 50 aalb max6505 utp055 55 aalc max6505 utp060 60 aald max6505 utp065 65 aale max6505 utp070 70 aalf max6505 utp075 75 aalg max6505 utp080 80 aalh max6505 utp085 85 aali max6505 utp090 90 aalj max6505 utp095 95 aalk max6505 utp100 100 aall max6505 utp105 105 aalm max6505 utp110 110 aaln max6505 utp115 115 aalo max6505 utp120 120 aalp max6505 utp125 125 aalq part suffix trip point ( c) top mark max6506 utn035 -35 aalr max6506 utn030 -30 aals max6506 utn025 -25 aalt max6506 utn020 -20 aalu max6506 utn015 -15 aalv max6506 utn010 -10 aalw max6506 utn005 -5 aalx max6506 utp000 0 aaly max6506 utp005 5 aalz max6506 utp010 10 aama max6506 utp015 15 aamb max6506 utp020 20 aamc max6506 utp025 25 aamd max6506 utp030 30 aame max6506 utp035 35 aamf max6506 utp040 40 aamg max6506 utp045 45 aamh max6506 utp050 50 aami max6506 utp055 55 aamj max6506 utp060 60 aamk max6506 utp065 65 aaml max6506 utp070 70 aamm max6506 utp075 75 aamn max6506 utp080 80 aamo max6506 utp085 85 aamp max6506 utp090 90 aamq max6506 utp095 95 aamr max6506 utp100 100 aams max6506 utp105 105 aamt max6506 utp110 110 aamu max6506 utp115 115 aamv max6506 utp120 120 aamw max6506 utp125 125 aamx table 3. max6505/max6506 suffix and top mark codes
temperature-window alarm the max6507 and max6508 have an output (ok, ok ) that indicates the die temperature is within the selected temperature window. this output is asserted when within the window, and deasserted when outside the window. additionally, a second digital output indicates when the die temperature is above the upper set point. this is useful in systems where operation is optimized over a predetermined temperature range. the thermal overrange signal can be used to assert a thermal shut- down, power-up, recalibration, or other temperature- dependent function (figure 4 and typical operating circuits ). chip information transistor count: 796 process: bicmos trip temperature ( c) hex code* -40 82 -35 87 -30 8c -25 91 -20 96 -15 9b -10 a0 -5 a5 000 505 10 0a 15 0f 20 14 25 19 30 1e 35 23 40 28 45 2d 50 32 55 37 60 3c 65 41 70 46 75 4b 80 50 85 55 90 5a 95 5f 100 64 105 69 110 6e 115 73 120 78 125 7d max6505?ax6508 dual trip sot temperature switches 8 _______________________________________________________________________________________ table 4. max6507/max6508 trip temperature code *two hex codes are used in the suffix. the first indicates the the low trip temperature and the second indicates the high trip temperature. for example, the max6507ut8255-t has a lower trip point of -40 c and an upper trip point of +85 c. +2.5v to +5.5v out of range shutdown s0 over gnd v cc ok max6508 figure 4. temperature-window alarms
max6505?ax6508 dual trip sot temperature switches _______________________________________________________________________________________ 9 +2.5v to +5.5v s1 s0 warn gnd fan v cc v cc alarm max6506 +2.5v to +5.5v s0 over gnd v cc max6508 ok +2.5v to +5.5v s1 s0 warn gnd v cc alarm max6505 int shdn r 1 r 2 gnd v cc p int gnd v cc p fan v cc int gnd v cc p typical operating circuits part output logic output stage temperature threshold range max6505 alarm , warn open drain -40 c to +125 c max6506 alarm, warn push-pull -40 c to +125 c max6507 over , ok open drain -40 c to +125 c max6508 over, ok push-pull -40 c to +125 c selector guide
max6505?ax6508 dual trip sot temperature switches 10 ______________________________________________________________________________________ package information 6lsot.eps
max6505?ax6508 dual trip sot temperature switches ______________________________________________________________________________________ 11 notes
max6505?ax6508 dual trip sot temperature switches maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 12 ____________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ? 2000 maxim integrated products printed usa is a registered trademark of maxim integrated products. notes
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > t emperature sens ors max6505, max6506, max6507, max6508 dual trip sot temperature switches dual temperature comparators in a sot23! small, simple, and low-power quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-217 of 217 m ax6505 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6505utp070 -40c to +85c rohs/lead-free: see data sheet max6505utp070-t -40c to +85c rohs/lead-free: see data sheet max6505utp030+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp005 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp010+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp010 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp015+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp015 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp020+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp020 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp025+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp025 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6505utp030 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp035+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp035 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp040+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp005+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp000 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn005+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn005 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn010+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn010 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn015+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn015 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn020+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn020 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn025+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn025 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn030+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn030 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn035+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn035 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp000+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp040 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp045+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis
max6505utp125 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp090 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp095+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp095 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp100+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp100 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp105+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp105 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp110+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp110 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp115+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp115 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp120+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp120 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp125+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp090+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp085 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp085+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp045 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp050+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp050 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp055+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp055 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6505utp060+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp060 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp065+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp080+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp075 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp075+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp070+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp080 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp065 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp065+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp060+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp055+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp080+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp050+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp045+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp040+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp035+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp030+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp070+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp075+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn025+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp125+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp120+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis
max6505utp115+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp110+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp105+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp100+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp095+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp090+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp025+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp020+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp005-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp095-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp100-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp105-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp110-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp115-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp120-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp125-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn035-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn025-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn020-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn015-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn010-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn005-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp090-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6505utp085-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp010-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp015-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp020-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp025-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp030-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp035-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp040-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp045-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp055-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp060-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp065-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6505utp000-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp080-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp050-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utn030-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp015+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp075-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6505utp085+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn005+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn010+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn015+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn020+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis
max6505utp010+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn030+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utn035+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp000+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6505utp005+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis m ax6506 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6506utp130 -40c to +85c rohs/lead-free: see data sheet max6506utp080+t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6506utp080+ sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s+3 * -40c to +85c rohs/lead-free: lead free materials analysis max6506utp100 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp105 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp110 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp115 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp120 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp125 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp015 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp000 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp095 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp085 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utn030 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn035 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp050 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp005 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6506utp010 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp020 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp025 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp030 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp035 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn025 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn020 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn015 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp080 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp075 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp070 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp065 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp060 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp045 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp055 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn005 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn010 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp040 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp090 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp055-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp060-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp065-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp075-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6506utp080-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp085-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp090-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp095-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp100-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp105-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp110-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp115-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp120-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp070-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp125-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp130-t -40c to +85c rohs/lead-free: see data sheet max6506utp050-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6506utp045-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn005-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn030-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn010-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn015-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn020-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn025-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utn035-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp000-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp005-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis
max6506utp010-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp040-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp035-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp030-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp025-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp020-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis max6506utp015-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: see data sheet materials analysis m ax6507 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6507ut002d sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut0a32 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut8255 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut052d sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut0a32-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut002d-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut052d-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6507ut8255-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis m ax6508 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is max6508ut824b-t -40c to +85c rohs/lead-free: see data sheet max6508ut002d -40c to +85c rohs/lead-free: see data sheet max6508ut0a32 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6508ut8255 sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6508ut8255-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis max6508ut0a32-t sot-23;6 pin;9 mm dwg: 21-0058i (pdf) use pkgcode/variation: u6s-3 * -40c to +85c rohs/lead-free: no materials analysis
max6508ut002d-t -40c to +85c rohs/lead-free: see data sheet didn't find what you need? next day product selection assistance from applications engineers parametric search applications help quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -1 7 1 2 ; rev 1 ; 2 0 0 0 -0 6 -3 0 t his page las t modified: 2 0 0 7 -0 7 -2 3 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of MAX6508UTA5-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X