Part Number Hot Search : 
32BCJ 2N11F LIS331D AUDIO CHIPS E2409XSR 2903069 0US60
Product Description
Full Text Search
 

To Download KUX02WWCPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for product data sheets, visit www .cooperbussmann.com/products/datasheet.asp 303 wire connection products wire management products base mount double row terminal blocks series ku specifications description: base mount double row terminal blocks. ratings: volts: 600v amps: 60a* center spacing: 0.625 (15.88mm). poles: 2-12. wire range: #6-22 awg cu. screw size: #10-32 nickel-plated brass. torque rating: 20 in-lb. distance between barriers: 0.437 (11.09mm). mounting: base mount. for 35mm din rail mountable, add nd prefix. construction: molded, black thermoplastic base with nickel-plated brass terminals. operating temperature: 105c max. agency information: ul/csa; ce certified. flammability rating: ul 94v0. * 60a rating achieved with #6 copper wire crimped to ring terminal. dimensions - in ku kux only poles a b a 02 2.50 1.62 2.00 03 3.12 2.25 2.62 04 3.75 2.87 3.25 05 4.37 3.50 3.87 06 5.00 4.12 4.50 07 5.62 4.75 5.12 08 6.25 5.37 5.75 09 6.87 6.00 6.37 10 7.50 6.62 7.00 11 8.12 7.25 7.62 12 8.75 7.87 8.25 1 = 25.4mm. mtmu## num## ju12 nue nuc## molded marking tape molded marking tape jumper end piece for nuc cover matte finish 12 circuits 1.25 (31.8) a b #10 s crew clearance 0.62 (15.9) 1.50 (38.1) 2.00 (50.8) 0.43 (11.1) 0.50 (12.7) accessories series ku - in (mm) catalog number build-a-code series poles screw options covers marking strip ku = standard block 02 to 12 00 = screws shipped bulk wc = top cover & mt = matte finish kuh = block w = brass washer head, 2 end plates nu = numbered 1 to 12, horizontal kux = short block nickel-plated nuv = numbered 1 to 12, vertical kusc = standard w/shorting strap p = steel screw w/pressure plate pt = marker strip for cover & 4 shorting screws zinc-plated kurl = standard w/removable link b = brass washer head, no plating kuxsc = short block w/shorting strap bp = brass philslot, nickel-plated & 4 shorting screws kuxrl = short block w/removable link


▲Up To Search▲   

 
Price & Availability of KUX02WWCPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X