description ?time delay, low breaking capacity ?5mm x 20mm physical size ?glass tube, nickel-plated brass endcap construction ?optional axial leads are .032" x 1.5" copper tinned ?optional sleeve is flexible flouropolymer (u.l. flammability rating vw-1). ?designed to iec 60127-2-3 ordering ?specify product code, option code and packaging code approvals ul recognized card: 32ma-6.3a (jdyx2, e75865) semko approval, 32ma-6.3a vde approval, 32ma-5a bsi approval, 32ma-6.3a ? mq approval, 32ma-6.3a ? iti approval, 1a-6.3a dimensions drawing not to scale 5mm x 20mm fuses gdc series, time delay, glass tube specifications v oltage interrupting rating typical dc typical typical product code rating at rated voltage (50hz) cold resistance melting i 2 t (a 2 sec) voltage ac a c/dc (ohms)* ac? drop (mv) gdc-32ma 250v 35a 21.7 0.0014 1050 gdc-40ma 250v 35a 14.2 0.0034 920 gdc-50ma 250v 35a 9.5 0.006 800 gdc-63ma 250v 35a 7.1 0.012 760 gdc-80ma 250v 35a 4.5 0.015 580 gdc-100ma 250v 35a 2.8 0.022 490 gdc-125ma 250v 35a 2.0 0.034 390 gdc-160ma 250v 35a 1.3 0.052 320 gdc-200ma 250v 35a 1.0 0.078 340 gdc-250ma 250v 35a 0.66 0.17 270 gdc-315ma 250v 35a 0.46 0.41 250 gdc-400ma 250v 35a 0.37 0.61 210 gdc-500ma 250v 35a 0.268 0.75 180 gdc-630ma 250v 35a 0.191 1.3 160 gdc-800ma 250v 35a 0.131 3.1 140 gdc-1a 250v 35a 0.064 3.6 80 gdc-1.25a 250v 35a 0.046 7 75 gdc-1.6a 250v 35a 0.039 10 75 GDC-2A 250v 35a 0.029 17 75 gdc-2.5a 250v 35a 0.024 34 75 gdc-3.15a 250v 35a 0.18 56 70 gdc-4a 250v 35a 0.13 91 70 gdc-5a 250v 35a 0.010 133 65 gdc-6.3a 250v 35a 0.009 270 65 * dc cold resistance (measured at <10% of rated current) ?t ypical melting i 2 t (i 2 t was measured at listed interrupting rating and rated voltage) maximum voltage drop (voltage drop was measured at 20? ambient temperature at rated current) gdc electrical characteristics 2.1 in 2.75 in 4 in 10 in in max min max min max min max 32ma-100ma 2 min 200 ms 10 sec 40 ms 3 sec 10 ms 300 ms 125ma-6.3a 2 min 600 ms 10 sec 150 ms 3 sec 20 ms 300 ms
time current curve 5mm x 20mm fuses gdc series, time delay, glass tube visit us on the web at www.cooperet.com 3601 quantum boulevard boynton beach, florida 33426-8638 t el: +1-561-752-5000 toll free: +1-888-414-2645 fax: +1-561-742-1178 this bulletin is intended to present product design solutions and technical information that will help the end user with design applications. cooper electronic technologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper electronic technologies also reserves the right to change or update, without notice, any technical informa tion contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. oc-2570 7/01 ? cooper electronic t echnologies 2001 pa ckaging code pa ck a ging code description bk 100 pieces of fuses packed into a cardboard carton with flaps folded bk1 1,000 pieces of fuses packed into a poly bag tr2 1,500 pieces of fuses packed into tape on a reel option code option code description s sealed with a flouropolmer sleeve to withstand aqueous cleaning v axial leads - copper tinned wire with nickel plated brass overcaps
|