Part Number Hot Search : 
M1628 3EZ180D5 MP100 DG182BA 0024A LTC1606 TDA20 MC145421
Product Description
Full Text Search
 

To Download F538LA-1800MHZ-EE0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed features ? 3.3v operation ? standby function ? tape and reel (1,000 pcs. std) frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm 25ppm 20ppm operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 1.800 ~ 50.000 f530la f530lar f535la f535lar f536la f536lar f538la options ? 5.0v (f550l) version available 1.800 ~ 50.000 mhz -55oc ~ +125oc 3.3v 5% 2.5ma 3.5ma 45% ~ 55% 12ns 12ns 10% v dd 90% v dd min 2ma min -2ma min 15pf 1a 5ms 150ns 5ms 260oc / 10 seconds 1 au parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) (no load) 1.800 ~ 32.000 mhz 32.000+ ~ 50.000 mhz output symmetry (50% v dd ) rise time (10% ~ 90% v dd ) (t r ) fall time (90% ~ 10% v dd ) (t f ) output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 refow soldering temp moisture sensitivity level (msl) termination finish ? electrical characteristics max (unless otherwise noted) output (pin 3) active active high z ? e na b le / d isa b le f unction inh (pin 1) open 2 '1' level v ih 70% v dd '0' level v il 30% v dd model number part number 474a-frequency-xxxxx 475a-frequency-xxxxx 476a-frequency-xxxxx 550a-frequency-xxxxx 492a-frequency-xxxxx 636a-frequency-xxxxx 546a-frequency-xxxxx ? part num b er selection learn more - internet required hcmos 5x3.2mm 3.3v smd oscillator rev. 5/7/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f530la series page 1 of 2 1 inclusive operating temperature range, input voltage change, load change, aging, shock, and vibration. 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: a 0.01f capacitor should be placed between v dd (pin 4) and gnd (pin2) to minimize power supply noise. drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. low current 5.0 0.2 1.3 max solder pad layout recommended 3.2 0.2 2.540.1 1.2 pin connections #1 e/d #2 gnd #3 output #4 v dd 1.0 2.25 1.24 2.54 1.29 # 1 # 2 # 4 # 3 # 1 # 2 # 3 # 4 top view bottom view dot denotes pin 1
37 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed hcmos 5x3.2mm 3.3v smd oscillator rev. 5/7/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f530la series page 2 of 2 low current ? tape specifications (millimeters) model f530la series a ? 1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.5 std reel qty 1,000 ? reel specifications (millimeters) g 2.0 h ? 13 i ? 21 j ? 62 k ? 180 l 13.5 m 2.0 model f530la series


▲Up To Search▲   

 
Price & Availability of F538LA-1800MHZ-EE0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X