Part Number Hot Search : 
AQW212 IRFS4 LT1230C TEVAL C5886A P00PC C10TJ DF08STR
Product Description
Full Text Search
 

To Download F518L-1800MHZ-EE0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed features ? 1.8v operation ? hcmos output ? low power consumption ? standby function ? tape and reel (1,000 pcs. std) frequency stability 1 100ppm 100ppm 50ppm 50ppm 25ppm 25ppm* 20ppm* operating temperature (oc) -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 -40 ~ +85 -10 ~ +70 frequency range (mhz) 1.800 ~ 125.000 1.800 ~ 125.000 1.800 ~ 125.000 1.800 ~ 125.000 1.800 ~ 125.000 1.800 ~ 50.000 1.800 ~ 50.000 f510l f510lr f515l f515lr f516l f516lr f518l model number 1 inclusive of 25oc tolerance, operating temperature range, input voltage change, load change, aging, shock, and vibration. *excludes shock/vibration 2 an internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open. note: a 0.01f capacitor should be placed between v dd (pin 4) and gnd (pin2) to minimize power supply noise. drawing is for reference to critical specifcations defned by size measurements. certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may vary. all specifcations subject to change without notice. 1.800 ~ 125.000 mhz -55oc ~ +125oc 1.8v 5% 7ma 15ma 25ma 40% ~ 60% 5ns 3.5ns 5ns 3.5ns 20% v dd 80% v dd min 2ma min 2ma min 15pf 10a 10ms 300ns 10ms parameters frequency range (f o ) storage temperature range (t stg ) supply voltage (v dd ) input current (i dd ) 1.800 ~ 32.100 mhz 32.100+ ~ 50.000 mhz 50.000+ ~ 125.000 mhz output symmetry (50% v dd ) rise time (20% ~ 80% v dd ) (t r ) 1.800 ~ 32.100 mhz 32.100+ ~ 125.000 mhz fall time (80% ~ 20% v dd ) (t f ) 1.800 ~ 32.100 mhz 32.100+ ~ 125.000 mhz output voltage (v ol ) (v oh ) output current (i ol ) (i oh ) output load (hcmos) standby current start-up time (t s ) output disable time 2 output enable time 2 ? electrical characteristics max (unless otherwise noted) output (pin 3) active active high z ? en a b le / d isa b le f u n ctio n inh (pin 1) open 2 '1' level v ih 70% v dd '0' level v il 30% v dd ? part n um b er selectio n learn more - internet required part number 551-frequency-xxxxx 552-frequency-xxxxx 553-frequency-xxxxx 554-frequency-xxxxx 555-frequency-xxxxx 556-frequency-xxxxx 557-frequency-xxxxx hcmos 5x3.2mm 1.8v smd oscillator rev. 5/7/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f510l series page 1 of 2 5.0 0.2 1.3 max solder pad layout recommended 3.2 0.2 2.540.1 1.2 pin connections #1 e/d #2 gnd #3 output #4 v dd 1.0 2.25 1.24 2.54 1.29 # 1 # 2 # 4 # 3 # 1 # 2 # 3 # 4 top view bottom view dot denotes pin 1 all dimensions are in millimeters.
31 fox electronics 5570 enterprise parkway fort myers, florida 33905 usa +1.239.693.0099 fax +1.239.693.1554 http://www.foxonline.com emea tel/fax: +44 .1767.312632 | asia hong kong tel: +852.2854.4285 fax +852.2854.4282 | japan tel: +81.3.3374/2079 fax: +81.3.3374.5221 ? 2009 fox electronics | iso9001:2000 certifed hcmos 5x3.2mm 1.8v smd oscillator rev. 5/7/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f510l series page 1 of 2 hcmos 5x3.2mm 1.8v smd oscillator rev. 5/7/2009 rohs compliant / pb free http://www.foxonline.com/need_a_sample.htm model: f510l series page 2 of 2 ? tape specificatio n s (millimeters) model f510l series a ? 1.5 b 4.0 c 8.0 d 5.5 e 12.0 f 1.5 std reel qty 1,000 ? reel specificatio n s (millimeters) g 2.0 h ? 13 i ? 21 j ? 62 k ? 180 l 13.5 m 2.0 model f510l series


▲Up To Search▲   

 
Price & Availability of F518L-1800MHZ-EE0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X