Part Number Hot Search : 
13MSWX7F 54FCT CY6214 R48S1 74HC244 45MTC M050B 2SD2249
Product Description
Full Text Search
 

To Download CW201212-R33J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 09/09 *rohs compliant *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cw201212 series - high q chip inductors features 0805 size available in e12 series high q up to 80 typ. high operating temperature of 125 c small size of only 2.0 mm lead free applications mobil phones cellular phones ctv, vcr, hic, fdd electrical specifications product dimensions recommended layout 0.5 (.020) 1.3 0.2 (.051 .008) 1.5 0.2 (.059 .008) 1.78 (.070) ref. ref. ref. ref. 0.5 (.020) 2.1 0.2 (.083 .008) 0.5 (.020) 0.76 (.030) 1.02 (.040) 1.02 (.040) general specifications temperature rise ...................40 ?c max. at rated current operating temperature ..................................-40 c to +125 c storage temperature..-40 c to +125 c reflow soldering ...230 c, 50 sec. max. resistance to soldering heat .................................260 ?c, 5 seconds materials core material -2n2j through -r39j ..............ceramic -r47j through -r91j..................ferrite wire ........enamelled copper (1w1e180) terminal............................mo/mn+ni+au packaging..................2,000 pcs. per reel dimensions: mm (inches) bourns part no. inductance q test freq. mhz srf min. rdc i rms nh tol. % min. l q mhz ohms ma max. cw201212-2n2j 2.2 5 50 250 1000 6000 0.06 600 cw201212-2n7j 2.7 5 35 250 1000 6000 0.08 600 cw201212-2n8j 2.8 5 32 250 1000 6000 0.06 800 cw201212-3n3j 3.3 5 30 250 1500 6000 0.08 600 cw201212-3n9j 3.9 5 60 250 1000 6000 0.06 600 cw201212-4n7j 4.7 5 60 250 1000 5800 0.06 600 cw201212-5n6j 5.6 5 60 250 1000 5800 0.08 600 cw201212-6n8j 6.8 5 60 250 1000 5800 0.06 600 cw201212-8n2j 8.2 5 60 250 1000 5500 0.06 600 cw201212-10nj 10 5 60 250 500 4800 0.08 600 cw201212-12nj 12 5 60 250 500 4100 0.08 600 cw201212-15nj 15 5 60 250 500 3600 0.08 600 cw201212-18nj 18 5 60 250 500 3400 0.08 600 cw201212-22nj 22 5 60 250 500 3300 0.10 600 cw201212-27nj 27 5 60 250 500 2600 0.12 600 cw201212-33nj 33 5 60 250 500 2400 0.15 500 cw201212-39nj 39 5 60 250 500 2100 0.18 500 cw201212-47nj 47 5 60 200 500 1700 0.15 500 cw201212-56nj 56 5 60 200 500 1600 0.25 500 cw201212-68nj 68 5 60 200 500 1450 0.27 500 cw201212-82nj 82 5 60 150 500 1350 0.32 500 cw201212-r10j 100 5 60 150 500 1200 0.43 400 cw201212-r12j 120 5 50 150 250 1100 0.48 400 cw201212-r15j 150 5 50 100 250 950 0.67 400 cw201212-r18j 180 5 50 100 250 900 0.85 350 cw201212-r22j 220 5 50 100 250 860 1.10 300 cw201212-r27j 270 5 45 100 250 850 1.46 250 CW201212-R33J 330 5 45 100 250 800 1.65 200 cw201212-r39j 390 5 45 100 250 780 2.20 170 cw201212-r47j 470 5 33 250 100 375 1.72 250 cw201212-r56j 560 5 23 50 50 340 1.90 230 cw201212-r68j 680 5 23 25 50 270 2.05 190 cw201212-r82j 820 5 23 25 50 230 2.30 180 cw201212-r91j 910 5 22 22 50 220 2.50 150 packaging specifications 10.0 (.393) 12.5 (.492) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 8.0 (.315) note: 2 % tolerance available for inductance ranges of 12 nh and up. replace j with g. *rohs compliant


▲Up To Search▲   

 
Price & Availability of CW201212-R33J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X