Part Number Hot Search : 
2SK0601 R05H12 ILD223 L1040 GP1006 A71A1 GP1006 GF1004
Product Description
Full Text Search
 

To Download CW160808-72NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs compliant *rohs directive 2002/95/ec jan 27, 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 12/10 cw160808 series - high q chip inductors features 0603 size available in e12 series high q up to 80 typ. high operating temperature of 125 c small size of only 1.6 mm rohs compliant* applications mobil phones cellular phones ctv, vcr, hic, fdd electrical specifications product dimensions recommended layout 0.35 (.014) 1.0 0.2 (.040 .008) 1.05 0.2 (.041 .008) 1.2 (.047) ref. ref. ref. ref. 0.35 (.014) 1.65 0.2 (.065 .008) 0.35 (.014) 0.64 (.025) 0.7 (.028) 0.7 (.028) general specifications temperature rise ...................20 ?c max. at rated current operating temperature ..................................-40 c to +125 c storage temperature .................................-40 c to +125 c reflow soldering ...230 c, 50 sec. max. resistance to soldering heat ...............................260 ?c, 10 seconds materials core material ..............................alumina (1cc150707-302291)) wire ........enamelled copper (1w1e180) terminal............................mo/mn+ni+au encapsulate epoxy (1eas-uv300) packaging...................3,000 pcs per reel dimensions: mm (inches) bourns part no. inductance q test freq. mhz srf min. rdc i rms nh tol. % min. l q mhz ohms ma max. cw160808-1n8m 1.8 20 16 250 250 6000 0.04 700 cw160808-2n2d 2.2 15 16 250 250 6000 0.08 700 cw160808-3n9j 3.9 5 16 250 250 6000 0.08 700 cw160808-4n7j 4.7 5 16 250 250 5800 0.10 700 cw160808-6n8j 6.8 5 25 250 250 5800 0.11 700 cw160808-8n2j 8.2 5 30 250 250 5000 0.11 700 cw160808-10nj 10 5 30 250 250 4800 0.13 700 cw160808-12nj 12 5 30 250 250 4000 0.13 700 cw160808-15nj 15 5 30 250 250 4000 0.17 700 cw160808-18nj 18 5 30 250 250 3100 0.17 700 cw160808-22nj 22 5 35 250 250 3000 0.19 700 cw160808-27nj 27 5 35 250 250 2800 0.22 600 cw160808-33nj 33 5 35 250 250 2300 0.22 600 cw160808-39nj 39 5 35 250 250 2200 0.25 600 cw160808-47nj 47 5 35 200 250 2100 0.28 600 cw160808-56nj 56 5 35 200 250 1900 0.31 600 cw160808-68nj 68 5 35 200 250 1700 0.34 600 CW160808-72NJ 72 5 34 200 250 1700 0.49 400 cw160808-82nj 82 5 34 150 250 1700 0.54 400 cw160808-r10j 100 5 34 150 250 1400 0.71 400 cw160808-r12j 120 5 32 150 250 1350 0.79 300 cw160808-r15j 150 5 28 150 150 1300 0.92 280 cw160808-r18j 180 5 25 100 100 990 1.25 240 cw160808-r22j 220 5 25 100 100 990 1.90 200 cw160808-r27j 270 5 25 100 100 990 2.30 170 packaging specifications 10.0 (.393) 12.5 (.492) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.00) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 0.10 (.004) thickness max. 8.0 (.315) *rohs compliant


▲Up To Search▲   

 
Price & Availability of CW160808-72NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X