Part Number Hot Search : 
24AA01T GBJ608 H11A3SVM 300PS24 SD530 54LS367 13002 T3055EL
Product Description
Full Text Search
 

To Download CV201210-R12K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bourns part no. inductance q test freq. srf mhz dcr i rms h tol. % min. l,q mhz min. m 1 max. ma max. c v201210-47nk 0.047 10 15 50* 320 200 300 cv201210-68nk 0.068 10 15 50 280 200 300 cv201210-82nk 0.082 10 15 50 255 200 300 cv201210-r10k 0.10 10 20 25 235 300 250 CV201210-R12K 0.12 10 20 25 220 300 250 cv201210-r15k 0.15 10 20 25 200 400 250 cv201210-r18k 0.18 10 20 25 185 400 250 cv201210-r22k 0.22 10 20 25 170 500 250 cv201210-r27k 0.27 10 20 25 150 500 250 cv201210-r33k 0.33 10 20 25 145 550 250 cv201210-r39k 0.39 10 25 25 135 650 200 cv201210-r47k 0.47 10 25 25 125 650 200 cv201210-r56k 0.56 10 25 25 115 750 150 cv201210-r68k 0.68 10 25 25 105 800 150 cv201210-r82k 0.82 10 25 25 100 1000 150 cv201210-1r0k 1.0 10 45 10 75 400 50 cv201210-1r2k 1.2 10 45 10 65 500 50 cv201210-1r5k 1.5 10 45 10 60 500 50 cv201210-1r8k 1.8 10 45 10 55 600 50 cv201210-2r2k 2.2 10 45 10 50 650 30 cv201210-2r7k 2.7 10 45 10 45 750 30 cv201210-3r3k 3.3 10 45 10 41 800 30 cv201210-3r9k 3.9 10 45 10 38 900 30 cv201210-4r7k 4.7 10 45 10 35 1000 30 cv201210-5r6k 5.6 10 45 4 32 900 15 cv201210-6r8k 6.8 10 45 4 29 1000 15 cv201210-8r2k 8.2 10 45 4 26 1100 15 cv201210-100k 10 10 45 2 24 1150 15 cv201210-120k 12 10 45 2 22 1250 5 cv201210-150k 15 10 30 1 19 800 5 cv201210-180k 18 10 30 1 18 900 5 cv201210-220k 22 10 30 1 16 1100 5 cv201210-270k 27 10 30 1 14 1150 5 cv201210-330k 33 10 30 0.4 13 1250 5 9.0 (.354) 12.0 (.472) 2.0 0.8 (.079 .031) 60.0 (2.362) 178.0 (7.00) dia. 13.5 0.5 (.531 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) packaging specifications cv201210 series - ferrite multi-layer chip inductors features  0805 size  magnetic shielding  height as low as 0.85 mm  nickel barrier  lead free applications  prevention of electromagnetic interference to signals on the secondary side of electronic equipment electrical specifications product dimensions recommended layout 2.0 0.2 (.079 .008) 0.5 0.3 (0.02 0.008) 1.25 0.20 (0.49 0.008) a 0.20 (a 0.008) general specifications temperature rise ...................30 ?c max. at rated current operating temperature ..................................-55 c to +125 c storage temperature .................................-55 c to +125 c reflow soldering ...230 c, 50 sec. max. resistance to soldering heat ...............................260 ?c, 10 seconds materials base material ................................ferrite terminal.....................................ag/ni/sn packaging: 0.85 mm product height ................................4,000 pcs. per reel 1.25 mm product height ................................2,000 pcs. per reel 1.0 (.039) 1.0 (.039) 3.0 (.118) dimensions: mm (inches) model dimension a c v201210-47nk through cv201210-r39k cv201210-r47k through cv201210-r82k cv201210-1r0k through cv201210-2r2k cv201210-2r7k through cv201210-330k 0.85 (0.033) 1.25 (0.050) 0.85 (0.033) 1.25 (0.050) *test frequency for l (inductance) of cv201210-47nk is 10 mhz. 20 *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant
specifications are subject to change without notice. customers should verify actual device performance in their specific applications. cv201210 series - ferrite multi-layer chip inductors 21 rev. 06/05 1 10 100 0 20 40 60 80 100 120 1 10 100 1000 dc current (ma) frequency (mhz) frequency (mhz) frequency (mhz) q characteristics dc bias characteristics inductance characteristics impedance characteristics 0.1 1 10 100 inductance ( h) q inductance ( h) impedance (ohms) 1 10 100 1000 0.1 1 10 100 1 10 100 1000 1 10 100 1000 10000 330 330 330 150 4r7 4r7 4r7 1r0 1r0 r10 1r0 330 100 100 4r7 1r2 r12 electrical specifications


▲Up To Search▲   

 
Price & Availability of CV201210-R12K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X