Part Number Hot Search : 
BAS70 AD7769AN 2SA1798T GBLA10 MM1285 8B103 2SA1798T P9803
Product Description
Full Text Search
 

To Download CRS1206-8W-73R2FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5900 shepherd mountain cove ? austin, tx 78730 phone: 512 / 794-0081 ? fax: 512 / 794-0087 ? toll free: 800 / 950-8365 e-mail: sales@venkel.com ? www.venkel.com 46 thick film chip resistors anti-sulfuration l w t cc dd 3 digit (j tol.) jumper e.g.2r2=2.27 103=10k7 4 digit (f tol.) e.g.10r2=10.27 1002=10k7 103 packaging b:bulk t:tape add only if 13" reel required t crs1206-8w series j tolerance at 25n c f: o 1% j: o 5% ? 13 ? 0603 ? 1% chip resistors may not be marked. (for crs series) please consult your salesperson if marking is required. (see the data sheet on marking codes) *e-24 standard resistance values that are available in 1%, may be marked with a 3-digit code identifier. * note: 0201 and 0402 resistors cannot be marked. (no tolerence specified for the zero ohm) 3 zero?s ? high stability thick film chip resistor ? special (patented) termination prevents sulfuration in a sulfur containing environment ? tcr 100ppm features specifications rating series rated power maximum maximum overload operating resistance at 70c working voltage voltage temperature range range crs0201-20w 0.05w 25v 50v -55c ~ 150c 10w ~ 1mw crs0402-16w 0.063w 50v 100v -55c ~ 150c 1w ~ 1mw crs0603-16w 0.063w 75v 150v -55c ~ 150c 1w ~ 1mw crs0805-10w 0.10w 150v 200v -55c ~ 150c 1w ~ 1mw crs1206-8w 0.125w 175v 300v -55c ~ 150c 1w ~ 1mw crs1210-4w 0.25w 200v 400v -55c ~ 150c 1w ~ 1mw crs0201 crs0402 crs0603 crs0805 crs1206 crs1210 l 0.024 .002 0.040 .002 0.063 .008 0.079 .008 0.126 .008 0.126 .008 (0.6 0.05) (1.0 0.05) (1.6 0.2) (2.0 0.2) (3.2 0.2) (3.2 0.2) w 0.012 .001 0.020 .002 0.031 .008 0.050 .008 0.063 .008 0.098 .006 (0.3 0.02) (0.5 0.05) (0.8 0.2) (1.25 0.02) (1.6 0.2) (2.50 0.15) t 0.010 .002 0.014 .002 0.014 .004 0.018 .006 0.022 .006 0.022 .006 (0.25 0.05) (0.35 0.05) (0.45 0.10) (0.45 0.15) (0.57 0.15) (0.56 0.15) c 0.006 .002 0.008 .004 0.010 .006 0.016 .008 0.018 .008 0.018 .008 (0.15 0.05) (0.2 0.01) (0.25 0.15) (0.4 0.2) (0.45 0.2) (0.45 0.2) d 0.006 .002 0.008 .004 0.010 .006 0.012 .008 0.012 .008 0.012 .008 (0.15 0.05) (0.2 0.01) (0.25 0.15) (0.3 0.2) (0.3 0.2) (0.3 0.2) unit: inches (mm) note: markings on thick film chip resistors may have an internal lot identification code or the e-24 (5%) or e-96 (1%) marking code. if value identification is required, please consult your sales person for availability. values available in the e-24 series that are crossover values (same value for 1% and 5%) will typically be marked with a 3-digit e-24 series marking code. how to order structure
5900 shepherd mountain cove ? austin, tx 78730 phone: 512 / 794-0081 ? fax: 512 / 794-0087 ? t oll free: 800 / 950-8365 e-mail: sales@venkel.com ? www .venkel.com 47 anti-sulfuration test data venkel ltd. manufacturers all anti-sulfuration thick film chip resistors to meet or exceed astm b809 testing criteria and guidelines. test conditions: chip resistors are mounted on the test board with the power on and kept in the atmosphere of 5 0? c, relative humidity of 95% and present in the atmosphere is h 2 s C 3ppm. 10 pieces each of regular chip resistors and anti-sulfuration chip resistors were tested. hours >> 1,000 2,000 3,000 4,000 4,500 5,000 5,500 6,000 6,500 7,000 8,000 8,500 9,000 regular chip r esistors o ooo x1 x2 x1 x1 x3 x1 x1 CC anti-sulfuration chip resistors o ooooooooooo o o = no failure. x1 = 1 failure. x2 = 2 failures. x3 = 3 failures. test results: regular chip resistors start failing (open) from 4,500 hours and by 8,500 hours, all have failed (opened). anti-sulfuration chip resistors have no failures up to 9,000 hours and beyond.


▲Up To Search▲   

 
Price & Availability of CRS1206-8W-73R2FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X