Part Number Hot Search : 
1N5408 E005082 E000477 2N5401 SUF520J 1N6267 LB602MF B9947
Product Description
Full Text Search
 

To Download CRCW0603100KJNECIF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead (pb)-free thick film, rectangular, pulse proof chip resistors d../crcw....-if e3 vishay www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20024 1 revision: 13-oct-08 features ? high pulse performance ? metal glaze on high quality ceramic ? protective overglaze ? lead (pb)-free solder contacts on ni barrier layer ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? compatible with ?restriction of the use of hazardous substances? (rohs) directive 2002/95/ec (issue 2004) ? excellent stability ( r/r 1 % for 1000 h at 70 c) in different environmental conditions notes ? these resistors do not feature a limited lifetime when operated wi thin the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby es tablishing a functional lifeti me. ? marking and packaging: see appropr iate catalog or web pages ? power rating depends on the max. temperat ure at the solder point, the component pl acement density and the substrate material note (1) the power dissipation on the resi stor generates a temperature rise against the local ambient, depending on the heat flow suppor t of the printe-circuit board (thermal resistance). the rated dissipation applies only if the permitted film temperature of 155 c is n ot exceeded. notes (2) preferred way for ordering products is by use of the part number (3) please refer to table packaging, see next page standard electrical specifications model size power rating p 70 c w limiting element voltage max. v temperature coefficient ppm/k tolerance % resistance range e-series inch metric d10/crcw0402-if 0402 1005 0.063 50 200 5, 10 1r0 - 100k e24 d11/crcw0603-if 0603 1608 0.10 75 200 5, 10 1r0 - 100k e24 d12/crcw0805-if 0805 2012 0.125 150 200 5, 10 1r0 - 100k e24 d25/crcw1206-if 1206 3216 0.25 200 200 5, 10 1r0 - 100k e24 technical specifications parameter unit d10/crcw0402-if d11/crcw0603-if d12/crcw0805-if d25/crcw1206-if rated dissipation at p 70 (1) w 0.063 0.10 0.125 0.25 limiting element voltage u max. ac/dc v 50 75 150 200 insulation voltage u ins (1 min) v > 75 > 100 > 200 > 300 thermal resistance k/w 870 550 440 220 insulation resistance > 10 9 category temperature range c - 55 to + 155 weight mg 0.65 2 5.5 10 part number and product description part number: crcw08051r00jneaif (2) model/size value tolerance tcr packaging (3) special crcw0402 crcw0603 crcw0805 crcw1206 r = decimal k = thousand j = 5 % k = 10 % n = 200 ppm/k s = special ea, eb, ec ed, ee, ei, el up to 2 digits if = pulse product description: d12/crcw0805-if 200 1r0 5 % et1 e3 d12/crcw0805-if 200 1r0 5 % et1 e3 model tcr resistance value tolerance packaging (3) lead (pb)-free d10/crcw0402-if d11/crcw0603-if d12/crcw0805-if d12/crcw1206-if 200 ppm/k 1r0 = 1 10k = 10.0 k 5 % 10 % et1, et5, et6, et7, ef4, eg1, e20 e3 = pure tin terminal finish cw08051r 00 n a f cr je i
document number: 20024 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 2 d../crcw....-if e3 lead (pb)-free thick film, rectangular, pulse proof chip resistors vishay dimensions functional performance packaging model reel tape width diameter pitch pieces/ reel packing code part number product desc. paper blister paper blister d10/crcw0402-if 8 mm 180 mm/7" 2 mm 10 000 ed et7 330 mm/13" 2 mm 50 000 ee ef4 d11/crcw0603-if 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec el et6 e20 d12/crcw0805-if 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec el et6 e20 d25/crcw1206-if 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 15 000 el e20 330 mm/13" 4 mm 20 000 ec et6 size dimensions (in millimeters) solder pad dimensions (in millimeters) reflow soldering wave soldering inch metric l w h t1 t2 a b l a b l 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.10 - 0.20 1.25 0.15 0.45 0.05 0.3 0.2 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 i a b h t1 w l t2 1 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 maximum pulse dissipation as a function of the pulse duration, sin g le pulse maxim u m p u lse load, single p u lse; applica b le if p 0 and n 1000 and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration (s) pulse power (w) 0.1 0.01 10 100 1000 10 000 1206 0 8 05 0603 0402
www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20024 3 revision: 13-oct-08 d../crcw....-if e3 vishay lead (pb)-free thick film, rectangular, pulse proof chip resistors 1 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 100 maximum pulse dissipation as a function of the pulse duration, continuous pulse maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration (s) pulse power (w) 0.1 0.01 10 100 1000 10 000 1206 0 8 05 0603 0402 200 0.00001 0.0001 0.001 0.01 0.1 1 10 maximum permissible pulse volta g e as a function of pulse duration pulse duration (s) pulse volta g e (v) 100 0 300 400 500 8 00 600 700 maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation 1206 0 8 05 0603 0402 1 10 100 1000 10 000 100 000 sin g le-pulse hi g h volta g e overload test 1.2/50 s en140000 4.27 resistance value ( ) peak volta g e (v) 1 10 1000 100 p u lse load rating in accordance to e n 60115-1, 4.27; 1.2 s/50 s; 5 p u lses at 12 s inter v als; for permissi b le resistance change 1 % 1206 0 8 05 0603 0402
document number: 20024 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 4 d../crcw....-if e3 lead (pb)-free thick film, rectangular, pulse proof chip resistors vishay 1 100 000 sin g le-pulse hi g h volta g e overload test 10/700 s en140000 4.27 resistance value ( ) peak volta g e (v) 1 10 1000 100 p u lse load rating in accordance to e n 60115-1, 4.27; 10 s/700 s; 10 p u lses at 1 min inter v als; for permissi b le resistance change 1 % 10 100 1000 10 000 1206 0 8 05 0603 0402 0402 0603 0 8 05 1206 90 8 0 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w temperature rise in c temperature rise
www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20024 5 revision: 13-oct-08 d../crcw....-if e3 vishay lead (pb)-free thick film, rectangular, pulse proof chip resistors test procedures and requirements en 60115-1 test (clause) conditions of test requirements permissible change ( r / r ) stability class 1 or better stability for product types: d../crcw....-if e3 1 to 100 k resistance (4.5) - 5 % 10 % temperature coefficient (4.8.4.2) 20/- 55/20 c and 20/125/20 c 200 ppm/k overload (4.13) u = 2.5 ( p 70 r ) 1/2 2 u max. ; duration: according the style ( 0.25 % r + 0.05 ) solderability (4.17.5) aging 4 h at 155 c, dryheat solder bath method; 235 c; 2 s visual examination good tinning ( 95 % covered) no visible damage resistance to soldering heat (4.18.2) solder bath method; (260 5) c; (10 1) s ( 0.25 % r + 0.05 ) rapid change of temperature (4.19) 30 min at lct = - 55 c; 30 min at uct = 125 c; 5 cycles ( 0.25 % r + 0.05 ) damp heat, steady state (4.24) (40 2) c; 56 days; (93 3) % rh ( 1 % r + 0.05 ) climatic sequence (4.23) 16 h at uct = 125 c; 1 cycle at 55 c; 2 h at lct = - 55 c; 1 h/1 kpa at 15 c to 35 c; 5 cycles at 55 c u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe ( 1 % r + 0.05 ) endurance at 70 c (4.25.1) u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe 1.5 h on; 0.5 h off; 70 c; 1000 h ( 1 % r + 0.05 ) extended endurance (4.25.1.8) duration extended to 8000 h (2 % r + 0.1 ) endurance at upper category temperature (4.25.3) uct = 125 c; 1000 h (1 % r + 0.05 ) applicable specifications ? en 60115-1 generic specification ? en 140400 sectional specification ? en 140401-802 detail specification ? iec 60068-2-x variety of env ironmental test procedures ? iec 60286-3 packaging of smd components
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of CRCW0603100KJNECIF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X