Part Number Hot Search : 
2N6101 4AK19 MR2402 AD835AN RB2415 L431LVB N6117 MC1651
Product Description
Full Text Search
 

To Download CDRH6D38NP-100NC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  power inductors type: cdrh6d38 please refer to the sales offices on our website fo r a representative near you www.sumida.com 1/2 product description ? 7.07.0mm max.(lw ) , 4.0mm max. height. ? inductance range: 3.3 100 h. ? rated current range: 0.65 3.5a. ? in addition to the standards versions shown here, custom inductors are also available to meet your ex act requirements. feature ? magnetically shielded construction. ? storage temperature range: -40 +100 . ? operating temperature range: -40 +100 (including coils self temperature rise). ? ideally used in game machine, hdd, notebook pc, pro jector, pda, etc as dc-dc converter inductors. ? qualification to aec-q200. ? rohs compliance and halogen free. dimensions (mm) land pattern (mm) electrode 6.70.3 6 . 7 0 . 3 6.5 6 . 5 2 . 0 5 . 4 m a x . 9 . 5 max.4.0 (3.8) 7.3 2 . 6 5 2 . 02 . 6 5
power inductors type: cdrh6d38 please refer to the sales offices on our website fo r a representative near you www.sumida.com 2/2 specification part name stamp inductance h 10khz/1v d.c.r.( ) max.(typ.) (at 20 ) rated current (a) 1 cdrh6d38np-3r3n 3r3 3.3 30% 20m (15m) 3.50 cdrh6d38np-5r0n 5r0 5.0 30% 24m (18m) 2.90 cdrh6d38np-6r2n 6r2 6.2 30% 27m (20m) 2.50 cdrh6d38np-7r4n 7r4 7.4 30% 31m (23m) 2.30 cdrh6d38np-8r7n 8r7 8.7 30% 34m (25m) 2.20 cdrh6d38np-100n 100 10 30% 38m (28m) 2.00 cdrh6d38np-120n 120 12 30% 53m (39m) 1.70 cdrh6d38np-150n 150 15 30% 57m (42m) 1.60 cdrh6d38np-180n 180 18 30% 92m (68m) 1.50 cdrh6d38np-220n 220 22 30% 96m (71m) 1.30 cdrh6d38np-270n 270 27 30% 109m (81m) 1.20 cdrh6d38np-330n 330 33 30% 124m (92m) 1.10 cdrh6d38np-390n 390 39 30% 138m(102m) 1.00 cdrh6d38np-470n 470 47 30% 155m(115m) 0.95 cdrh6d38np-560n 560 56 30% 202m(150m) 0.85 cdrh6d38np-680n 680 68 30% 234m(173m) 0.75 cdrh6d38np-820n 820 82 30% 324m(240m) 0.70 cdrh6d38np-101n 101 100 30% 358m(265m) 0.65 description of part name cdrh6d38np-3r3n 1. rated current: the dc current at which the induc tance decreases to 65% of it's nominal value or when t=30 , whichever is lower(ta=20 ). b box c carrier tape


▲Up To Search▲   

 
Price & Availability of CDRH6D38NP-100NC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X