Part Number Hot Search : 
2A222 GS816 2SB762 810SE T3010 STV223 HT162 EPG6400
Product Description
Full Text Search
 

To Download BZX85C8V2-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzx85 c series 1.3 watt zener diode 2.7 to 75 volts maximum ratings !" operating temperature: -65  to +175  !" storage temperature: -65  to +175  !" dc power dissipation: 1.3 watt @ l=4mm t l  25  !" forward voltage @ 200ma: 1.0 volts !" thermal resistance: 110k/w junction to ambient features !" low noise and low reverse current !" very high stability !" very sharp reverse characteristic ptot Ctotal power dissipation (w) tamb C ambient temperature(  ) fi g ure1. power dissi p ation vs. ambient tem p erature r thja C therm. resist. junction/ ambient (k/w) lC lead length (mm ) figure2. thermal resistance vs. lead length  
 omp onents 20736 marilla street chatsworth    !"# $
%    !"# m c c a b c d d cathode mark do-41g revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix d esignates compliant. see ordering information) note: 1. lead in glass solder exemption applied, see eu directive annex 5. ----- ----- 4.50 0.177 min max min max a dimensions d i m i n c h e s m m note ----- ----- c 0 . 0 2 6 0 . 0 34 0.70 0.90 diameter d 1 . 0 0 0 ----- 2 5 . 4 0 ----- b 2.80 0.110 diameter moisture sensitivity level 1
bzx85c series revision: a 2011/01/01 m c c tm micro commercial components type v znom i zt for v zt and r zjt r zjk at i zk i r at v r tk vz bzx85c v ma v 1) ? ? ma - a v %/k 2v7 2.7 80 2.5~2.9 <20 <400 1 <150 1 -0.09~-0.06 3v0 3.0 80 2.8~3.2 <20 <400 1 <100 1 -0.08~-0.05 3v3 3.3 80 3.1~3.5 <20 <400 1 <40 1 -0.08~-0.05 3v6 3.6 60 3.4~3.8 <20 <500 1 <20 1 -0.08~-0.05 3v9 3.9 60 3.7~4.1 <15 <500 1 <10 1 -0.08~-0.05 4v3 4.3 50 4.0~4.6 <13 <500 1 <3 1 -0.06~-0.03 4v7 4.7 45 4.4~5.0 <13 <500 1 <3 1 -0.05~+0.02 5v1 5.1 45 4.8~5.4 <10 <500 1 <1 1 -0.02~+0.02 5v6 5.6 45 5.2~6.0 <7 <400 1 <1 1 -0.05~+0.05 6v2 6.2 35 5.8~6.6 <4 <300 1 <1 2 0.03~0.06 6v8 6.8 35 6.4~7.2 <3.5 <300 1 <1 3 0.03~0.07 7v5 7.5 35 7.0~7.9 <3 <200 0.5 <1 5 0.03~0.07 8v2 8.2 25 7.7~8.7 <5 <200 0.5 <1 6.2 0.03~0.08 9v1 9.1 25 8.5~9.6 <5 <200 0.5 <1 6.8 0.03~0.09 10 10 25 9.4~10.6 <7 <200 0.5 <0.5 7.5 0.03~0.1 11 11 20 10.4~11.6 <8 <300 0.5 <0.5 8.2 0.03~0.11 12 12 20 11.4~12.7 <9 <350 0.5 <0.5 9.1 0.03~0.11 13 13 20 12.4~14.1 <10 <400 0.5 <0.5 10 0.03~0.11 15 15 15 13.8~15.6 <15 <500 0.5 <0.5 11 0.03~0.11 16 16 15 15.3~17.1 <15 <500 0.5 <0.5 12 0.03~0.11 18 18 15 16.8~19.1 <20 <500 0.5 <0.5 13 0.03~0.11 20 20 10 18.8~21.2 <24 <600 0.5 <0.5 15 0.03~0.11 22 22 10 20.8~23.3 <25 <600 0.5 <0.5 16 0.04~0.12 24 24 10 22.8~25.6 <25 <600 0.5 <0.5 18 0.04~0.12 27 27 8 25.1~28.9 <30 <750 0.25 <0.5 20 0.04~0.12 30 30 8 28~32 <30 <1000 0.25 <0.5 22 0.04~0.12 33 33 8 31~35 <35 <1000 0.25 <0.5 24 0.04~0.12 36 36 8 34~38 <40 <1000 0.25 <0.5 27 0.04~0.12 39 39 6 37~41 <50 <1000 0.25 <0.5 30 0.04~0.12 43 43 6 40~46 <50 <1000 0.25 <0.5 33 0.04~0.12 47 47 4 44~50 <90 <1500 0.25 <0.5 36 0.04~0.12 51 51 4 48~54 <115 <1500 0.25 <0.5 39 0.04~0.12 56 56 4 52~60 <120 <2000 0.25 <0.5 43 0.04~0.12 62 62 4 58~66 <125 <2000 0.25 <0.5 47 0.04~0.12 68 68 4 64~72 <130 <2000 0.25 <0.5 51 0.04~0.12 75 75 4 70~79 <135 <2000 0.25 <0.5 56 0.04~0.12 1) tighter tolerances available request: bzx85b? f 2% of v znom www. mccsemi .com 2 of 3
m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 3 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 2.5kpcs/ammo box part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BZX85C8V2-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X