Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download BZD27C8V2P-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzd27c3v6p to bzd27c200p document number 85810 rev. 1.9, 08-dec-08 vishay semiconductors www.vishay.com 1 17249 zener diodes with surge current specification features ? sillicon planar zener diodes ? low profile surface-mount package ? zener and surge current specification ? low leakage current ? excellent stability ? high temperature soldering: 260 c/10 s at terminals ? lead (pb)-free component ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec ? halogen-free according to iec 61249-2-21 available mechanical data case: jedec do-219ab (smf ? ) plastic case weight: approx. 15 mg ordering informati on/packaging codes absolute maximum ratings t amb = 25 c, unless otherwise specified note: 1) mounted on epoxy-glass pcb with 3 mm x 3 mm cu pads ( 40 m thick) 2) t j = 25 c prior to surge thermal characteristics t amb = 25 c, unless otherwise specified note: 1) mounted on epoxy-glass pcb with 3 mm x 3 mm cu pads ( 40 m thick) electrical characteristics t amb = 25 c, unless otherwise specified bzd27c..-gsxx gs0 8 = 3k per 7" reel ( 8 mm tape) gs1 8 = 10k per 13" reel ( 8 mm tape) part n u m b er bzd27c..-m-xx 0 8 = 3k per 7" reel ( 8 mm tape) 1 8 = 10k per 13" reel ( 8 mm tape) en v ironmental s u ffix -m- defines halogen-free part n u m b er parameter test condition symbol value unit power dissipation t l = 80 c p tot 2.3 w t a = 25 c p tot 0.8 1) w non-repetitive peak pulse power dissipation 100 s square pulse 2) p zsm 300 w 10/1000 s waveform (bzd27-c7v5p to bzd27-c100p) 2) p rsm 150 w 10/1000 s waveform (bzd27-c110p to bzd27-c200p) 2) p rsm 100 w parameter test condition symbol value unit thermal resistance junction to ambient air 1) r thja 180 k/w thermal resistance junction to lead r thjl 30 k/w maximum junction temperature t j 150 c storage temperature range t s - 55 to + 150 c parameter test condition symbol min. ty p. max. unit forward voltage i f = 0.2 a v f 1.2 v
www.vishay.com 2 document number 85810 rev. 1.9, 08-dec-08 bzd27c3v6p to bzd27c200p vishay semiconductors electrical characteristics when used as voltage regulator diodes (t j = 25 c unless otherwise noted) note: 1) pulse test: tp 5 ms. partnumber marking code working voltage 1) differential resistance temperature coefficient te s t current reverse current at reverse voltage v z at i zt r dif at i z z at i z i zt i r v r v %/c ma a v min. max. typ. max. min. max. max. bzd27c3v6p d0 3.4 3.8 4 8 - 0.14 - 0.04 100 100 1 bzd27c3v9p d1 3.7 4.1 4 8 - 0.14 - 0.04 100 50 1 bzd27c4v3p d2 4 4.6 4 7 - 0.12 - 0.02 100 25 1 bzd27c4v7p d3 4.4 5 3 7 - 0.1 0 100 10 1 bzd27c5v1p d4 4.8 5.4 3 6 - 0.08 0.02 100 5 1 bzd27c5v6p d5 5.2 6 2 4 - 0.04 0.04 100 10 2 bzd27c6v2p d6 5.8 6.6 2 3 - 0.01 0.06 100 5 2 bzd27c6v8p d7 6.4 7.2 1 3 0 0.07 100 10 3 bzd27c7v5p d8 7 7.9 1 2 0 0.07 100 50 3 bzd27c8v2p d9 7.7 8.7 1 2 0.03 0.08 100 10 3 bzd27c9v1p e0 8.5 9.6 2 4 0.03 0.08 50 10 5 bzd27c10p e1 9.4 10.6 2 4 0.05 0.09 50 7 7.5 bzd27c11p e2 10.4 11.6 4 7 0.05 0.1 50 4 8.2 bzd27c12p e3 11.4 12.7 4 7 0.05 0.1 50 3 9.1 bzd27c13p e4 12.4 14.1 5 10 0.05 0.1 50 2 10 bzd27c15p e5 13.8 15.6 5 10 0.05 0.1 50 1 11 bzd27c16p e6 15.3 17.1 6 15 0.06 0.11 25 1 12 bzd27c18p e7 16.8 19.1 6 15 0.06 0.11 25 1 13 bzd27c20p e8 18.8 21.2 6 15 0.06 0.11 25 1 15 bzd27c22p e9 20.8 23.3 6 15 0.06 0.11 25 1 16 bzd27c24p f0 22.8 25.6 7 15 0.06 0.11 25 1 18 bzd27c27p f1 25.1 28.9 7 15 0.06 0.11 25 1 20 bzd27c30p f228328150.060.1125122 bzd27c33p f331358150.060.1125124 bzd27c36p f4343821400.060.1110 1 27 bzd27c39p f5374121400.060.1110 1 30 bzd27c43p f6404624450.070.1210 1 33 bzd27c47p f7445024450.070.1210 1 36 bzd27c51p f8485425600.070.1210 1 39 bzd27c56p f9526025600.070.1210 1 43 bzd27c62p g0586625800.080.1310 1 47 bzd27c68p g1647225800.080.1310 1 51 bzd27c75p g2 70 79 30 100 0.08 0.13 10 1 56 bzd27c82p g3 77 87 30 100 0.08 0.13 10 1 62 bzd27c91p g4 85 96 60 200 0.08 0.13 5 1 68 bzd27c100p g5 94 106 60 200 0.09 0.13 5 1 75 bzd27c110p g6 104 116 80 250 0.09 0.13 5 1 82 bzd27c120p g7 114 127 80 250 0.09 0.13 5 1 91 bzd27c130p g8 124 141 110 300 0.09 0.13 5 1 100 bzd27c150p g9 138 156 130 300 0.09 0.13 5 1 110 bzd27c160p h0 153 171 150 350 0.09 0.13 5 1 120 bzd27c180p h1 168 191 180 400 0.09 0.13 5 1 130 bzd27c200p h2 188 212 200 500 0.09 0.13 5 1 150
bzd27c3v6p to bzd27c200p document number 85810 rev. 1.9, 08-dec-08 vishay semiconductors www.vishay.com 3 electrical characteristics when used as protection diodes (t j = 25 c unless otherwise noted) note: 1) non-repetitive peak reverse current in acco rdance with "iec 60-1, section 8" (10/1000 s pulse); see fig. 5. partnumber rev. breakdown voltage test current temperature coefficient clamping voltage reverse current at stand-off voltage v (br)r at i test i test z at i test v c at i rsm 1) i r at v wm v ma %/c v a a v min. min. max. max . max. bzd27c7v5p 7 100 0 0.07 11.3 13.3 1500 6.2 bzd27c8v2p 7.7 100 0.03 0.08 12.3 12.2 1200 6.8 bzd27c9v1p 8.5 50 0.03 0.08 13.3 11.3 100 7.5 bzd27c10p 9.4 50 0.05 0.09 14.8 10.1 20 8.2 bzd27c11p 10.4 50 0.05 0.1 15.7 9.6 5 9.1 bzd27c12p 11.4 50 0.05 0.1 17 8.8 5 10 bzd27c13p 12.4 50 0.05 0.1 18.9 7.9 5 11 bzd27c15p 13.8 50 0.05 0.1 20.9 7.2 5 12 bzd27c16p 15.3 25 0.06 0.11 22.9 6.6 5 13 bzd27c18p 16.8 25 0.06 0.11 25.6 5.9 5 15 bzd27c20p 18.8 25 0.06 0.11 28.4 5.3 5 16 bzd27c22p 20.8 25 0.06 0.11 31 4.8 5 18 bzd27c24p 22.8 25 0.06 0.11 33.8 4.4 5 20 bzd27c27p 25.1 25 0.06 0.11 38.1 3.9 5 22 bzd27c30p 28 25 0.06 0.11 42.2 3.6 5 24 bzd27c33p 31 25 0.06 0.11 46.2 3.2 5 27 bzd27c36p 34 10 0.06 0.11 50.1 3 5 30 bzd27c39p 37 10 0.06 0.11 54.1 2.8 5 33 bzd27c43p 40 10 0.07 0.12 60.7 2.5 5 36 bzd27c47p 44 10 0.07 0.12 65.5 2.3 5 39 bzd27c51p 48 10 0.07 0.12 70.8 2.1 5 43 bzd27c56p 52 10 0.07 0.12 78.6 1.9 5 47 bzd27c62p 58 10 0.08 0.13 86.5 1.7 5 51 bzd27c68p 64 10 0.08 0.13 94.4 1.6 5 56 bzd27c75p 70 10 0.08 0.13 103.5 1.5 5 62 bzd27c82p 77 10 0.08 0.13 114 1.3 5 68 bzd27c91p 85 5 0.09 0.13 126 1.2 5 75 bzd27c100p 94 5 0.09 0.13 139 1.1 5 82 bzd27c110p 104 5 0.09 0.13 139 0.72 5 91 bzd27c120p 114 5 0.09 0.13 152 0.65 5 100 bzd27c130p 124 5 0.09 0.13 169 0.59 5 110 bzd27c150p 138 5 0.09 0.13 187 0.53 5 120 bzd27c160p 153 5 0.09 0.13 205 0.48 5 130 bzd27c180p 168 5 0.09 0.13 229 0.43 5 150 bzd27c200p 188 5 0.09 0.13 254 0.39 5 160
www.vishay.com 4 document number 85810 rev. 1.9, 08-dec-08 bzd27c3v6p to bzd27c200p vishay semiconductors typical characteristics t amb = 25 c, unless otherwise specified figure 1. forward current vs. forward voltage figure 2. typ. diode capacitance vs. reverse voltage figure 3. power dissipatio n vs. ambient temperature 0.1 1 10 0.6 0. 8 1.0 1.2 1.4 1.6 17411 i f - for w ard c u rrent (a) v f - for w ard v oltage ( v ) max. v f ty p. v f 10 100 1000 10 000 0 0.5 1.0 1.5 2.0 2.5 3.0 17412 c d - typ. j u nction capacitance (pf) v r - re v erse v oltage ( v ) c5 v 1p c6 v8 p c12p c27p c51p c200p c1 8 p 0 1.0 0.5 1.5 2.5 2.0 3.0 0 25 50 75 100 125 150 17413 p tot - po w er dissipation ( w ) t am b - am b ient temperat u re (c) am b ient temperat u re tie point temperat u re figure 4. maximum pulse power dissipation vs. zener voltage figure 5. non-repetitive peak reverse current pulse definition 0 40 20 120 140 60 100 8 0 160 0 50 100 150 200 17414 p rsm - max. p u lse po w er dissipation ( w ) v znom - zener v oltage ( v ) 17415 t i rsm ( % ) 100 90 50 10 t 1 t 1 = 10 s t 2 = 1000 s t 2
bzd27c3v6p to bzd27c200p document number 85810 rev. 1.9, 08-dec-08 vishay semiconductors www.vishay.com 5 package dimensions in millimeters (inches) foot print re commendation: re v . 3 - date: 13. march 2007 doc u ment no.:s 8 - v -3915.01-001 (4) 1.3 (0.051) 1.3 (0.051) 2.9 (0.114) 1.4 (0.055) 2.9 (0.114) 2.7 (0.106) 3.9 (0.154) 3.5 (0.13 8 ) 0. 8 5 (0.033) 0.35 (0.014) 1.2 (0.047) 0. 8 (0.031) 1.9 (0.075) 1.7 (0.067) 1.0 8 (0.043) 0. 88 (0.035) 0.25 (0.010) 0.05 (0.002) 0.1 (0.004) 0 (0.000) 5 5 created - date: 15. fe b r u ary 2005 17247 detail z enlarged
www.vishay.com 6 document number 85810 rev. 1.9, 08-dec-08 bzd27c3v6p to bzd27c200p vishay semiconductors blistertape for smf 1 8 513 ps
bzd27c3v6p to bzd27c200p document number 85810 rev. 1.9, 08-dec-08 vishay semiconductors www.vishay.com 7 ozone depleting subst ances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health an d safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively. 2. class i and ii ozone depleting substances in the cl ean air act amendments of 1990 by the environmental protection agency (epa) in the usa. 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of , directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of BZD27C8V2P-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X