Part Number Hot Search : 
MOC5007 X9587AZ LQH3C220 4GPBF BC847W UC3842B BUZ32 101DF4T
Product Description
Full Text Search
 

To Download BU2525AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors BU2525AW d escription with to-247 package high voltage high speed switching applications for use in horizontal deflection circuits of large screen colour tv receivers. pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 800 v i c collector current (dc) 12 a i cm collector current -peak 30 a i b base collector current (dc) 8 a i bm base current -peak 12 a p tot total power dissipation t c =25 125 w t j junction temperature 150  t stg storage temperature -65~150  fig.1 simplified outline (to-247) and symbol
savantic semiconductor product specification 2 silicon npn power transistors BU2525AW characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ;i b =0,l=25mh 800 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7.5 13.5 v v cesat collector-emitter saturation voltage i c =8a ;i b =1.6 a 5.0 v v besat base-emitter saturation voltage i c =8a ;i b =1.6 a 1.3 v i ces collector cut-off current v ce =bv ces; v be =0 t j =125 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 1.0 ma h fe-1 dc current gain i c =0.1a ; v ce =5v 13 h fe-2 dc current gain i c =8a ; v ce =5v 5 7 9.5 c c collector capacitance i e =0; f=1mhz;v cb =10v 145 pf
savantic semiconductor product specification 3 silicon npn power transistors BU2525AW package outline fig.2 outline dimensions (unindicated tolerance:0.30mm)


▲Up To Search▲   

 
Price & Availability of BU2525AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X