Part Number Hot Search : 
2SA841 13005 087381 TC406 AN3594K AD9957 90ECB 20F6TR
Product Description
Full Text Search
 

To Download BCR35PN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bcr 35pn oct-19-1999 1 npn/pnp silicon digital transistor array ? switching circuit, inverter, interface circuit, driver circuit ? two (galvanic) internal isolated npn/pnp transistors in one package ? built in bias resistor ( r 1 =10k ? , r 2 =47k ? ) tape loading orientation vps05604 6 3 1 5 4 2 eha07193 123 4 5 6 w1s direction of unreeling top view marking on sot-363 package (for example w1s) corresponds to pin 1 of device position in tape: pin 1 opposite of feed hole side eha07176 6 54 3 2 1 c1 b2 e2 c2 b1 e1 1 r r 2 r 1 r 2 tr1 tr2 type marking pin configuration package bcr 35pn wus 1=e1 2=b1 3=c2 4=e2 5=b2 6=c1 sot-363 maximum ratings parameter symbol value unit collector-emitter voltage v ceo 50 v collector-base voltage v cbo 50 emitter-base voltage v ebo 6 input on voltage v i(on) 20 dc collector current i c 100 ma total power dissipation , t s = 115 c p tot 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance junction ambient 1) r thja k/w 275 junction - soldering point r thjs 140 1) package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bcr 35pn oct-19-1999 2 electrical characteristics at t a =25c, unless otherwise specified symbol values unit parameter max. typ. min. dc characteristics - v (br)ceo 50 collector-emitter breakdown voltage i c = 100 a, i b = 0 v - - v (br)cbo - 50 collector-base breakdown voltage i c = 10 a, i b = 0 na collector cutoff current v cb = 40 v, i e = 0 i cbo 100 - - emitter cutoff current v eb = 6 v, i c = 0 - a i ebo - 167 - - 70 h fe dc current gain 1) i c = 5 ma, v ce = 5 v - collector-emitter saturation voltage1) i c = 10 ma, i b = 0.5 ma v cesat v 0.3 - - input off voltage i c = 100 a, v ce = 5 v - 1 v 0.5 v i(off) input on voltage i c = 2 ma, v ce = 0.3 v 0.5 - 1.4 v v i(on) k ? 13 10 7 r 1 input resistor resistor ratio r 1 / r 2 - 0.21 0.24 0.19 ac characteristics transition frequency i c = 10 ma, v ce = 5 v, f = 100 mhz f t - 150 - mhz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 2 - pf 1) pulse test: t < 300 s; d < 2%
bcr 35pn oct-19-1999 3 npn type dc current gain h fe = f (i c ) v ce = 5v (common emitter configuration) 10 -1 10 0 10 1 10 2 ma i c 0 10 1 10 2 10 3 10 - h fe collector-emitter saturation voltage v cesat = f ( i c ), h fe = 20 0.0 0.2 0.4 0.6 v 1.0 v cesat 0 10 1 10 2 10 ma i c input on voltage v i(on) = f ( i c ) v ce = 0.3v (common emitter configuration) 10 -1 10 0 10 1 10 2 v v i(on) -1 10 0 10 1 10 2 10 ma i c input off voltage v i(off) = f ( i c ) v ce = 5v (common emitter configuration) 0.0 0.5 1.0 v 2.0 v i(off) -3 10 -2 10 -1 10 0 10 1 10 ma i c
bcr 35pn oct-19-1999 4 pnp type collector-emitter saturation voltage v cesat = f ( i c ), h fe = 20 0.0 0.2 0.4 0.6 v 1.0 v cesat 0 10 1 10 2 10 ma i c dc current gain h fe = f (i c ) v ce = 5v (common emitter configuration) 10 -1 10 0 10 1 10 2 ma i c 0 10 1 10 2 10 3 10 - h fe input off voltage v i(off) = f ( i c ) v ce = 5v (common emitter configuration) 0.0 0.5 1.0 v 2.0 v i(off) -3 10 -2 10 -1 10 0 10 1 10 ma i c input on voltage v i(on) = f ( i c ) v ce = 0.3v (common emitter configuration) 10 -1 10 0 10 1 10 2 v v i(on) -1 10 0 10 1 10 2 10 ma i c
bcr 35pn oct-19-1999 5 total power dissipation p tot = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 200 mw 300 p tot t s t a permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5


▲Up To Search▲   

 
Price & Availability of BCR35PN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X