Part Number Hot Search : 
102MX7 MP6219DN L6671 B322ML HCT1G HCT1G MRF400 HD6433
Product Description
Full Text Search
 

To Download BCR148U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2006-05-04 1 bcr148... npn silicon digital transistor ? switching circuit, inverter, interface circuit driver circuit ? built in bias resistor ( r 1 =47 k ? , r 2 =47 k ? ) ? bcr148s / u: two internally isolated transistors with good matching in one multichip package ? bcr148s / u: for orientation in reel see package information below bcr148/f/l3 bcr148t/w bcr148s/u eha07184 3 2 1 c e b r 1 r 2 eha07174 6 54 3 2 1 c1 b2 e2 c2 b1 e1 1 r r 2 r 1 r 2 tr1 tr2 type marking pin configuration package bcr148 bcr148f bcr148l3 bcr148s bcr148t BCR148U bcr148w wes wes we wes we wes wes 1=b 1=b 1=b 1=e1 1=b 1=e1 1=b 2=e 2=e 2=e 2=b1 2=e 2=b1 2=e 3=c 3=c 3=c 3=c2 3=c 3=c2 3=c - - - 4=e2 - 4=e2 - - - - 5=b2 - 5=b2 - - - - 6=c1 - 6=c1 - sot23 tsfp-3 tslp-3-4 sot363 sc75 sc74 sot323
2006-05-04 2 bcr148... maximum ratings parameter symbol value unit collector-emitter voltage v ceo 50 v collector-base voltage v cbo 50 input forward voltage v i ( fwd ) 80 input reverse voltage v i ( rev ) 10 collector current i c 70 ma total power dissipation- bcr148, t s 102c bcr148f, t s 128c bcr148l3, t s 135c bcr148s, t s 115c bcr148t, t s 109c BCR148U, t s 118c bcr148w, t s 124c p tot 200 250 250 250 250 250 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) bcr148 bcr148f bcr148l3 bcr148s bcr148t BCR148U bcr148w r thjs 240 90 60 140 165 133 105 k/w 1 for calculation of r thja please refer to application note thermal resistance
2006-05-04 3 bcr148... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics collector-emitter breakdown voltage i c = 100 a, i b = 0 v (br)ceo 50 - - v collector-base breakdown voltage i c = 10 a, i e = 0 v (br)cbo 50 - - collector-base cutoff current v cb = 40 v, i e = 0 i cbo - - 100 na emitter-base cutoff current v eb = 10 v, i c = 0 i ebo - - 164 a dc current gain 1) i c = 5 ma, v ce = 5 v h fe 70 - - - collector-emitter saturation voltage 1) i c = 10 ma, i b = 0.5 ma v cesat - - 0.3 v input off voltage i c = 100 a, v ce = 5 v v i(off) 0.8 - 1.5 input on voltage i c = 2 ma, v ce = 0.3 v v i(on) 1 - 3 input resistor r 1 32 47 62 k ? resistor ratio r 1 / r 2 0.9 1 1.1 - ac characteristics transition frequency i c = 10 ma, v ce = 5 v, f = 100 mhz f t - 100 - mhz collector-base capacitance v cb = 10 v, f = 1 mhz c cb - 3 - pf 1 pulse test: t < 300s; d < 2%
2006-05-04 4 bcr148... dc current gain h fe = ? ( i c ) v ce = 5v (common emitter configuration) 10 -1 10 0 10 1 10 2 10 3 ma i c 0 10 1 10 2 10 3 10 - h fe collector-emitter saturation voltage v cesat = ? ( i c ), h fe = 20 0 0.2 0.4 0.6 v 1 v cesat 0 10 1 10 2 10 ma i c input on voltage v i (on) = ? ( i c ) v ce = 0.3v (common emitter configuration) 10 -1 10 0 10 1 10 2 v v i(on) -1 10 0 10 1 10 2 10 ma i c input off voltage v i(off) = ? ( i c ) v ce = 5v (common emitter configuration) 0 1 2 3 v 5 v i(off) -3 10 -2 10 -1 10 0 10 1 10 ma i c
2006-05-04 5 bcr148... total power dissipation p tot = ? ( t s ) bcr148 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) bcr148f 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) bcr148l3 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) bcr148s 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot
2006-05-04 6 bcr148... total power dissipation p tot = ? ( t s ) bcr148t 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) BCR148U 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot total power dissipation p tot = ? ( t s ) bcr148w 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 225 250 mw 300 p tot
2006-05-04 7 bcr148... permissible pulse load p totmax / p totdc = ? ( t p ) bcr148 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible pulse load r thjs = ? ( t p ) bcr148 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) bcr148f 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) bcr148f 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
2006-05-04 8 bcr148... permissible puls load r thjs = ? ( t p ) bcr148l3 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) bcr148l3 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) bcr148s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) bcr148s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2006-05-04 9 bcr148... permissible puls load r thjs = ? ( t p ) bcr148t 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0 permissible pulse load p totmax / p totdc = ? ( t p ) bcr148t 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) BCR148U 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0 permissible pulse load p totmax / p totdc = ? ( t p ) BCR148U 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 p totmax / p totdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2006-05-04 10 bcr148... permissible puls load r thjs = ? ( t p ) bcr148w 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load p totmax / p totdc = ? ( t p ) bcr148w 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 - p totmax / p totdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2006-05-04 11 bcr148... package sc74 package outline foot print standard packing 0.5 0.95 1.9 2.9 54 6 3 2 1 1.1 max. (0.35) (2.25) ?.2 2.9 b 0.2 +0.1 -0.05 0.35 pin 1 marking m b 6x 0.95 1.9 0.15 -0.06 +0.1 1.6 10? max. a ?.1 2.5 0.25 10? max. ?.1 ?.1 a 0.2 m 0.1 max. 2.7 4 3.15 pin 1 marking 8 0.2 1.15 reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. manufacturer 2005, june date code (year/month) bcw66h type code pin 1 marking laser marking marking layout (example) small variations in positioning of date code, type code and manufacture are possible.
2006-05-04 12 bcr148... package sc75 package outline foot print standard packing reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel 1.6 ?.2 0.5 0.10 m 0.5 a 0.2 0.2 +0.1 -0.05 1 2 -0.05 3 +0.1 1.6 ?.2 0.20 m a 0.7 0.15 10? max. 0.1 max. ?.1 ?.1 ?.1 0.8 max. 10? 1.15 0.65 0.4 0.4 0.65 0.5 0.5 bcr108t type code pin 1 4 8 1.8 0.2 max. 0.9 1.4 1.75 0.45 pin 1 2005, december date code marking layout (example)
2006-05-04 13 bcr148... date code marking for discrete packages with one digit (scd80, sc79, sc75 1) ) ces-code 1) new marking layout for sc75, implemented at october 2005. . month 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 2013 2014 01apapapapapap 02bqbqbqbqbqbq 03crcrcrcrcrcr 04d s dsd s dsd s ds 05e t ete t ete t et 06fufufufufufu 07gvgvgvgvgvgv 08h xhxh xhxh xhx 09jyjyjyjyjyjy 10k z kzk z kzk z kz 11l 2l4 l 2l4 l 2l4 12n 3n5n 3n5n 3n5
2006-05-04 14 bcr148... package sot23 package outline foot print marking layout (example) standard packing reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 ?.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 ?.1 10? max. m 2.4 ?.15 ?.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2006-05-04 15 bcr148... package sot323 package outline foot print marking layout (example) standard packing reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel 1.25 ?.1 0.1 max. 2.1 ?.1 0.15 +0.1 -0.05 0.3 +0.1 ?.1 0.9 12 3 a ?.2 2 -0.05 0.65 0.65 m 3x 0.1 0.1 min. 0.1 m 0.2 a 0.2 4 2.15 1.1 8 2.3 pin 1 pin 1 2005, june date code (ym) bcr108w type code 0.6 0.8 1.6 0.65 0.65 manufacturer
2006-05-04 16 bcr148... p ackage sot363 package outline foot print marking layout (example) standard packing reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 ?.2 2 +0.1 -0.05 0.15 ?.1 1.25 0.1 max. 0.9 ?.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 ?.1 0.1 0.1 min. m 0.2 a pin 1 marking
2006-05-04 17 bcr148... package tsfp-3 4 package outline foot print marking layout (example) standard packing reel ?80 mm = 3.000 pieces/reel reel ?30 mm = 10.000 pieces/reel ?.05 0.2 3 ?.05 1.2 12 10? max. ?.05 0.8 1.2 ?.05 ?.04 0.55 ?.05 0.2 ?.05 0.15 ?.05 0.2 0.4 ?.05 0.4 ?.05 0.4 0.45 1.05 0.4 0.4 bcr847bf type code pin 1 0.2 1.35 0.3 0.7 1.2 1.5 8 pin 1 manufacturer
2006-05-04 18 bcr148... package tslp-3-4 package outline foot print marking layout standard packing 2 3 1 0.76 4 1.16 0.5 pin 1 marking 8 reel ?80 mm = 15.000 pieces/reel for board assembly information please refer to infineon website "packages" stencil apertures copper solder mask 0.38 0.2 0.315 0.95 0.5 0.17 0.255 0.2 0.45 0.225 1 0.6 0.225 0.15 0.35 0.2 r0.1 r0.19 pin 1 top view 0.05 max. bottom view 2 1 ?.035 0.5 3 0.575 1) ?.035 0.4 1) ?.035 2x 0.25 1) 0.35 ?.035 2x0.15 1) marking 1) dimension applies to plated terminal 0.4 +0.1 ?.05 ?.05 ?.05 1 0.6 ?.05 bcr133l3 type code pin 1 marking laser marking
2006-05-04 19 bcr148... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2006. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BCR148U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X