Part Number Hot Search : 
284136 MMBZ15VA TUF306 TRLPB TRLPB AC12000 BB669 284136
Product Description
Full Text Search
 

To Download AZ23C8V2-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az23c2v7az23c51 vishay telefunken rev. a2, 09 -mar-01 1 (4) www.vishay.com document number 85591 300 mw dual surface mount zener diodes features  sot23 surface mount package  300 mw power dissipation rating  ideally suited for automatic insertion   v z for both diodes in one case is 5%  common cathode style available see dz series 94 8550 order instruction type ordering code remarks az23c2v7 az23c2v7gs08 tape and reel absolute maximum ratings t j = 25  c parameter test conditions type symbol value unit power dissipation on fiberglass substrate p d 300 mw junction and storage temperature range t j =t stg 55...+150  c maximum thermal resistance t j = 25  c parameter test conditions symbol value unit junction ambient on fiberglass substrate r thja 420 k/w
az23c2v7az23c51 vishay telefunken rev. a2, 09-mar-01 2 (4) www.vishay.com document number 85591 type v z z zt z zk t c v r az23c marking v   %/  c v az23c ... g @ i zt =5ma @ i zt =5ma @ i zt =1ma @ i r =0.1  a 2v7 kd1 2.5 to 2.9 83 500 0.065 3v0 kd2 2.8 to 3.2 95 500 0.060 3v3 kd3 3.1 to 3.5 95 500 0.055 3v6 kd4 3.4 to 3.8 95 500 0.055 3v9 kd5 3.7 to 4.1 95 500 0.050 4v3 kd6 4.0 to 4.6 95 500 0.035 4v7 kd7 4.4 to 5.0 78 500 0.015 5v1 kd8 4.8 to 5.4 60 480 +0.005 0.8 5v6 kd9 5.2 to 6.0 40 400 +0.020 1.0 6v2 kda 5.8 to 6.6 10 200 +0.030 2.0 6v8 kdb 6.4 to 7.2 8 150 +0.045 3.0 7v5 kdc 7.0 to 7.9 7 50 +0.050 5.0 8v2 kdd 7.7 to 8.7 7 50 +0.055 6.0 9v1 kde 8.5 to 9.6 10 50 +0.065 7.0 10 kdf 9.4 to 10.6 15 70 +0.065 7.5 11 kdg 10.4 to 11.6 20 70 +0.070 8.5 12 kdh 11.4 to 12.7 20 90 +0.075 9.0 13 kdi 12.4 to 14.1 25 110 +0.080 10.0 15 kdj 13.8 to 15.6 30 110 +0.080 11.0 16 kdk 15.3 to 17.1 40 170 +0.090 12.0 18 kdl 16.8 to 19.1 50 170 +0.090 14.0 20 kdm 18.8 to 21.2 50 220 +0.090 15.0 22 kdn 20.8 to 23.3 55 220 +0.090 17.0 24 kdo 22.8 to 25.6 80 220 +0.090 18.0 27 kdp 25.1 to 28.9 80 250 +0.090 20.0 30 kdq 28 to 32 80 250 +0.090 22.5 33 kdr 31 to 35 80 250 +0.090 25.0 36 kds 34 to 38 90 250 +0.090 27.0 39 kdt 37 to 41 90 300 +0.110 29.0 43 kdu 40 to 46 100 700 +0.110 32.0 47 kdv 44 to 50 100 750 +0.110 35.0 51 kdw 48 to 54 100 750 +0.110 38.0 1) device on fiberglass substrate 2) tested with i zt current pulses. pulse width = 5 ms.
az23c2v7az23c51 vishay telefunken rev. a2, 09 -mar-01 3 (4) www.vishay.com document number 85591 dimensions in mm 14371 top view case: sot23, molded plastic mounting position: any approx. weight: 0.008 grams
az23c2v7az23c51 vishay telefunken rev. a2, 09-mar-01 4 (4) www.vishay.com document number 85591 ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( odss ). the montreal protocol ( 1987 ) and its london amendments ( 1990 ) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2 . class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency ( epa ) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c ( transitional substances ) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay-telefunken products for any unintended or unauthorized application, the buyer shall indemnify vishay-telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 ( 0 ) 7131 67 2831, fax number: 49 ( 0 ) 7131 67 2423


▲Up To Search▲   

 
Price & Availability of AZ23C8V2-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X