Part Number Hot Search : 
SRL560 06030 ERD03 RU6075R S1000 625ET AM6612N ST72F62
Product Description
Full Text Search
 

To Download 1N4738UR-1E3TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metallurgically bonded glass surface mount 1.0 w zeners www. microsemi . com scottsdale division 1n4728ur-1 thru 1n4764aur-1,e3 (or mll4728a-1 thru mll4764a-1,e3) 1n4728aur-1 thru 1n4764aur-1 description appearance this surface mountable 1 watt zener diode series is electrically equivalent to the 1n4728a thru 1n4764a registration in the do-41 equivalent package except that it meets the jedec su rface mount outline do-213ab and also includes enhanced internal contact design. it is an ideal selection for applications of high density and low parasitic requirements for voltage regulation. standard voltage tolerance is +/-5% with tighter tolerances available down to 1%. with its gla ss hermetic qualities, it may also be used for high reliability applications when required by a source control drawing (scd). do-213ab important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? electrically similar to the jedec registered 1n4728 thru 1n4764 zener series ? regulates voltage over a broad operating current and temperature range ? zener voltages available 3.3v to 100v ? metallurgically enhanced internal contact design fro greater reliability and lower thermal resistance ? standard voltage tolerances are +/- 5% with ?a? suffix and 10 % with no suffix identification ? wide selection from 3.3 to 100 v ? tight tolerances available in plus or minus 2% or 1% with c or d suffix respectively ? leadless package for surface mounting ? ideal for high density mounting ? options for screening in accordance with mil-prf- 19500 for jan, jantx, jantxv, and jans are available by adding mq, mx, mv, or msp prefixes respectively to part numbers. ? nonsensitive to esd ? hermetically sealed glass package ? specified capacitance (see figure 2) ? inherently radiation hard per micronote 050 ? surface mount equivalents also available as smaj4728a to smaj4764a and smaj4728a to smaj4764a ? rohs compliant devices available by adding ?e3? suffix ? plastic body axial-leaded zener equivalents are also available as 1n4728a to 1n4764a maximum ratings mechanical and packaging microsemi scottsdale division page 1 copyright ? 2005 10-18-2005 rev a , e3 ? power dissipation at 25 o ? case: hermetically sealed do-213ab glass melf c: 1.0 watts (also see derating in figure 1). ? terminals: tin-lead (sn/pb) or rohs compliant annealed matte-tin plating solderable per mil-std- 750, method 2026 ? operating and storage temperature: -65 o c to +175 o c ? thermal resistance: 40 o c/w junction to end cap, or 120 o ? polarity: cathode indicated by band. diode to be operated with the banded end positive with respect to the opposite end for zener regulation c/w junction to ambient when mounted on fr4 pc board (1 oz cu) with recommended footprint (see last page) o ? marking: cathode band only ? steady-state power: 1.00 watts at t ec < 135 c, or 1.00 watts at t a < 55 o c when mounted on fr4 pc board and recommended footprint as described for thermal resistance (also see figure 1) ? tape & reel optional: standard per eia-481-b with 12 mm tape, 1500 per 7 inch reel or 5000 per 13 inch reel (add ?tr? suffix to part number) ? forward voltage @200 ma: 1.2 volts (maximum) ? weight: 0.05 grams ? solder temperatures: 260 o c for 10 s (max) ? see package dimensions & recommended mounting pad on last page 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
metallurgically bonded glass surface mount 1.0 w zeners microsemi scottsdale division page 2 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 copyright ? 2005 10-18-2005 rev a www. microsemi . com scottsdale division 1n4728ur-1 thru 1n4764aur-1,e3 (or mll4728a-1 thru mll4764a-1,e3) 1n4728aur-1 thru 1n4764aur-1 , e3 electrical characteristics @ t c = 30 o c zener voltage (note 4) v z test current i zt maximum dynamic impedance (note 2) z zt @ i zt maximum reverse current i r @ v r test voltage v r maximum regulator current t a = 50 o c i zm maximum knee impedance (note2) z zk @ i zk test current i zk maximum (surge) current (note 3) i s type number (note 1 & 5) volts ma ohms a volts ma ohms ma ma 1n4728aur-1 1n4729aur-1 1n4730aur-1 1n4731aur-1 3.3 3.6 3.9 4.3 76 69 64 58 10 10 9 9 100 100 50 10 1 1 1 1 276 252 234 217 400 400 400 400 1.0 1.0 1.0 1.0 1380 1260 1190 1070 1n4732aur-1 1n4733aur-1 1n4734aur-1 1n4735aur-1 4.7 5.1 5.6 6.2 53 49 45 41 8 7 5 2 10 10 10 10 1 1 2 3 193 178 162 146 500 550 600 700 1.0 1.0 1.0 1.0 970 890 810 730 1n4736aur-1 1n4737aur-1 1n4738aur-1 1n4739aur-1 6.8 7.5 8.2 9.1 37 34 31 28 3.5 4.0 4.5 5.0 10 10 10 10 4 5 6 7 133 121 110 100 700 700 700 700 1.0 0.5 0.5 0.5 660 605 550 500 1n4740aur-1 1n4741aur-1 1n4742aur-1 1n4743aur-1 10 11 12 13 25 23 21 19 7 8 9 10 10 5 5 5 7.6 8.4 9.1 9.9 91 83 76 69 700 700 700 700 0.25 0.25 0.25 0.25 454 414 380 344 1n4744aur-1 1n4745aur-1 1n4746aur-1 1n4747aur-1 15 16 18 20 17 15.5 14 12.5 14 16 20 22 5 5 5 5 11.4 12.2 13.7 15.2 61 57 50 45 700 700 750 750 0.25 0.25 0.25 0.25 304 285 250 225 1n4748aur-1 1n4749aur-1 1n4750aur-1 1n4751aur-1 22 24 27 30 11.5 10.5 9.5 8.5 23 25 35 40 5 5 5 5 16.7 18.2 20.6 22.8 41 38 34 30 750 750 750 1000 0.25 0.25 0.25 0.25 205 190 170 150 1n4752aur-1 1n4753aur-1 1n4754aur-1 1n4755aur-1 33 36 39 43 7.5 7.0 6.5 6.0 45 50 60 70 5 5 5 5 25.1 27.4 29.7 32.7 27 25 23 22 1000 1000 1000 1500 0.25 0.25 0.25 0.25 135 125 115 110 1n4756aur-1 1n4757aur-1 1n4758aur-1 1n4759aur-1 47 51 56 62 5.5 5.0 4.5 4.0 80 95 110 125 5 5 5 5 35.8 38.8 42.6 47.1 19 18 16 14 1500 1500 2000 2000 0.25 0.25 0.25 0.25 95 90 80 70 1n4760aur-1 1n4761aur-1 1n4762aur-1 1n4763aur-1 68 75 82 91 3.7 3.3 3.0 2.8 150 175 200 250 5 5 5 5 51.7 56.0 62.2 69.2 13 12 11 10 2000 2000 3000 3000 0.25 0.25 0.25 0.25 65 60 55 50 1n4764aur-1 100 2.5 350 5 76.0 9 3000 0.25 45 note 1: the type numbers shown with an ?a? suffix have a +/-5% toleranc e on the nominal zener voltage. it is also available with suff ix ?c? for +/-2%, and ?d? for +/-1%. the absence of a suffix letter denotes +/- 10% tolerance. note 2: the zener impedance is derived from the 60hz ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . zener impedance is measured at two points to ensure a sharp knee on the breakdown curve and eliminate unstable units. note 3: the reverse surge current is measured at 25 o c ambient using a ? square wave or e quivalent sine wave pulse 1/120 second duration superimposed on i zt . note 4: voltage measurements to be performed 90 seconds after application of dc current. note 5: this product series has also been previ ously identified as the mll4728a-1 thru mll47 64a-1 series. this alternate name may still be used.
metallurgically bonded glass surface mount 1.0 w zeners www. microsemi . com scottsdale division 1n4728ur-1 thru 1n4764aur-1,e3 (or mll4728a-1 thru mll4764a-1,e3) 1n4728aur-1 thru 1n4764aur-1 graphs steady-state power derating power dissipation (watts) t ec t a d p temperature ( o c ) figure 2 figure 1 power derating curve where t is end cap temp ec and t a is ambient temperature on fr4 pc board. package dimensions microsemi scottsdale division page 3 copyright ? 2005 10-18-2005 rev a , e3 inches millimeters inches mm pad layout dim min max min max a .276 7.00 a 0. 094 0.105 2.39 2.66 b 0.070 1.8 b 0. 189 0.205 4.80 5.20 c 0.110 2.8 c 0.016 0.022 0.41 0.55 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of 1N4738UR-1E3TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X