Part Number Hot Search : 
X25045V 4760A LTC3531 POT100 POT100 EPE6347S C106D SLD10VCA
Product Description
Full Text Search
 

To Download 1N4688UR-1TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scottsd a l e division in4678ur-1 thru 1n4717ur-1 (or mll4678-1 thru mll4717ur-1) w w w . mi c r o s e m i . c o m 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 ur-1 metallurgically bonded glass surf ace mount 0.5 watt zene rs descripti on appeara n c e the 1 n 46 78 ur-1 th ru 1 n 4717 ur-1 se ries of 0.5 watt glass surf ace m ount do -213aa z ener voltage regul ators provides a sel e cti on f r om 1.8 to 43 volts in stan dard 5 % toleran c e s as well a s ti ghter tol e ra n c e s with a ve ry low te st curre n t of 5 0 a. the s e have a n i n ternal -metall u rgi c al -bon d option a s identified with the ?-1 ? suf f ix. this typ e of inte rnall y bond ed z e ner pa ckage con s tru c tion i s al so avail a ble with equi valent military scree n ing a s de scri bed in the fe atu r es sectio n. microsem i also offers nume r ou s ot her zene r prod uct s to meet highe r an d lowe r po we r appli c ation s . do -213 aa import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? surface mou n t equ ival ent to jedec reg i ster ed 1n 46 78 th ru 1 n 47 17 se ri e s ? internal meta ll urgic a l bo nd w i th the ?-1? suffix ? options for screen ing i n accor danc e w i th mil - prf - 195 00 for jan, jant x, jan t xv, an d jans are avail a b l e b y a d d in g mq, mx, mv, msp respectively to part numb e rs; (e.g. mx1 n 46 7 8 ur-1, mv1 n 4 701 ur-1, msp1n4 709 d ur-1, etc.) ? non bon de d t y p e s also av ail a b l e w i th out the ?-1? suffix for both the a x i a l an d surface mount pack a g e s ? do-7 or do-35 glass bo d y a x i a l-le ad ed z e n e r equ ival ents als o avai lab l e p e r jedec reg i stration w i t h part numb e rs 1 n 46 78 thru 1 n 471 7 on se par ate data sheets ? reg u lates v o ltage ov er a bro ad op erati ng c u rrent an d temperatur e ra nge ? exte nsive se le ction from 1.8 to 43 v ? standar d volta ge toler anc es are pl us/minus 5% w i th no suffi x ? t i ght tolerance s avail abl e in p l us or min u s 2 % or 1% w i t h additional c or d suffix respectively ? hermetica ll y s eal ed surfac e mount pack a g e ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 ? minima l cap a ci tance (see f i g u re 3) ? inhere n tl y r adi ation h a rd as d e scrib ed in mic r osemi micronote 050 max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g an d storage temp e r ature: -65 o c to +175 o c ? t hermal resist ance: 10 0 o c/w junction to e nd cap, or 250 o c/w juncti on to ambi ent w h e n mount ed on f r 4 pc boar d (1 oz cu ) w i th rec o mm end ed footpr int (see last pag e f i gur e 1) ? stead y-state p o w e r: 0.5 w a tts at end cap te mperatur e t ec < 125 o c or at ambient t a < 50 o c w h en m ounte d on f r 4 pc boar d as descri bed fo r thermal resist ance abov e (see f i g u re 2 for derati ng) ? f o r w a r d vo ltag e @10 0 ma: 1.5 volts ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: herme ticall y se ale d gl ass do-213aa (sod80 or mll3 4) melf style p a cka ge ? t e rminals: end caps tin- le ad pl ated so lde r abl e per mil-st d-750, method 2 0 2 6 ? polarit y : c a thod e in dicate d b y ban d w h e r e dio de is to be op erat ed w i th the ban ded e nd p o sitiv e w i t h respect to the opp osite e nd for z ener reg u l a tion ? marking: ca thode b a n d on l y ? t ape & reel optio n: standa rd per eia-481 -1-b w i t h 12 mm tape, 2 000 p e r 7 inc h reel or 5 0 0 0 pe r 13 inch reel (a dd ?t r? suffix to part n u mber) ? w e igh t : 0.04 grams ? see pack a g e d i mensi ons o n l a st page m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 2 3-12-0 4 rev a
scottsd a l e division in4678ur-1 thru 1n4717ur-1 (or mll4678-1 thru mll4717ur-1) w w w . mi c r o s e m i . c o m 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 ur-1 *electric a l ch ara cteri s tic s @ 25oc nomin a l zener volt a g e (no t e 2) zener test curre nt m a ximum volt a g e regul a tion (no t e 3) m a ximum reverse l e ak ag e curre nt m a ximum dc zener curre nt* v z i zt ? v z i r @ v r i zm industry pa r t number (no t e 1) microsemi pa r t number (no t e 1) volts a volts a v o l t s m a 1n4 678 ur-1 1n4 679 ur-1 1n4 680 ur-1 1n4 681 ur-1 1n4 682 ur-1 mll4 678- 1 mll4 679- 1 mll4 680- 1 mll4 681- 1 mll4 682- 1 1.8 2.0 2.2 2.4 2.7 50 50 50 50 50 0.70 0.70 0.75 0.80 0.85 7.5 5.0 4.0 2.0 1.0 1.0 1.0 1.0 1.0 1.0 240 220 200 190 180 1n4 683 ur-1 1n4 684 ur-1 1n4 685 ur-1 1n4 686 ur-1 1n4 687 ur-1 mll4 683- 1 mll4 684- 1 mll4 685- 1 mll4 686- 1 mll4 687- 1 3.0 3.3 3.6 3.9 4.3 50 50 50 50 50 0.90 0.95 0.95 0.97 0.99 0.8 7.5 7.5 5.0 4.0 1.0 1.5 2.0 2.0 2.0 170 160 150 140 130 1n4 688 ur-1 1n4 689 ur-1 1n4 690 ur-1 1n4 691 ur-1 1n4 692 ur-1 mll4 688- 1 mll4 689- 1 mll4 690- 1 mll4 691- 1 mll4 692- 1 4.7 5.1 5.6 6.2 6.8 50 50 50 50 50 0.99 0.97 0.96 0.95 0.90 10.0 10.0 10.0 10.0 10.0 3.0 3.0 4.0 5.0 5.1 120 110 100 90 70 1n4 693 ur-1 1n4 694 ur-1 1n4 695 ur-1 1n4 696 ur-1 1n4 697 ur-1 mll4 693- 1 mll4 694- 1 mll4 695- 1 mll4 696- 1 mll4 697- 1 7.5 8.2 8.7 9.1 10.0 50 50 50 50 50 0.75 0.50 0.10 0.08 0.10 10.0 1.0 1.0 1.0 1.0 5.7 6.2 6.6 6.9 7.6 63.6 58.0 54.8 52.4 49.6 1n4 698 ur-1 1n4 699 ur-1 1n4 700 ur-1 1n4 701 ur-1 1n4 702 ur-1 mll4 698- 1 mll4 699- 1 mll4 700- 1 mll4 701- 1 mll4 702- 1 11.0 12.0 13.0 14.0 15.0 50 50 50 50 50 0.11 0.12 0.13 0.14 0.15 0.05 0.05 0.05 0.05 0.05 8.4 9.1 9.8 10.6 11.4 43.2 40.8 38.0 35.0 32.6 1n4 703 ur-1 1n4 704 ur-1 1n4 705 ur-1 1n4 706 ur-1 1n4 707 ur-1 mll4 703- 1 mll4 704- 1 mll4 705- 1 mll4 706- 1 mll4 707- 1 16.0 17.0 18.0 19.0 20.0 50 50 50 50 50 0.16 0.17 0.18 0.19 0.20 0.05 0.05 0.05 0.05 0.01 12.1 12.9 13.6 14.4 15.2 30.8 29.0 26.4 25.0 23.8 1n4 708 ur-1 1n4 709 ur-1 1n4 710 ur-1 1n4 711 ur-1 1n4 712 ur-1 mll4 708- 1 mll4 709- 1 mll4 710- 1 mll4 711- 1 mll4 712- 1 22.0 24.0 25.0 27.0 28.0 50 50 50 50 50 0.22 0.24 0.25 0.27 0.28 0.01 0.01 0.01 0.01 0.01 16.7 18.2 19.0 20.4 21.2 21.6 19.8 19.0 17.6 17.0 1n4 713 ur-1 1n4 714 ur-1 1n4 715 ur-1 1n4 716 ur-1 1n4 717 ur-1 mll4 713- 1 mll4 714- 1 mll4 715- 1 mll4 716- 1 mll4 717- 1 30.0 33.0 36.0 39.0 43.0 50 50 50 50 50 0.30 0.33 0.36 0.39 0.43 0.01 0.01 0.01 0.01 0.01 22.8 25.0 27.3 29.6 32.6 15.8 14.4 13.2 12.2 11.0 *jede c re gistered data ex cept i zm has been in cre a se d (dou bled ) for 500 m w p o we r dissip ation ca pabilitie s notes : 1. these ma y b e order ed as eith er 1n467 8ur - 1 t h rough 1 n 4717 u r -1, or as the m ll4678-1 throu g h mll4717 -1. 2. all ty p e s as sho w n are +/-5 % t o lerance. also av ailable in 2% and 1% tolera nce wi th added suffix c and d respectively . 3. ? v z @ 10 0 a mi nus v z @ 10 a. the electrical characteristics are measured afte r a llow i ng the device to stabiliz e for 20 seconds w h e n mounted w i th 3 / 8? minimu m lead length from the base. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ? 200 2 3-12-0 4 rev a
m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? 200 2 3-12-0 4 rev a w w . mi c r o s e m i . c o m scottsd a l e division w in4678ur-1 thru 1n4717ur-1 (or mll4678-1 thru mll4717ur-1) 1n4 099 ur-1 ?1n413 5ur-1 1n4 614 ur-1 ? 1n4 627 ur-1 graphs p d rated po wer dissipation (m w ) t ec t a capacitance vs. v z curve t ec , en d cap te mperatu r e ( o c) o r t a ambient tempera t ure on fr4 pc board figure 1 power de rating curv e t y pical c apacita n ce in picofarads (pf) zener voltag e v z figure 2 capacitance vs. zener voltage ( t ypical) pac k ag e dim e n s io ns inch e s m i l l i m e t e r s dim m i n m a x m i n m a x a 0. 0 6 3 0 . 0 6 7 1. 6 0 1. 7 0 b 0. 1 3 0 0 . 1 4 6 3. 3 0 3. 7 0 c 0. 0 1 6 0 . 0 2 2 0. 4 1 0. 5 5 pad layout i n c h e s mm a . 2 0 0 5 . 0 8 b . 0 5 5 1 . 4 0 c . 0 8 0 2 . 0 3


▲Up To Search▲   

 
Price & Availability of 1N4688UR-1TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X