Part Number Hot Search : 
TDA8310A MMA690XQ AD813 IRFSZ24A 60601 5KE43 C3374 MMBT9
Product Description
Full Text Search
 

To Download 1N4148WT-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30396 rev. 2 - 2 1 of 2 1n4148wt www.diodes.com  diodes incorporated 1n4148wt surface mount fast switching diode  case: sod-523, plastic  plastic material - ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020a  polarity: cathode band  terminals: finish - matte tin (note 1) solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 2  marking: t4  weight: 0.002 grams (approx.) mechanical data b a c d g e cathode mark marking code t4 characteristic symbol value unit non-repetitive peak reverse voltage v rm 100 v reverse voltage v r 80 v rms reverse voltage v r(rms) 53 v forward continuous current i fm 250 ma average rectified output current i o 125 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 100ms i fsm 2.0 1.0 a power dissipation (note 2) p d 150 mw thermal resistance junction to ambient air (note 2) r  ja 833  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol min max unit test conditions reverse breakdown voltage (note 3) v (br)r 75  v i r = 1.0  a forward voltage v f  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma peak reverse current (note 3) i r  1.0 50 30 25  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 20v total capacitance c t  2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified  fast switching speed  ultra-small surface mount package  for general purpose switching applications  high conductance  also available in lead free version note: 1. if lead-bearing terminal plating is required, please contact your diodes inc. sales representative for availability and minimum order details. 2. part mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 3. short duration pulse test used to minimize self-heating effect. t c u d o r p w e n sod-523 dim min max a 1.50 1.70 b 1.10 1.30 c 0.25 0.35 d 0.70 0.90 e 0.10 0.20 g 0.50 0.70 all dimensions in mm features
ds30396 rev. 2 - 2 2 of 2 1n4148wt www.diodes.com 0 50 025 50 75 100 125 p,p o wer dissipati o n (mw) d t , ambient temperature ( c) a fig. 1 derating curve 100 200 150 150 0.001 0.01 0.1 1 10 1000 100 0 500 1000 1500 v , instantaneous forward voltage (mv) f fi g .2 t y pical forward characteristics i , instantaneous forward current (ma) f t=25c a t=75c a t = 125c a t = -25c a 0 20 40 60 80 100 v , instantaneous reverse voltage (v) r fig. 3 typical reverse characteristics 1 0.1 10 100 1000 10,000 t = 25c a t=75c a t = 125c a t = -25c a i , leakage current (na) r t c u d o r p w e n notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: 1N4148WT-7-F. ordering information (note 4) device packaging shipping 1n4148wt-7 sod-523 3000/tape & reel


▲Up To Search▲   

 
Price & Availability of 1N4148WT-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X