Part Number Hot Search : 
2SC3871 38C36E1 SP121 74HC13 16016 FX003QZS AD905 S081R
Product Description
Full Text Search
 

To Download 1N4148W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav16w/1n4148w surface mount fast switching diode features ? fast switching speed ? surface mount package ideally suited for automatic insertion ? for general purpose switching applications ? high conductance ? lead free/rohs compliant (note 2) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sod-123 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte ti n finish annealed over alloy 42 leadframe) ? polarity: cathode band ? marking: date code and type code, see page 3 ? type code: t6, t4 ? ordering information: see page 3 ? weight: 0.01 grams (approximate) a b c d e g h sod-123 dim min max a 3.55 3.85 b 2.55 2.85 c 1.40 1.70 d ? 1.35 0.45 0.65 e 0.55 typical g 0.25 ? h 0.11 typical j ? 0.10 0 8 all dimensions in mm maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 v rms reverse voltage v r(rms) 71 v forward continuous current i fm 300 ma average rectified output current i o 150 ma non-repetitive peak forward surge current @ t = 1.0 s @ t = 1.0s i fsm 2.0 1.0 a power dissipation (note 1) p d 400 mw thermal resistance junction to ambient air (note 1) r ja 315 c/w operating and storage temperature range t j , t stg -65 to +150 c notes: 1. part mounted on fr-4 pc board with minimum recommended pad lay out, which can be found on our website at http://www.di odes.com/datasheet s/ap02001.pdf. 2. no purposefully added lead. ds30086 rev. 17 - 2 1 of 3 www.diodes.com bav16w/1n4148w ? diodes incorporated
electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 3) v (br)r 100 ? v i r = 1.0 a forward voltage v fm ? 0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma peak reverse current (note 3) i rm ? 1.0 50 30 25 a a a na v r = 75v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 2.0 pf v r = 0, f = 1.0mhz reverse recovery time t rr ? 4.0 ns i f = i r = 10ma, i rr = 0.1 x i r , r l = 100 notes: 3. short duration pulse test used to minimize self-heating effect. 0 100 0 25 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) fig. 1 power derating curve a 200 300 400 500 ds30086 rev. 17 - 2 2 of 3 www.diodes.com bav16w/1n4148w ? diodes incorporated
ordering information (note 4) device packaging shipping bav16w-7-f sod-123 3000/tape & reel 1N4148W-7-F sod-123 3000/tape & reel notes: 4. for packaging details, go to our website at http://www.di odes.com/datas heets/ap02007.pdf. marking information xx = product type marking code (see page 1) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xx ym date code key year 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code m n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the ri ghts of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products are represented on our website, harmless against all damages. life support diodes incorporated products are not authoriz ed for use as critical components in life support devices or systems without the e xpressed written approval of the president of diodes incorporated. ds30086 rev. 17 - 2 3 of 3 www.diodes.com bav16w/1n4148w ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of 1N4148W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X