Part Number Hot Search : 
WB201 0DC12 22001 16080 354AK CXB1573R MM74HC 1102E
Product Description
Full Text Search
 

To Download 1516C-25-20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1516 doc #97029 data delay devices, inc. 1 2/7/97 3 mt. prospect ave. clifton, nj 07013 5-tap dip/smd delay line t d /t r = 3 (series 1516) features packages 5 taps of equal delay increment delays to 200ns low profile epoxy encapsulated meets or exceeds mil-d-23859c functional description the 1516-series device is a fixed, single-input, five- output, passive delay line. the signal input (in) is reproduced at the outputs (t1-t5) in equal increments. the delay from in to t5 (t d ) and the characteristic impedance of the line (z) are determined by the dash number. the rise time (t r ) of the line is 30% of t d , and the 3db bandwidth is given by 1.05 / t d . the device is available in a 8-pin dip (1516) or a 8-pin smd (1516s), and a wide range of pinouts may be specified. part numbers are constructed according to the scheme shown at right. for example, 1516c-101-500b is a 290 mil dip, 100ns, 50 w delay line with pinout code b. similarly, 1516sb-151-501 is a 240 mil smd, 150ns, 500 w delay line with standard pinout. series specifications dielectric breakdown: 50 vdc distortion @ output: 10% max. operating temperature: -55 c to +125 c storage temperature: -55 c to +125 c temperature coefficient: 100 ppm/ c pinout codes code in t1 t2 t3 t4 t5 gnd std 2 3 4 5 6 7 1,8 a 1 2 3 4 6 7 5,8 b 1 7 3 6 4 5 8 c 7 2 6 3 5 4 1,8 d 1 2 7 3 6 4 5,8 mounting height codes code height (max) dip smd a 0.187 yes no b 0.240 yes yes c 0.290 yes yes note: codes a and b are not available for all values of t d contact technical staff for details data delay devices, inc. 3 in signal input t1-t5 tap outputs gnd ground note: standard pinout shown other pinouts available 8 7 6 5 1 2 3 4 gnd in t1 t2 gnd t5 t4 t3 delay time expressed in nanoseconds ( ns) first two digits are significant figures last digit specifies # of zeros to follow impedance expressed in nanoseconds (ns) first two digits are significant figures last digit specifies # of zeros to follow pinout code see table omit for std pinout mounting height code see table part number construction 1516(s)m - xxx - zzz p delay specifications t d t i t r attenuation (%) typical ( ns) ( ns) ( ns) z=50 w w z=100 w w z=200 w w z=300 w w z=500 w w 5 1.0 3.0 n/a 5 n/a n/a n/a 10 2.0 4.0 3 5 5 n/a n/a 15 3.0 5.0 3 5 5 n/a n/a 20 4.0 6.0 3 5 5 5 n/a 25 5.0 7.0 3 5 5 5 7 30 6.0 10.0 3 5 5 5 7 40 8.0 13.0 3 5 5 5 7 50 10.0 15.0 3 5 5 7 7 60 12.0 20.0 3 5 6 7 8 75 15.0 25.0 3 5 6 7 8 80 16.0 26.0 4 5 6 7 8 100 20.0 30.0 4 5 6 7 8 110 22.0 32.0 4 5 6 7 8 125 25.0 40.0 4 5 6 7 8 150 30.0 50.0 n/a 5 8 10 10 180 36.0 60.0 n/a 7 8 10 10 200 50.0 70.0 n/a 8 10 12 12 notes: t i represents nominal tap-to-tap delay increment tolerance on t d = 5% or 2ns, whichever is greater tolerance on t i = 5% or 1ns, whichever is greater ?n/a? indicates that delay is not available at this z 1997 data delay devices
1516 doc #97029 data delay devices, inc. 2 2/7/97 tel: 973-773- 2299 fax: 973-773-9672 http://www.datadelay.com functional diagram gnd in t5 t1 t2 t3 t4 gnd package dimensions 1516-xx (dip) see table .500 max. 1 2 3 4 5 6 7 8 .015 typ. .070 max. .018 typ. .300 .010 3 equal spaces each .100 .010 non-accumulative .280 max. .350 max. .010 .002 lead material: nickel-iron alloy 42 tin plate 1516s-xx (gull-wing) see table .520 max. 1 2 3 4 5 6 7 8 .430 typ. .020 typ. .040 typ. .100 .110 .300 .270 typ. .010 typ. .050 typ.
1516 doc #97029 data delay devices, inc. 3 2/7/97 3 mt. prospect ave. clifton, nj 07013 passive delay line test specifications test conditions input: output: ambient temperature: 25 o c 3 o c r load : 10m w input pulse: high = 3.0v typical c load : 10pf low = 0.0v typical threshold: 50% (rising & falling) source impedance: 50 w max. rise/fall time: 3.0 ns max. ( measured at 10% and 90% levels) pulse width (t d <= 75ns): pw in = 100ns period (t d <= 75ns): per in = 1000ns pulse width (t d > 75ns): pw in = 2 x t d period (t d > 75ns): per in = 10 x t d note: the above conditions are for test only and do not in any way restrict the operation of the device. timing diagram for testing t rise t fall per in pw in t rise t fall 10% 10% 50% 50% 90% 90% 50% 50% v ih v il v oh v ol input signal output signal t rise t fall 10% 10% 90% 90% in t1 out trig in trig test setup device under test (dut) oscilloscope pulse generator 50 w r out r in r in = r out = z line t2 t3 t4 t5


▲Up To Search▲   

 
Price & Availability of 1516C-25-20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X