Part Number Hot Search : 
BAT54XN3 51216 AP432AV CFRM107 C1602 BLU11SL DR300 CXP87300
Product Description
Full Text Search
 

To Download UF5408GP-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  uf5400gp thru uf5408gp 3 amp ultra fast glass passivated recovery rectifier 50 to 1000 volts features glass passivated junction low forward voltage drop and high surge capability ultra fast switching speed for high efficiency maximum ratings operating temperature: -5 5 c to +15 0 c storage temperature: -5 5 c to +15 0 c typical thermal resistance 20 c/w mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage uf5400gp --- 50v 35v 50v uf5401gp --- 100v 70v 100v uf5402gp --- 200v 140v 200v uf5404gp --- 400v 280v 400v uf5406gp --- 600v 420v 400v uf5407gp --- 800v 560v 800v uf5408gp --- 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 3 a t a = 55 c peak forward surge current i fsm 100a 8.3ms, half sine maximum instantaneous forward voltage uf5400gp-5402gp v f 1.0v i fm = 3.0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 m a 50 m a t a = 25 c t a = 100 c maximum reverse recovery time uf5400gp-5404gp uf5406gp-5408gp t rr 50ns 75ns i f =0.5a, i r =1.0a, i rr =0.25a typical junction capacitance uf5400gp-5404gp uf5406gp-5408gp c j 75pf 50pf measured at 1.0mhz, v r =4.0v do-201ad dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- a b c d d cathode mark ww w . mccsemi .com uf540 4 gp 1. 3 v uf5406gp-5408gp 1. 7 v         
 om p on ent s 20736 marilla street chatsworth               !  " #   $
%          !   " #    mcc revision: a 2011 /01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) 1 of 4 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
uf5400gp thru uf5408gp average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 .5 1.0 1.5 single phase, half wave 60hz resistive or inductive load amps c 150 2.0 2.5 3.0 junction capacitance - pf versus reverse voltage - volts instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics 4 6 20 10 amps .4 .6 .8 1.0 1.2 1.4 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c volts figure 3 junction capacitance .1 .2 1 .4 2 10 20 404 100 200 1 2 6 10 20 100 pf volts 60 40 4 400 1000 t j =25 c uf5400gp - uf5404gp uf5406gp - uf5408gp uf5406gp - uf5408gp uf5400gp - uf5404gp www. mccsemi .com mcc revision: a 2011/01/01 tm micro commercial components 2 of 4
uf5400gp thru uf5408gp t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 w 50 w 10 w oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 6 reverse recovery time characteristic and test circuit diagram figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts 4 6 20 10 m amps 20 120 40 60 80 100 .01 .02 .04 .06 .1 .2 .4 .6 1 2 t j =25 c 40 60 100 140 t j =100 c t j =150 c www. mccsemi .com mcc revision: a 2011/01/01 amps 1 100 4 0 25 50 75 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles cycles 2 6 10 20 60 80 40 100 125 150 tm micro commercial components 3 of 4
mcc www.mccsemi .com revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 1.2kpcs/reel part number-ap ammo packing: 1.2kpcs/ammo box part number-bp bulk: 12kpcs/carton ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of UF5408GP-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X