Part Number Hot Search : 
100R2 TA7060 AUK11Y48 25FR10M NSLC420 4BC30K LN61C NTE3044
Product Description
Full Text Search
 

To Download TPCA8050-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TPCA8050-H 2009-07-06 1 toshiba field effect transistor silicon n-cha nnel mos type (u-mos -h) TPCA8050-H switching regulator applications motor drive applications dc-dc converter applications ? small footprint due to a small and thin package ? high-speed switching ? small gate charge: q sw = 10 nc (typ.) ? low drain-source on-resistance: r ds (on) = 9.0 m (typ.) ? high forward transfer admittance: |y fs | = 70 s (typ.) ? low leakage current: i dss = 10 a (max) (v ds = 60 v) ? enhancement mode: v th = 1.3 to 2.3 v (v ds = 10 v, i d = 0.5 ma) absolute maximum ratings (ta = 25c) characteristic symbol rating unit drain-source voltage v dss 60 v drain-gate voltage (r gs = 20 k ) v dgr 60 v gate-source voltage v gss 20 v dc (note 1) i d 24 drain current pulsed (note 1) i dp 72 a drain power dissipation (tc = 25 ) p d 45 w drain power dissipation (t = 10 s) (note 2a) p d 2.8 w drain power dissipation (t = 10 s) (note 2b) p d 1.6 w single-pulse avalanche energy (note 3) e as 42 mj avalanche current i ar 24 a repetitive avalanche energy (tc = 25 ) (note 4) e ar 2.68 mj channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note: for notes 1 to 4, refer to the next page. using continuously under heavy lo ads (e.g. the application of high temperature/current/voltage a nd the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precau tions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). this transistor is an electrostatic-sensitive device. handle with care. unit: mm 8 5 1 4 0.6 0.1 4.25 0.2 0.8 0.1 3.5 0.2 1.1 0.2 0.166 0.05 0.95 0.05 5.0 0.2 s s 0.05 a 0.595 0.4 0.1 6.0 0.3 5.0 0.2 1 4 0.15 0.05 8 5 1.27 a 0.05 m jedec ? jeita ? toshiba 2-5q1a weight: 0.069 g (typ.) circuit configuration 8 6 1 2 3 7 5 4 1,2,3:source 4:gate 5,6,7,8:drain
TPCA8050-H 2009-07-06 2 thermal characteristics characteristic symbol max unit thermal resistance, channel to case (tc = 25 ) r th (ch-c) 2.78 c/w thermal resistance, channel to ambient (t = 10 s) (note 2a) r th (ch-a) 44.6 c/w thermal resistance, channel to ambient (t = 10 s) (note 2b) r th (ch-a) 78.1 c/w marking (note 5) note 1: ensure that the channel temperature does not exceed 150c. note 2: (a) device mounted on a glass-epoxy board (a) (b) device mounted on a glass-epoxy board (b) note 3: v dd = 24 v, t ch = 25c (initial), l = 100 h, r g = 25 , i ar = 24 a note 4: repetitive rating: pulse width limited by maximum channel temperature note 5: part number tpca 8050-h * weekly code: (three digits) week of manufacture (01 for the first week of the year, continuing up to 52 or 53) year of manufacture (the last digit of the year) lot no. (a) fr-4 25.4 25.4 0.8 (unit: mm) (b) fr-4 25.4 25.4 0.8 (unit: mm)
TPCA8050-H 2009-07-06 3 electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit gate leakage current i gss v gs = 20 v, v ds = 0 v ? ? 100 na drain cutoff current i dss v ds = 60 v, v gs = 0 v ? ? 10 a v (br) dss i d = 10 ma, v gs = 0 v 60 ? ? drain-source breakdown voltage v (br) dsx i d = 10 ma, v gs = ?20 v 45 ? ? v gate threshold voltage v th v ds = 10 v, i d = 0.5 ma 1.3 ? 2.3 v v gs = 4.5 v, i d = 12 a ? 10.1 15.3 drain-source on-resistance r ds (on) v gs = 10 v, i d = 12 a ? 9.0 14.2 m forward transfer admittance |y fs | v ds = 10 v, i d = 12 a 35 70 ? s input capacitance c iss ? 2590 3365 reverse transfer capacitance c rss ? 95 140 output capacitance c oss v ds = 10 v, v gs = 0 v, f = 1 mhz ? 300 ? pf gate resistance rg v ds = 10 v, v gs = 0 v, f = 1 mhz ? 1.0 1.5 rise time t r ? 2.5 ? turn-on time t on ? 11 ? fall time t f ? 5.7 ? switching time turn-off time t off duty 1%, t w = 10 s ? 39 ? ns v dd 48 v, v gs = 10 v, i d = 24 a ? 41 ? total gate charge (gate-source plus gate-drain) q g v dd 48 v, v gs = 5 v, i d = 24 a ? 21 ? gate-source charge 1 q gs1 ? 7.8 ? gate-drain (?miller?) charge q gd ? 6.1 ? gate switch charge q sw v dd 48 v, v gs = 10 v, i d = 24 a ? 10 ? nc source-drain ratings and characteristics (ta = 25c) characteristic symbol test condition min typ. max unit drain reverse current pulse (note 1) i drp ? ? ? 72 a forward voltage (diode) v dsf i dr = 24 a, v gs = 0 v ? ? ? 1.2 v r l = 2.5 v dd 30 v 0 v v gs 10 v 4.7 i d = 12 a v out
TPCA8050-H 2009-07-06 4 1 0.1 10 100 100 10 v gs = 4.5 v 10 1 10 100 0.1 1 25 100 ta = ? 55c 100 1 1000 10 0.1 0 0.3 0.5 0 i d = 24 a 2 4 6 8 6 12 0.2 10 0.4 0.1 0 0 1 23 5 50 ta = ? 55c 25 100 30 4 40 10 20 i d ? v ds 2 0 0.8 v gs = 2.8 v 1.6 1.2 0.4 3.1 3 3.3 2.9 10 4.5 3.8 3.5 3.2 3.4 6 50 30 20 0 40 10 3.6 4 i d ? v ds 0 0.2 0.4 0.6 0.8 v gs = 2.8 v 3.1 10 1 4.5 3.4 3.3 3 3.6 2.9 3.2 20 12 8 0 16 4 6 4 8 drain-source voltage v ds (v) drain current i d (a) drain current i d (a) r ds (on) ? i d drain-source on-resistance r ds (on) (m ) drain current i d (a) ? y fs ? ? i d forward transfer admittance |y fs | (s) drain-source voltage v ds (v) drain current i d (a) gate-source voltage v gs (v) i d ? v gs drain current i d (a) drain-source voltage v ds (v) gate-source voltage v gs (v) v ds ? v gs common source ta = 25c pulse test common source v ds = 10 v pulse test common source ta = 25c pulse test common source ta = 25c pulse test common source ta = 25c pulse test common source v ds = 10 v pulse test
TPCA8050-H 2009-07-06 5 0 v dd = 48 v v ds = 48 v 12 24 40 12 4 16 0 20 80 8 20 12 24 50 30 20 0 40 10 60 0 0.5 1.5 ? 80 ? 40 0 40 80 120 160 2.5 1.0 2.0 10 0.1 100 1000 10000 1 10 100 c iss c oss c rss 0 0.1 ? 0.2 ? 0.6 ? 0.8 ? 1.2 v gs = 0 v 10 4.5 2 3 ? 0.4 10 100 1 1 ? 1.0 160 ? 40 0 40 80 120 ? 80 0 v gs = 10 v v gs = 4.5 v 20 i d = 6, 12, 24 a 8 12 4 16 i d = 6, 12, 24 a drain-source voltage v ds (v) capacitance ? v ds capacitance c (pf) drain-source voltage v ds (v) i dr ? v ds drain reverse current i dr (a) gate threshold voltage v th (v) ambient temperature ta ( c) v th ? ta ambient temperature ta ( c) r ds (on) ? ta drain-source on-resistance r ds (on) (m ) total gate charge q g (nc) drain-source voltage v ds (v) dynamic input/output characteristics gate-source voltage v gs (v) common source ta = 25c pulse test common source v gs = 0 v f = 1 mhz ta = 25c common source v ds = 10 v i d = 0.5 ma pulse test common source pulse test common source i d = 24 a ta = 25c pulse test
TPCA8050-H 2009-07-06 6 t = 1 ms* v dss max t =10 ms* 10 100 1000 0.1 10 1 1 100 0.01 0.1 1 0.001 10 100 1000 0.01 0.1 1 10 100 1000 (2) (1) (3) 0.1 3.0 2.0 0 1.5 2.5 1.0 0.5 0 40 80 120 160 (1) (2) transient thermal impedance r th (c/w) pulse width t w (s) r th ? t w (1) device mounted on a glass-epoxy board (a) (note 2a) (2) device mounted on a glass-epoxy board (b) (note 2b) (3) tc = 25 single - pulse drain current i d (a) drain-source voltage v ds (v) safe operating area i d max (pulse) * * single-pulse ta = 25 curves must be derated linearly with increase in temperature. case temperature t c ( c) p d ? tc drain power dissipation p d (w) ambient temperature ta ( c) p d ? ta drain power dissipation p d (w) (1) device mounted on a glass-epoxy board (a) (note 2a) (2) device mounted on a glass-epoxy board (b) (note 2b) t = 10 s 50 30 20 10 0 0 40 80 120 160 40
TPCA8050-H 2009-07-06 7 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before creating and producing des igns and using, customers mus t also refer to and comply with (a) the latest versions of all re levant toshiba information, including without limitation, this d ocument, the specifications, the data sheets and applic ation notes for product and the precautions and conditions set forth in the ?tosh iba semiconductor reliability handbook? and (b) t he instructions for the application that product will be used with or for. custome rs are solely responsible for all aspects of t heir own product design or applications, incl uding but not limited to (a) determining th e appropriateness of the use of this product in such design or applications; (b) evaluating and det ermining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic s ignaling equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalato rs, devices related to el ectric power, and equipment used in finance-related fields. do not use product for unintended use unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? a bsent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the japanese foreign exchange and foreign trade law and the u.s. expor t administration regulations. ex port and re-export of product or related software or technology are strictly prohibited exc ept in compliance with all applicable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TPCA8050-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X