Part Number Hot Search : 
2403S DTC114E S5T5820C HM965 CY7C6 HZU3CLL R2032 EL2227CS
Product Description
Full Text Search
 

To Download SXA0617082268GAC00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  metal oxide resistors, standard sxa vishay draloric www.vishay.com for technical questions, contact: filmresistors.leaded@vishay.com document number: 20127 170 revision: 21-feb-08 features ? rugged metal oxide film ? lead (pb)-free solder contacts ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? compatible with ?restriction of the use of hazardous substances? (rohs) directive 2002/95/ec (issue 2004) ? high power dissipation (up to 4 w) ? high temperature coating (refer power derating graph) ? used in applications with high endurance demands notes: ? tcr 200 ppm/c on request ? coating: grey ? marking: sxa0411 and sxa0617 color c ode (no tcr band); sxa0922 print marked notes: (1) please refer to table packaging, see next page ? the part number shown above is to facilitate th e unified part numbering syste m for ordering products standard electrical specifications model power rating p 70 c w limiting element voltage max. v ? temperature coefficient ppm/k tolerance % resistance range e-series sxa0411 0.7 300 2 5 1r0 - 9r53 r16 - 9r53 48 24 sxa0411 1.0 350 300 2 5 10r - 100k 10r - 100k 48 24 sxa0617 1.5 300 2 5 1r0 - 9r53 r16 - 9r53 48 24 sxa0617 2.0 500 300 2 5 10r - 100k 10r - 100k 48 24 sxa0922 4.0 500 300 2 5 10r - 68k 5r1 - 68k 48 24 p x r p x r part number and product description model v alue tolera n ce special e u l a v t i g i d 3 a x s up to 2 digits 00 = standard 1 digit multiplier part number: sxa0411081802gde00 sxa041108180 2gde00 product description: sxa0411 300 18 k 2 % reg53 sxa0411 % 2 k 8 1 model resista n ce v alue tolera n ce sxa0411 sxa0617 sxa0922 49k9 = 49.9 k 50r1 = 50.1 2 % 5 % 21 = a1 (g53) 41 = a1 (g73) 2c = ac 2b = ab de = re (g53) fe = re (g73) h1 = r1 dc = rc tcr size 0411 0617 0922 8 = 300 ppm/k multiplier 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 -0 1 = *10 1 2 = *10 2 3 = *10 3 g = 2 % j = 5 % 300 tcr 300 ppm/k special character 0 = n e u tral packagi n g (1) a1g53 a1g73 ac ab reg53 reg73 r1 rc reg53 packagi n g (1)
sxa metal oxide resistors, standard vishay draloric document number: 20127 for technical question s, contact: filmresistors.leaded@vishay.com www.vishay.com revision: 21-feb-08 171 dimensions notes: ? taping in acc. with iec60286 ? d and l measured in acc. with iec60294 ? d according to iec60301 note: (1) also available in 53 mm tape spacing note: (2) rated voltage l 1 l d d b e 6 mm model dimensions [in millimeters] dll 1 max. bde sxa0411 3.8 - 0.4 11.0 - 0.6 14.0 73 1 (1) 0.7 12.5 sxa0617 5.2 - 0.5 15.8 - 0.8 19.8 83 1 (1) 0.8 17.5 sxa0922 8.4 - 0.6 22.2 - 0.9 26.2 83 1 0.8 25.0 technical specifications parameter unit sxa0411 sxa0617 sxa0922 rated dissipation at 70 c w 0.7 1 1.5 2 4 limiting element voltage (2) v ? 350 500 500 insulation voltage (1 min) v eff > 600 > 600 > 600 thermal resistance k/w 150 110 70 insulation resistance ? 10 11 category temperature range c - 55 to + 175 terminal strength, axial n > 60 > 80 > 80 failure rated 10 - 8 /h < 3 weight g 0.52 1.1 3.2 p x r derating 120 100 80 60 40 20 0 0 50 100 150 200 250 300 350 400 450 500 ambient temperature in c % n i r e w o p d e t a r 70 sxa0922 sxa0617 sxa0411 300 250 200 150 100 50 0 01234567 8910 power in w n i e s i r e r u t a r e p m e t c temperature rise 0922 0617 0411 packaging model reel box pieces/reel code min. order qty packaging units pieces/box code min. order qty packaging units sxa0411 2500 re 1 1000 a1 1 sxa0617 1000 r1 2 500 ac 2 sxa0922 500 rc 2 250 ab 4
sxa vishay draloric metal oxide resistors, standard www.vishay.com for technical questions, contact: filmresistors.leaded@vishay.com document number: 20127 172 revision: 21-feb-08 3 2 1 0 - 1 - 2 4 3 2 1 0 - 1 - 2 - 3 - 4 - 5 0922 1 10 100 1 k 10 k 100 k 1 m resistance value in 1 10 100 1 k 10 k 100 k 1 m resistance value in at 70 c 1000 h at uct 175 c 1000 h endurance endurance ] w [ p g n i t a r r e w o p ] w [ g n i t a r r e w o p e g n a h c e c n a t s i s e r ? r / r ] % [ e g n a h c e c n a t s i s e r ? r / r ] % [ ? max [v] e g a t l o v e s l u p max. pulse voltage 0.1 1 10 100 sxa 0411 sxa 0617 sxa 0922 1000 sxa 0411 sxa 0617 sxa 0922 2000 1000 0 0.1 1 10 100 1000 10 000 sxa 0411 sxa 0617 sxa 0922 square pulse i [s] secondary conditions: a) max. see diagrams a b o v e b ) ? u 70 c pulse load o secondary conditions: a) 0 peak p u lse, single p u lse b ) ? u 70 c c) ? max. see diagram b elo w secondary conditions: a) 70 (permissi b le constant po w er at ? u = 70 c) b ) ? u 70 c c) ? max. see diagram b elo w 0411 0617 10 - 5 10 - 4 10 - 1 10 - 3 10 - 1 10 - 0 10 - 2 10 2 10 - 4 10 - 3 10 2 10 - 2 10 - 5 10 1 10 - 1 10 - 0 0.001 10 0.1 0.0001 0.00001 1 0.01 100 p t square pulse i [s] t square pulse i [s] t p pulse load 70 pp p pp p
sxa metal oxide resistors, standard vishay draloric document number: 20127 for technical question s, contact: filmresistors.leaded@vishay.com www.vishay.com revision: 21-feb-08 173 note: (1) for a resistance range from 10 to 100 k 0411 0617 0922 10 100 1 k 10 k 100 k 1 m 10 m 100 10 1 0.1 0.01 a e s i o n t n e r r u c 1 v/v resistance value in current noise non-linearity a y t i r a e n i l - n o n 3 b d n i 10 100 1 k 10 k 100 k 1 m 160 150 140 130 120 110 100 90 80 70 60 50 40 30 resistance value in 0411/0617 0922 performance test conditions of test requirements (1) 0411/0617 0922 endurance at 70 c iec 60115-1 4.25.1 1000 h at 70 c 1.5 h on, 0.5 h off 8000 h at 70 c 1.5 h on, 0.5 h off 2.5 % 5.0 5.0 % 10 % endurance at uct iec60115-1 4.25.3 1000 h at 175 c without load 8000 h at 175 c without load 2.5 % 5.0 % overload test iec 60115-1 4.13 short time overload at 2.5 x rated power or twice the limiting voltage for 5 s 0.5 % thermal shock iec 60115-1 4.19 iec60068-2-14 rapid change between upper and lower category termperature 0.5 % climatic sequence iec60115-1 4.23 dry heat, damp heat cyclic, cold, low air pressure 1.0 % damp heat steady state iec 60115-1 4.18 iec60068-2-3 56 days at 40 c and 93 % relative humidity and u = 0.1 x rated power 1.0 % resistance to soldering heat iec 60115-1 4.18 iec60068-2-20 10 s at 260 c solder bath temperature 0.25 % robustness of terminations iec 60115-1 4.16 tensile, bending and torsion 0.25 % vibration iec 60115-1 4.22 0.75 mm or 10 g, 10 hz - 500 hz 0.25 % applicable specifications ? cecc 40000 ? en 140 000/iec 60115-1
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SXA0617082268GAC00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X