Part Number Hot Search : 
DTC114 ER502 67060 PAD10 MC1449 SMG2D60C BM242 12EZS
Product Description
Full Text Search
 

To Download SSM3J306T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM3J306T 2006-08-23 1 toshiba field-effect transistor silicon p-channel mos type SSM3J306T power management switch applications ? 4 v drive ? low on-resistance: r on = 225 m ? (max) (@v gs = ? 4 v) r on = 117 m ? (max) (@v gs = ? 10 v) absolute maximum ratings (ta = 25c) characteristic symbol rating unit drain?source voltage v ds ? 30 v gate?source voltage v gss 20 v dc i d ? 2.4 drain current pulse i dp ? 4.8 a drain power dissipation p d (note 1) 700 mw channel temperature t ch 150 c storage temperature range t stg ? 55 to 150 c note 1: mounted on an fr4 board. (25.4 mm 25.4 mm 1.6 t, cu pad: 645 mm 2 ) electrical characteristics (ta = 25c) characteristic symbol test condition min typ. max unit v (br) dss i d = ? 1 ma, v gs = 0 ? 30 ? ? drain?source breakdown voltage v (br) dsx i d = ? 1 ma, v gs = + 20 v ? 15 ? ? v drain cutoff current i dss v ds = ? 30 v, v gs = 0 ? ? ? 1 a gate leakage current i gss v gs = 16 v, v ds = 0 ? ? 1 a gate threshold voltage v th v ds = ? 5 v, i d = ? 1 ma ? 1.2 ? ? 2.6 v forward transfer admittance ? y fs ? v ds = ? 5 v, i d =? 1 a (note 2) 1.6 3.1 ? s i d = ? 1 a, v gs = ? 10 v (note 2) ? 80 117 drain?source on-resistance r ds (on) i d = ? 0.5 a, v gs = ? 4 v (note 2) ? 160 225 m ? input capacitance c iss ? 280 ? output capacitance c oss ? 80 ? reverse transfer capacitance c rss v ds = ? 15 v, v gs = 0, f = 1 mhz ? 45 ? pf total gate charge q g ? 2.5 ? gate-source charge q gs ? 1.3 ? gate-drain charge q gd v ds = -15 v, i ds = -2.4 a v gs = -4 v ? 1.2 ? nc turn-on time t on ? 16 ? switching time turn-off time t off v dd = ? 15 v, i d = ? 1 a, v gs = 0 to ? 4 v, r g = 10 ? ? 35 ? ns drain?source forward voltage v dsf i d = 2.4 a, v gs = 0 v (note 2) ? 0.8 1.2 v note 2: pulse test unit: mm jedec D jeita D toshiba 2-3s1a weight: 10 mg (typ.)
SSM3J306T 2006-08-23 2 switching time test circuit marking equivalent circuit (top view) precaution v th can be expressed as the voltage between gate and sour ce when the low operating current value is i d = ? 1 ma for this product. for normal switching operation, v gs (on) requires a higher voltage than v th and v gs (off) requires a lower voltage than v th. (the relationship can be established as follows: v gs (off) < v th < v gs (on). ) take this into consideration when using the device. handling precaution when handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. operators should wear antistatic clothing , and containers and other objects that come into direct contact with devices should be made of antistatic materials. v dd = ? 15 v r g = 10 ? d.u. < = < 5 ns common source ta = 25c in 0 ? 4 v 10 s v dd out r g r l (c) v out t on 90% 10% ? 4 v 0 v 90% 10% t off t r t f v ds ( on ) v dd (b) v in (a) test circuit jj9 1 2 3 1 2 3
SSM3J306T 2006-08-23 3 ambient temperature ta (c) v th ? ta gate threshold voltage v th (v) drain?source voltage v ds (v) i d ? v ds drain current i d (a) gate?source voltage v gs (v) i d = ? 1 a common source ambient temperature ta (c) r ds (on) ? ta drain?source on-resistance r ds (on) (m ? ) drain current i d (a) r ds (on) ? i d drain?source on-resistance r ds (on) (m ? ) common source ta = 25c gate?source voltage v gs (v) drain?source on-resistance r ds (on) (m ? ) r ds (on) ? v gs 0 ? 4 0 ? 0.2 ? 0.4 ? 0.6 ? 1 ? 3 vgs = ? 3.3 v ? 3.6 v ? 10 v ? 1 ? 2 ? 4 v ? 6 v ? 0.8 -5 i d ? v gs common source v ds = ? 5 v drain current i d (a) -10 0 ? 0.1 ? 1 ? 0.001 ? 0.01 ? 0.0001 ? 4.0 ? 0.5 ? 1.5 ? 25c ta = 100c 25c ? 1.0 ? 3.5 ? 3.0 ? 2.5 ? 2.0 0 ? 2 ? 6 ? 8 ? 4 0 100 200 300 400 25 c ta = 100c ? 25c 450 350 250 150 50 500 ? 10 400 0 100 ? 3 150 250 350 vgs = ? 4.0 v 0 ? 2 ? 4 50 200 300 450 ? 1 ? 10 v ? 5 500 common source ta = 25c 500 0 ? 50 i d = ?0.5 a / v gs = ?4.0 v 0 50 150 100 200 300 400 100 ?1.0 a / ?10 v common source ? 2.0 0 ? 50 0 150 ? 0.5 ? 1.0 ? 1.5 50 100 common source v ds = ? 5 v i d = ? 1 ma
SSM3J306T 2006-08-23 4 switching time t (ns) drain current i d (a) t ? i d drain reverse current i dr (a) drain?source voltage v ds (v) i dr ? v ds common source v gs = 0 v ta = 25c drain current i d (a) forward transfer admittance ? y fs ? (s) |y fs | ? i d drain?source voltage v ds (v) c ? v ds capacitance c (pf) 0.1 ? 10 1 10 ? 0.1 ? 1 3 0.3 ? 0.01 common source v ds = ? 5 v ta = 25c g d s i dr 10 0 0.1 1 0.001 0.01 0.0001 0.2 0.6 0.4 1.0 0.8 1.2 ? 25c ta = 100c 25c 10 ? 0.1 ? 1 ? 10 ? 100 100 1000 300 500 30 50 c iss c oss c rss common source ta = 25c f = 1 mhz v gs = 0 v 1 0.01 100 0.1 600 1 10 t off t f 10 t on t r common source v dd = ? 10 v v gs = 0 to ? 4 v ta = 25c r g = 10 ? total gate charge qg (nc) dynamic input characteristic gate?source voltage v gs (v) 0 0 4 8 4 8 10 10 6 2 6 2 common source i d = -2.4 a ta = 25c vdd = -15v vdd = -24v
SSM3J306T 2006-08-23 5 transient thermal impedance rth (c/w) pulse width t w (s) r th ? t w 1 100 1000 10 0.001 0.01 0.1 1000 1 10 100 single pulse a: mounted on fr4 board (25.4mm 25.4mm 1.6t , cu pad : 645 mm 2 ) b: mounted on fr4 board (25.4mm 25.4mm 1.6t , cu pad : 0.8 mm 2 3) b a ambient temperature t a (c) p d ? t a drain power dissipation p d (mw) 800 0 200 120 100 140 400 600 160 1000 80 60 40 20 0 -20 -40 a b a: mounted on fr4 board (25.4mm 25.4mm 1.6t , cu pad : 645 mm 2 ) b: mounted on fr4 board (25.4mm 25.4mm 1.6t , cu pad : 0.8 mm 2 3)
SSM3J306T 2006-08-23 6


▲Up To Search▲   

 
Price & Availability of SSM3J306T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X