Part Number Hot Search : 
2SD2209 AFB0912L 2B7226J SEMIX SM3P2 2B7226J TIP34B ST72324
Product Description
Full Text Search
 

To Download SM3040D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SM3040D voltage 40v 30.0 amp schottky barrier rectifiers 11-may-2011 rev. e page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a c d p o g e f h k l j m n rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? low forward voltage drop ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 1.4 grams package information maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. singl e phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive p eak reverse voltage v rrm 40 v maximum rms voltage v rms 28 v maximum dc blocking voltage v dc 40 v maximum average forward rectified current i f 30 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 250 a maximum instantaneous forward voltage @ 15a v f 0.6 v t a =25c 1 maximum reverse current at rated vr per diode 4 t a =100c i r 12 ma typical junction capacitance 1 c j 2400 pf voltage rate of change dv / dt 10000 v/us typical thermal resistance 2 r ja 50 c/w typical thermal resistance 3 r jc 3 c/w operating & storage temperature t j ,t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to ambient. 3. thermal resistance junction to case. 4. pulse test: pulse width 40ms. package mpq leader size to-263 0.8k 13? inch millimete r millimete r ref. min. max. ref. min. max. a 9.50 10.50 h 1.50 ref. c 4.30 4.80 j 2.54 typ. d 1.17 1.45 k - - e 9.50 10.50 l 0.71 1.00 f 4.33 5.93 m 1.17 1.47 g 8.50 9.00 p 0.31 0.53 to-263(d 2 -pack)
elektronische bauelemente SM3040D voltage 40v 30.0 amp schottky barrier rectifiers 11-may-2011 rev. e page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM3040D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X