Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download RDA314-68G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dip adapters molded dip adapters dual in-line adapters / discrete component carriers 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. inch/(mm) features: ? low profile. ? design allows for stacking on.100/(2.54mm) grid. ? board to board applicable. ? easily customized to fit yourapplications. ? mating sockets available in openframe or closed frame molded designs and peel-a-w ay ? removable t erminal carriers. specifications: terminals: brass - copper alloy(c36000) astm-b-16 plating: g - gold over nickelm - matte t in over nickel t - t in/lead over nickel gold per astm-b-488matte t in per astm545-97 t in/lead per mil-p-81728 nickel per qq-n-290 how to order rda 3 16 - 09 m terminal plating terminal type body type rohs compliant: rda - hi-temp molded lcp number of pins (8 to 40) see options on next page rohs compliant: g - goldm - matte tin t - tin/lead dip spacing 3 - .300/(7.62mm)4 - .400/(10.16mm) 6 - .600/(15.24mm) *open frame only from dip spacing 8 .300 (7.62) .400 (10.16) .400 (10.16) 14 .300 (7.62) .400 (10.16) .700 (17.78) 16 .300 (7.62) .400 (10.16) .800 (20.32) 18 .300 (7.62) .400 (10.16) .900 (22.86) 20 .300 (7.62) .400 (10.16) 1.000 (25.40) 22 .400 (10.16) .500 (12.70) 1.100 (27.94) 24 .600 (15.24) .700 (17.78) 1.200 (30.48) 28 .600 (15.24) .700 (17.78) 1.400 (35.56) dimensional information c a b terminal type -09 shown advanced # of pins a b c 40 .600 (15.24) .700 (17.78) 2.000 (50.80) rda replaces da and hda. table of models description: molded dip adapter (rda) mat?l: high t emp. liquid cryst al polymer (lcp) index: -40c to 260c (-40f to 500f) .125 (3.18)
additional standard and custom terminals available.see t erminals section or consult factor y. molded dip adapters dual in-line adapters / discrete component carriers dip adapters 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. inch/(mm) .125 (3.18) .125 (3.18) .100 (2.54) .210 (5.33) .018 dia. (.46) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .585 (14.86) .018 dia. (.46) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .500 (12.70) .018 dia. (.46) .018 dia. (.46) standard terminals .025 dia. (.64) .166 (4.22) .103 (2.62) .052 (1.32) .156 (3.96) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .835 (21.21) .018 dia. (.46) .018 dia. (.46) .018 dia. (.46) .166 (4.22) .103 (2.62) .052 (1.32) .156 (3.96) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .335 (8.51) .018 dia. (.46) .018 dia. (.46) type -185 type -42 type -71 package conversion applications ? w ide variety of p ackage conversion adapters available including these st andard soic to dip adapters. ? adapter allows present gull w ing devices to be solderable or socket able in a thru-hole application. ? pin sp acing allows sp ace for conductor runs on pcb. ? saves sp ace (x, y & z) when used with advanced socket s. ? radius ends of adapter pins to improve socketing. ? allows testing with st andard test clip s. ? see p age 58 for complete det ails. .062 top view c .050 / (1.27) typ. pitch .030 / (.76) typ. pad width d 4414-324 advanced .062 (1.57) .017* (0.43) e .175 (4.45) .018 / (.46) typ. dia. side view b a .100 / (2.54) f bottom view soic to dip adapters available online: ? rohs qualification t est report ? cad drawings see page 58 for complete details. 4414-3084414-314 4414-316 4414-320 4414-324 4414-328 4414-628* 4414-632* 4414-308lf4414-314lf 4414-316lf 4414-320lf 4414-324lf 4414-328lf* 4414-628lf* 4414-632lf* 8 1416 20 24 28 28 32 standard part numbers lead-free part numbers # of pins * consult factory for availability . type -08 type -09 type -68 type -43


▲Up To Search▲   

 
Price & Availability of RDA314-68G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X