Part Number Hot Search : 
405GP 10100CT ED302T 11014 UP6018 E09BT3 MM1038 NTE713
Product Description
Full Text Search
 

To Download MCSOH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MCSOH smd ceramic clock-oscillator overall stability 100ppm 5v power supply 20 to 160mhz date : june 2003 revision no. : 7 revision date : 11-05 page 1 / 2 in accordance with our policy of continuous develop ment and improvement, we reserve the right to modify the design or the sp ecifications of our products without prior notice. headquarters: micro crystal div. of eta sa mhlestrasse 14 ch-2540 grenchen switzerland tel. fax internet email +41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch frequency stability over: operating temp. range: see note 1 overall stability: < 100ppm * including: ? over operating temperature range ? adjustment @ 25c ? long term aging (10 years) ? stability over supply voltage 10% ? stability over load (min. to max.) power supply supply voltage: vdd = 5v 10% * input current: < 50ma* output output signal: ac-mos compatible * symmetry: 40 / 60% (min.) @ vdd / 2 * rise & fall time: tr < 3ns tf < 3ns * level ?0? & ?1?: < 0.4v > vdd ? 0.5v start-up time: < 5ms fan out (load): 10 ttl / ls * environment operable temp. range: -55 to +125c storage temp. range: -65 to +125c vibrations: 10 to 2000hz / 10g shocks: 5000g, 0.3ms, ? sine package: ceramic package dimensions: 14.1 x 9.3 x 2.4mm (see packaging info) processing: reflow soldering 260c / 10s max. (see packaging info) miscellaneous * customer?s specification on request note 1: operating temperature range MCSOH-a: 0 to +70 c MCSOH-b: -40 to +85 c MCSOH-c: -55 to +125 c option 1: enable / disable (on request) see application circuit on page 2 for details pin 1: pin 3 (fout):: open clock h clock l high z option 2: j / leads (on request) with tinned j / leads pins height: 3.8mm included j / leads marking example MCSOH-b e/d type option 1 160.000 mhz 05.44 frequency date code   (pin 1) ordering information example mcso h - b 160mhz e/d xxx oscillator type mcso = surface mount clock crystal oscillator oscillator version temperature range h = high frequency a = 0 to +70c b = -40 to 85c c = -55 to 125c x = custom spec. oscillator output frequency option 1: e/d = enable / disable customer spec n j/l option 2: j/l = j-leads standard frequencies [mhz] 40.0000 40.6000 40.9600 44.2368 48.0000 49.1520 50.0000 50.7500 51.1500 51.2000 52.0000 55.2960 58.9824 60.0000 60.9000 61.3800 61.4400 64.0000 65.0000 65.5360 66.3552 72.0000 73.7280 76.8000 78.0000 80.0000 81.2000 81.8400 81.9200 88.4736 90.0000 96.0000 98.3040 100.0000 102.4000 104.0000 108.0000 110.5920 117.9640 120.0000 125.0000 128.00 00 131.0720 132.7104 144.0000 150.0000 160.0000
MCSOH smd ceramic clock-oscillator overall stability 100ppm 5v power supply 20 to 160mhz date : june 2003 revision no. : 7 revision date : 11-05 page 2 / 2 in accordance with our policy of continuous develop ment and improvement, we reserve the right to modify the design or the sp ecifications of our products without prior notice. headquarters: micro crystal div. of eta sa mhlestrasse 14 ch-2540 grenchen switzerland tel. fax internet email +41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch application and test circuit : v a 4 1 2 3 vdd cd oscilloscope or counter c load 15pf * d1 d2 d3 d4 vcc r load 2k hc-mos ttl 100nf e/d no power on e/d function (pin 1) before vdd is setting on waveform output : waveshape ttl gnd vdd 2.4v min. 1.4v 0.4v max. tf tr t1 t2 waveshape hc-mos gnd vdd vdd - 0.5v min. 1/2 vdd gnd + 0.4v max. tf tr t1 t2 [ ] % 2 1 1 100 t t t cycle duty + =


▲Up To Search▲   

 
Price & Availability of MCSOH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X