Part Number Hot Search : 
MAX4839 R2025 05001 46436 SMCJ200A R2025 UPB550A 1N4001
Product Description
Full Text Search
 

To Download MC74HCT4052ADG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 june, 2011 ? rev. 2 1 publication order number: mc74hct4051a/d mc74hct4051a, mc74hct4052a, mc74hct4053a analog multiplexers / demultiplexers with lsttl compatible inputs high ? performance silicon ? gate cmos the mc74hct4051a, mc74hct4052a and mc74hct4053a utilize silicon ? gate cmos technology to achieve fast propagation delays, low on resistances, and low off leakage currents. these analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from v cc to v ee ). the hct4051a, hct4052a and hct4053a are identical in pinout to the metal ? gate mc14051ab, mc14052ab and mc14053ab. the channel ? select inputs determine which one of the analog inputs/outputs is to be connected, by means of an analog switch, to the common output/input. when the enable pin is high, all analog switches are turned off. the channel ? select and enable inputs are compatible with standard cmos and lsttl outputs. these devices have been designed so that the on resistance (r on ) is more linear over input voltage than r on of metal ? gate cmos analog switches. for a multiplexer/demultiplexer with injection current protection, see hc4851a and hct4851a. features ? fast switching and propagation speeds ? low crosstalk between switches ? diode protection on all inputs/outputs ? analog power supply range (v cc ? v ee ) = 2.0 to 12.0 v ? digital (control) power supply range (v cc ? gnd) = 2.0 to 6.0 v ? improved linearity and lower on resistance than metal ? gate counterparts ? low noise ? in compliance with the requirements of jedec standard no. 7 a ? chip complexity: hct4051a ? 184 fets or 46 equivalent gates hct4052a ? 168 fets or 42 equivalent gates hct4053a ? 156 fets or 39 equivalent gates ? these devices are pb ? free and are rohs compliant http://onsemi.com marking diagrams soic ? 16 d suffix case 751b tssop ? 16 dt suffix case 948f 1 16 1 16 1 16 hct405xag awlyww hct40 5xa alyw   1 16 soic ? 16 wide dw suffix case 751g 1 16 hct405xa awlywwg see detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet. ordering information 1 16 x = 1, 2, 3 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location)
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 2 figure 1. logic diagram ? mc74hct4051a single ? pole, 8 ? position plus common off x0 13 x1 14 x2 15 x3 12 x4 1 x5 5 x6 2 x7 4 a 11 b 10 c 9 enable 6 multiplexer/ demultiplexer x 3 analog inputs/ channel inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common output/ input 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x0 x3 a b c x4 x6 x x7 x5 enable v ee gnd figure 2. pinout: mc74hct4051a (top view) outputs select l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74hct4051a control inputs on channels enable select cba x0 x1 x2 x3 x4 x5 x6 x7 none l l l l l l l l h x = don?t care figure 3. logic diagram ? mc74hct4052a double ? pole, 4 ? position plus common off x0 12 x1 14 x2 15 x3 11 y0 1 y1 5 y2 2 y3 4 a 10 b 9 enable 6 x switch y switch x 13 analog inputs/outputs channel\select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l h h x l h l h x function table ? mc74hct4052a control inputs on channels enable select ba x0 x1 x2 x3 l l l l h x = don?t care figure 4. pinout: mc74hct4052a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x x0 x3 a b y0 y2 y y3 y1 enable v ee gnd y 3 y0 y1 y2 y3 none
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 3 figure 5. logic diagram ? mc74hct4053a triple single ? pole, double ? position plus common off x0 12 x1 13 a 11 b 10 c 9 enable 6 x switch y switch x 14 analog inputs/outputs channel\select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74hct4053a control inputs on channels enable select cba l l l l l l l l h x = don?t care figure 6. pinout: mc74hct4053a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 y x x1 x0 a b c y1 y0 z1 z z0 enable v ee gnd z0 z0 z0 z0 z1 z1 z1 z1 y0 y0 y1 y1 y0 y0 y1 y1 x0 x1 x0 x1 x0 x1 x0 x1 none y0 2 y1 1 y 15 z0 5 z1 3 z 4 z switch note: this device allows independent control of each switch. channel ? select input a controls the x ? switch, input b controls the y ? switch and input c controls the z ? switch ??????????????????????? ??????????????????????? maximum ratings ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ????? ????? ????? ? 0.5 to +7.0 ? 0.5 to +14.0 ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 7.0 to +5.0 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ? 0.5 to v cc + 0.5 ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 0.5 to v cc + 0.5 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ? 65 to +150 ??? ??? c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. ?derating ? soic package: ? 7 mw/ c from 65 c to 125 c tssop package: ? 6.1 mw/ c from 65 c to 125 c this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 4 recommended operating conditions ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ???? v cc ?????????????? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ? 6.0 ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ? 55 ??? ??? ??? ??? c ???? ???? ???? ???? ?????????????? ?????????????? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? dc characteristics ? digital section (voltages referenced to gnd) v ee = gnd, except where noted symbol parameter condition v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c v ih minimum high ? level input voltage, channel ? select or enable inputs r on = per spec 4.5 to 5.5 2.0 2.0 2.0 v v il maximum low ? level input voltage, channel ? select or enable inputs r on = per spec 4.5 to 5.5 0.8 0.8 0.8 v i in maximum input leakage current, channel ? select or enable inputs v in = v cc or gnd, v ee = ? 6.0 v 6.0 0.1 1.0 1.0  a i cc maximum quiescent supply current (per package) channel select, enable and v is = v cc or gnd; v ee = gnd v io = 0 v v ee = ? 6.0 6.0 6.0 1 4 10 40 20 80  a dc characteristics ? analog section symbol parameter condition v cc v ee guaranteed limit unit ? 55 to 25 c 85 c 125 c r on maximum ?on? resistance v in = v il or v ih ; v is = v cc to v ee ; i s 2.0 ma (figures 7, 8) 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 190 120 100 240 150 125 280 170 140  v in = v il or v ih ; v is = v cc or v ee (endpoints); i s 2.0 ma (figures 7, 8) 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 150 100 80 190 125 100 230 140 115  r on maximum difference in ?on? resistance between any two channels in the same package v in = v il or v ih ; v is = 1/2 (v cc ? v ee ); i s 2.0 ma 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 30 12 10 35 15 12 40 18 14  i off maximum off ? channel leakage current, any one channel v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 9) 5.0 ? 5.0 0.1 0.5 1.0  a maximum off ? channel hct4051a leakage current, hct4052a common channel hct4053a v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 10) 5.0 5.0 5.0 ? 5.0 ? 5.0 ? 5.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 i on maximum on ? channel hct4051a leakage current, hct4052a channel ? to ? channel hct4053a v in = v il or v ih ; switch ? to ? switch = v cc ? v ee ; (figure 11) 5.0 5.0 5.0 ? 5.0 ? 5.0 ? 5.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0  a
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 5 ac characteristics (c l = 50 pf, input t r = t f = 6 ns) symbol parameter v cc v guaranteed limit unit ? 55 to 25 c 85 c 125 c t plh , t phl maximum propagation delay, channel ? select to analog output (figure 15) 2.0 3.0 4.5 6.0 270 90 59 45 320 110 79 65 350 125 85 75 ns t plh , t phl maximum propagation delay, analog input to analog output (figure 16) 2.0 3.0 4.5 6.0 40 25 12 10 60 30 15 13 70 32 18 15 ns t plz , t phz maximum propagation delay, enable to analog output (figure 17) 2.0 3.0 4.5 6.0 160 70 48 39 200 95 63 55 220 110 76 63 ns t pzl , t pzh maximum propagation delay, enable to analog output (figure 17) 2.0 3.0 4.5 6.0 245 115 49 39 315 145 69 58 345 155 83 67 ns c in maximum input capacitance, channel ? select or enable inputs 10 10 10 pf c i/o maximum capacitance analog i/o 35 35 35 pf (all switches off) common o/i: hct4051a hct4052a hct4053a 130 80 50 130 80 50 130 80 50 feed ? through 1.0 1.0 1.0 c pd power dissipation capacitance (figure 19)* hct4051a hct4052a hct4053a typical @ 25 c, v cc = 5.0 v, v ee = 0 v pf 45 80 45 *used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc .
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 6 additional application characteristics (gnd = 0 v) symbol parameter condition v cc v v ee v limit* unit 25 c bw maximum on ? channel bandwidth or minimum frequency response (figure 12) f in = 1 mhz sine wave; adjust f in voltage to obtain 0 dbm at v os ; increase f in frequency until db meter reads ? 3 db; r l = 50  , c l = 10 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ?51 ?52 ?53 mhz 80 80 80 95 95 95 120 120 120 ? off ? channel feed ? through isolation (figure 13) f in = sine wave; adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600  , c l = 50 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 50 ? 50 ? 50 db f in = 1.0 mhz, r l = 50  , c l = 10 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 40 ? 40 ? 40 ? feedthrough noise. channel ? select input to common i/o (figure 14) v in 1 mhz square wave (t r = t f = 6 ns); adjust r l at setup so that i s = 0 a; enable = gnd r l = 600  , c l = 50 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 25 105 135 mv pp r l = 10 k  , c l = 10 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 35 145 190 ? crosstalk between any two switches (figure 18) (test does not apply to hct4051a) f in = sine wave; adjust f in voltage to obtain 0 dbm at v is f in = 10 khz, r l = 600  , c l = 50 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 50 ? 50 ? 50 db f in = 1.0 mhz, r l = 50  , c l = 10 pf 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 ? 60 ? 60 ? 60 thd total harmonic distortion (figure 20) f in = 1 khz, r l = 10 k  , c l = 50 pf thd = thd measured ? thd source v is = 4.0 v pp sine wave v is = 8.0 v pp sine wave v is = 11.0 v pp sine wave 2.25 4.50 6.00 ? 2.25 ? 4.50 ? 6.00 0.10 0.08 0.05 % *limits not tested. determined by design and verified by qualification. figure 7a. typical on resistance, v cc ? v ee = 2.0 v figure 7b. typical on resistance, v cc ? v ee = 3.0 v 250 200 150 100 50 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 100 80 60 40 20 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 25 c -55 c 125 c 25 c -55 c 125 c 2.0 0 300 180 160 140 120 0 2.5 2.75 3.0 figure 7.
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 7 figure 7c. typical on resistance, v cc ? v ee = 4.5 v figure 7d. typical on resistance, v cc ? v ee = 6.0 v 120 100 80 60 40 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 75 60 45 30 15 0 1.0 2.0 3.0 4.0 5.0 6.0 3.5 4.5 5.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 0 25 c -55 c 125 c 25 c -55 c 125 c 90 105 0 0.5 1.5 2.5 figure 7e. typical on resistance, v cc ? v ee = 9.0 v 01 70 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 234 56789 25 c -55 c 125 c 80 0 figure 7f. typical on resistance, v cc ? v ee = 12.0 v 01 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 234 89101112 25 c -55 c 125 c 0 5 7 6 figure 8. on resistance test set ? up plotter mini computer programmable power supply dc analyzer v cc device under test + - v ee analog in common out gnd
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 8 figure 9. maximum off channel leakage current, any one channel, test set ? up figure 10. maximum off channel leakage current, common channel, test set ? up figure 11. maximum on channel leakage current, channel to channel, test set ? up figure 12. maximum on channel bandwidth, test set ? up figure 13. off channel feedthrough isolation, test set ? up figure 14. feedthrough noise, channel select to common out, test set ? up off off 6 7 8 16 common o/i v cc v ee v ih nc a v cc v ee v cc off off 6 7 8 16 common o/i v cc v ee v ih analog i/o v cc v ee v cc on off 6 7 8 16 common o/i v cc v ee v il v cc v ee v cc n/c a analog i/o on 6 7 8 16 v cc v ee 0.1  f c l * f in r l db meter *includes all probe and jig capacitance off 6 7 8 16 v cc v ee 0.1  f c l * f in r l db meter *includes all probe and jig capacitance v os v os r l v is v il or v ih channel select on/off 6 7 8 16 v cc v ee c l * r l *includes all probe and jig capacitance channel select test point common o/i 11 v cc off/on analog i/o r l r l 3.0 v gnd v in 1 mhz t r = t f = 6 ns
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 9 figure 15a. propagation delays, channel select to analog out figure 15b. propagation delay, test set ? up channel select to analog out figure 16a. propagation delays, analog in to analog out figure 16b. propagation delay, test set ? up analog in to analog out figure 17a. propagation delays, enable to analog out figure 17b. propagation delay, test set ? up enable to analog out v cc gnd channel select analog out 50% t plh t phl v m on/off 6 7 8 16 v cc c l * *includes all probe and jig capacitance channel select test point common o/i off/on analog i/o v cc v cc gnd analog in analog out 50% t plh t phl 50% on 6 7 8 16 v cc c l * *includes all probe and jig capacitance test point common o/i analog i/o on/off 6 7 8 enable v cc enable v m t f t r v cc gnd analog out t pzl analog out t pzh high impedance v ol v oh high impedance 10% 90% t plz t phz 50% 50% analog i/o c l * test point 16 v cc 1k  1 2 1 2 position 1 when testing t phz and t pzh position 2 when testing t plz and t pzl (v i ) v i = gnd to 3.0 v v m = 1.3 v (v i ) v i = gnd to 3.0 v v m = 1.3 v figure 15. figure 16. figure 17. 90% 10% v m
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 10 r l figure 18. crosstalk between any two switches, test set ? up figure 19. power dissipation capacitance, test set ? up figure 20a. total harmonic distortion, test set ? up figure 20b. plot, harmonic distortion 0 -10 -20 -30 -40 -50 - 100 1.0 2.0 3.125 frequency (khz) db -60 -70 -80 -90 fundamental frequency device source on 6 7 8 16 v ee c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1  f on/off 6 7 8 16 v cc channel select nc common o/i off/on analog i/o v cc a 11 v cc v ee on 6 7 8 16 v cc v ee 0.1  f c l * f in r l to distortion meter *includes all probe and jig capacitance v os v is figure 20. applications information the maximum analog voltage swings are determined by the supply voltages v cc and v ee . the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below v ee . in this example, the difference between v cc and v ee is ten volts. therefore, using the configuration of figure 21, a maximum analog signal of ten volts peak ? to ? peak can be controlled. unused analog inputs/outputs may be left floating (i.e., not connected). however, tying unused analog inputs and outputs to v cc or gnd through a low value resistor helps minimize crosstalk and feed ? through noise that may be picked up by an unused switch. although used here, balanced supplies are not a requirement. the only constraints on the power supplies are that: v cc ? gnd = 2 to 6 v v ee ? gnd = 0 to ? 6 v v cc ? v ee = 2 to 12 v and v ee gnd when voltage transients above v cc and/or below v ee are anticipated on the analog channels, external germanium or schottky diodes (d x ) are recommended as shown in figure 22. these diodes should be able to absorb the maximum anticipated current surges during clipping.
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 11 analog signal figure 21. application example figure 22. external germanium or schottky clipping diodes a. using pull ? up resistors with a hc device b. using hct interface figure 23. interfacing lsttl/nmos to cmos inputs on 6 7 8 16 +5v -5v analog signal +5v -5v +5v -5v 11 10 9 to external cmos circuitry 0 to 5v digital signals on/off 7 8 16 v cc v ee v ee d x v cc d x v ee d x v cc d x analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 r * r r lsttl/nmos circuitry +5v * 2k r 10k analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 lsttl/nmos circuitry +5v figure 24. function diagram, hct4051a 13 x0 14 x1 15 x2 12 x3 1 x4 5 x5 2 x6 4 x7 3 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable hc405x hct405x
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 12 figure 25. function diagram, hct4053a figure 26. function diagram, hct4052a 13 x1 12 x0 1 y1 2 y0 3 z1 5 z0 14 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable 12 x0 14 x1 15 x2 11 x3 1 y0 5 y1 2 y2 4 y3 3 y level shifter level shifter level shifter 10 a 9 b 6 enable 13 x 15 y 4 z
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 13 ordering information device package shipping ? mc74hct4051adg soic ? 16 (pb ? free) 48 units / rail mc74hct4051adr2g soic ? 16 (pb ? free) 2500 / tape & reel mc74hct4051adtg tssop ? 16* 96 units / rail m74hct4051adtr2g tssop ? 16* 2500 / tape & reel MC74HCT4052ADG soic ? 16 (pb ? free) 48 units / rail mc74hct4052adr2g soic ? 16 (pb ? free) 2500 / tape & reel mc74hct4052adtg tssop ? 16* 96 units / rail m74hct4052adtr2g tssop ? 16* 2500 / tape & reel mc74hct4052adwg soic ? 16 wide (pb ? free) 48 units / rail m74hct4052adwr2g soic ? 16 wide (pb ? free) 1000 / tape & reel mc74hct4053adg soic ? 16 (pb ? free) 48 units / rail mc74hct4053adr2g soic ? 16 (pb ? free) 2500 / tape & reel mc74hct4053adtg tssop ? 16* 96 units / rail m74hct4053adtr2g tssop ? 16* 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 14 package dimensions tssop ? 16 dt suffix case 948f ? 01 issue b *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* ??? ??? 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  section n ? n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g ? u ? s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ? t ? ? v ? ? w ? 0.25 (0.010) 16x ref k n n 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 15 package dimensions soic ? 16 d suffix case 751b ? 05 issue k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ? b ? ? a ? m 0.25 (0.010) b s ? t ? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019  *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 6.40 16x 0.58 16x 1.12 1.27 dimensions: millimeters 1 pitch 16 89 8x
mc74hct4051a, mc74hct4052a, mc74hct4053a http://onsemi.com 16 package dimensions soic ? 16 wide dw suffix case 751g ? 03 issue c d 14x b 16x seating plane s a m 0.25 b s t 16 9 8 1 h x 45  m b m 0.25 h 8x e b a e t a1 a l c  notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not inlcude mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.13 total in excess of the b dimension at maximum material condition. dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 10.15 10.45 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90 q 0 7   on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mc74hct4051a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HCT4052ADG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X