Part Number Hot Search : 
NLD06 TS900707 AJ011B18 ADM705AN P8563 CXXXX 100K1 C3030
Product Description
Full Text Search
 

To Download M8340108M10R0GGDSL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msm (military m83401) vishay dale thick film resistor networks mi litary, mil-prf-83401 qualified, type rz, single-in-line, molded sip; 01, 03, 05 schematics www.vishay.com for technical questions , contact: ff2aresistors@vishay.com document number: 31514 1 revision: 25-jul-08 features ? mil-prf-83401 qualified ? 0.195" [4.95 mm] ?a? and 0.350" [8.89 mm] ?c? maximum seated heights ? thick film resistive elements ? tcr available in ?k? ( 100 ppm/c) or ?m? ( 300 ppm/c) characteristic ? all device leads are hot-solder dipped ? rugged molded case construction ? compatible with automatic insertion equipment ? 100 % screen tested per group a, subgroup 1 of mil-prf-83401 ? all devices are capable of passing the mil-std-202, method 210, condition d ?resistance to soldering heat? test ? available in tube pack notes (1) 1 % and 5 % available (2) k = 100 ppm/c; m = 300 ppm/c standard electrical specifications vishay dale model/ pin no/ profile schematic resistor power rating max. at 70 c w package power rating max. at 70 c w resistance range standard tolerance (1) % temperature coefficient (2) (- 55 c to + 125 c) weight g msm06a msm08a msm10a 01 01 01 0.12 0.12 0.12 0.60 0.84 1.08 10 - 1m 2 k, m 0.4 0.5 0.6 msm06a msm08a msm10a 03 03 03 0.12 0.12 0.12 0.36 0.48 0.60 10 - 1m 2 k, m 0.4 0.5 0.6 msm06a msm08a msm10a 05 05 05 0.07 0.07 0.07 0.60 0.84 1.08 consult factory 2 k, m 0.4 0.5 0.6 msm06c msm08c msm10c 01 01 01 0.20 0.20 0.20 1.00 1.40 1.80 10 - 1m 2 k, m 0.7 0.9 1.1 msm06c msm08c msm10c 03 03 03 0.20 0.20 0.20 0.60 0.80 1.00 10 - 1m 2 k, m 0.7 0.9 1.1 msm06c msm08c msm10c 05 05 05 0.11 0.11 0.11 0.88 1.32 1.80 consult factory 2 k, m 0.7 0.9 1.1 spec sheet characteristic tolera n ce schematic packagi n g 04 = 6 pin, ?c? profile k = 100 ppm f = 1 % c = b u ssed d03 = tin/lead, t ub e dsl = tin/lead, t ub e, single lot date code 05 = 8 pin, ?c? profile m = 300 ppm g = 2 % g = isolated 06 = 10 pin, ?c? profile j = 5 % 07 = 6 pin, ?a? profile 10r0 = 10 0 8 = 8 pin, ?a? profile 3302 = 33 k 09 = 10 pin, ?a? profile 1004 = 1 m global part number information new global part numberin g : m 8 340107k1003gcd03 (preferred part numberin g format) historical part number example: m 8 340107k1003gc (will continue to be accepted) mil style m 8 3401 resista n ce v alue 3 digit significant fig u re, follo w ed b y a m u ltiplier m 8 3401 07 k 1003 g c d03 mil style spec sheet characteristic resista n ce v alue tolera n ce schematic packagi n g spec sheet characteristic tolera n ce schematic packagi n g mil style resista n ce v alue m 8 3401 04 = 6 pin, ?c? profile k = 100 ppm per std. mil. spec f = 1 % h = d u al 05 = 8 pin, ?c? profile m = 300 ppm (see impedence g = 2 % terminator 06 = 10 pin, ?c? profile codes ta b le) j = 5 % 07 = 6 pin, ?a? profile 0 8 = 8 pin, ?a? profile 09 = 10 pin, ?a? profile new global part numberin g : m 8 340104ka001ghd03 (preferred part numberin g format) m 8 3 4 0 1 0 4 k a 0 0 1g hd 0 3 historical part number example: m 8 340104ka001gh (will continue to be accepted) m 8 3401 04 k a001 gh d03 mil style spec sheet characteristic resista n ce v alue tolera n ce schematic packagi n g m 3 8 k 3 0 4 0 0 c 3 0 1 1 7 0 d g d03 = tin/lead, t ub e dsl = tin/lead, t ub e, single lot date code
document number: 31514 for technical ques tions, contact: ff2aresistors@vishay.com www.vishay.com revision: 25-jul-08 2 msm (military m83401) thick film resistor networks m ilitary, mil-prf- 83401 qualified, type rz, single-in-line, molded sip; 01, 03, 05 schematics vishay dale dimensions in inches [millimeters] "a" profile 0.100 0.005 [2.54 0.127] non-accumulative 0.040 + 0.009 - 0.015 [1.02 + 0.229 - 0.3 8 1] 0.017 0.004 [0.432 0.102] 0.135 + 0.015 - 0.010 [3.43 + 0.3 8 1 - 0.254] 0.030 + 0.005 - 0.015 [0.762 + 0.127 - 0.3 8 1] b c equal space 0.1 8 7 + 0.00 8 - 0.010 [4.75 + 0.203 - 0.254] a pin # 1 "c" profile b c equals spaces 0.342 + 0.00 8 - 0.010 [ 8 .69 + 0.203 - 0.254] 0.135 + 0.015 - 0.010 [3.43 + 0.3 8 1 - 0.254] 0.040 + 0.009 - 0.015 [1.02 + 0.229 - 0.3 8 1] 0.100 0.005 [2.54 0.127] non-accumulative 0.030 + 0.005 - 0.015 [0.762 + 0.127 - 0.3 8 1] a pin # 1 0.017 0.004 [0.432 0.102] vishay dale model msm06 msm0 8 msm10 b 0.500 [12.70] 0.700 [17.7 8 ] 0.900 [22. 8 6] a 0.5 8 3 0.015 [14. 8 1 0.3 8 1] 0.7 8 3 0.015 [19. 8 9 0.3 8 1] 0.9 8 3 0.015 [24.97 0.3 8 1] c 5 7 9 0.09 8 max. [2.49 max.] 0.012 0.004 [0.305 0.102] 0.09 8 max. [2.49 max.] 0.012 0.004 [0.305 0.102] technical specifications parameter unit msm series maximum operating voltage v dc 50 voltage coefficient of resistance v eff < 50 ppm dielectric strength v ac 200 min. insulation resistance 10 000 m operating temperature range c - 55 to + 125 storage temperature range c - 55 to + 150 mechanical specifications body: molded epoxy terminals: copper alloy, hot-solder dipped solderability: per mil-prf-83401 cage code: 91637 and sh903 military impedance codes code r 1 ( ) r 2 ( ) code r 1 ( ) r 2 ( ) a001 82 130 a010 330 470 a002 120 200 a011 330 680 a003 130 210 a012 1.5k 3.3k a004 160 260 a013 3k 6.2k a005 180 240 a014 180 270 a006 180 390 a015 270 270 a007 220 270 a016 560 560 a008 220 330 a017 560 1.2k a009 330 390 a018 620 2.7k
msm (military m83401) vishay dale thick film resistor networks mi litary, mil-prf- 83401 qualified, type rz, single-in-line, mol ded sip; 01, 03, 05 schematics www.vishay.com for technical questions , contact: ff2aresistors@vishay.com document number: 31514 3 revision: 25-jul-08 derating 01 schematic 03 schematic 05 schematic ?a? profile 1.0 8 0.12 msm10a packa g e msm0 8 a packa g e msm06a packa g e sin g le resistor - 55 0+ 25 + 70 + 125 + 150 0.60 0. 8 4 power ratin g (w) ambient temperature c 1.00 1.40 1. 8 0 0.20 ?c? profile msm10c packa g e msm0 8 c packa g e msm06c packa g e sin g le resistor - 55 0 + 25 + 70 + 125 + 150 power ratin g (w) ambient temperature c 0.60 0.4 8 0.36 0.12 msm10a packa g e msm0 8 a packa g e msm06a packa g e sin g le resistor ?a? profile - 55 0 + 25 + 70 + 125 + 150 power ratin g (w) ambient temperature c 0.20 1.00 0. 8 0 sin g le resistor msm06c packa g e msm10c packa g e msm0 8 c packa g e 0.60 ?c? profile - 55 0 + 25 + 70 + 125 + 150 ambient temperature c power ratin g (w) ?a? profile 1.0 8 0. 8 4 0.60 0.07 sin g le resistor msm06a packa g e msm0 8 a packa g e msm10a packa g e - 55 0 + 25 + 70 + 125 + 150 ambient tem p erature c power ratin g (w) ?c? profile 1. 8 0 1.32 0. 88 0.1 1 msm10c packa g e msm0 8 c packa g e msm06c packa g e sin g le resistor - 55 0 + 25 + 70 + 125 + 150 ambient temperature c power ratin g (w)
document number: 31514 for technical ques tions, contact: ff2aresistors@vishay.com www.vishay.com revision: 25-jul-08 4 msm (military m83401) thick film resistor networks m ilitary, mil-prf- 83401 qualified, type rz, single-in-line, molded sip; 01, 03, 05 schematics vishay dale circuit applications 01 schematic 5, 7 or 9 resistors with one pin common ?a? profile ?c ? profile msm06a01 (m8340107xxxxxxc) msm06c01 (m8340104xxxxxxc) msm08a01 (m8340108xxxxxxc) msm08c01 (m8340105xxxxxxc) msm10a01 (m8340109xxxxxxc) msm10c01 (m8340106xxxxxxc) the msm06a01, msm08a01, msm10a01, msm06c01, msm08c01 and msm10c01 molded single-in-line resistor networks provide the user with a choice of 5, 7 or 9 nominally equal resistors, each connected to a common pin (pin no. 1). commonly used in the following applications: ? ?wired or? pull-up ? open collector pull-up ? power gate pull-up ? ttl input pull-down ? mos/rom pull-up/pull-down ? ttl unused gate pull-up 03 schematic 3, 4 or 5 isolated resistors ?a? profile ?c? profile msm06a03 (m8340107xxxxxxg) msm06c03 (m8340104xxxxxxg) msm08a03 (m8340108xxxxxxg) msm08c03 (m8340105xxxxxxg) msm10a03 (m8340109xxxxxxg) msm10c03 (m8340106xxxxxxg) the msm06a03, msm08a03, msm10a03, msm06c03, msm08c03 and msm10c03 molded single-in-line resistor networks provide the user with a choice of 3, 4 or 5 nominally equal resistors. each resistor is isolated from all others. commonly used in the following applications: ? ?wired or? pull-up ? long-line impedance balance ? power driven pull-up ? led current limiting ? power gate pull-up ? ecl output pull-down ? line termination ? ttl input pull-down 05 schematic 4, 6 or 8 isolated resistors ?a? profile ?c ? profile msm06a05 (m8340107xxxxxxh) msm06c05 (m8340104xxxxxxh) msm08a05 (m8340108xxxxxxh) msm08c05 (m8340105xxxxxxh) msm10a05 (m8340109xxxxxxh) msm10c05 (m8340106xxxxxxh) the msm06a05, msm08a05, msm10a05, msm06c05, msm08c05 and msm10c05 molded single-in-line resistor networks provide the user with a choice of 4, 6 or 8 pair of r1/r2 resistor values for pulse squaring and ttl dual-line terminating requirements. performance test conditions max. r (typical test lots) power conditioning 1.5 x rated power, applied 1.5 h ?on? and 0.5 h ?off? for 100 h 4 h at + 25 c ambient temperature 0.50 % r thermal shock 5 cycles between - 65 c and + 125 c 0.50 % r short time overload 2.5 x rated working voltage for 5 s 0.25 % r (characteristic k) 0.50 % r (characteristic m) low temperature operation 45 min at full rated working voltage at - 65 c 0.25 % r (characteristic k) 0.50 % r (characteristic m) moisture resistance 240 h with humidity ranging from 80 % rh to 98 % rh 0.50 % r resistance to soldering heat leads immersed in + 260 c solder to within 1/16" of body for 10 s 0.25 % r shock total of 18 shocks at 100 g's 0.25 % r vibration 12 h at maximum of 20 g's between 10 and 2000 hz 0.25 % r load life 1000 h at + 70 c, rated power applied 1.5 h ?on?, 0.5 h ?off? for full 1000 h period 0.50 % r (characteristic k) 2.00 % r (characteristic m) terminal strength 4 1/2 pound pull for 30 s 0.25 % r insulation resistance 10 000 m (minimum) - dielectric withstanding no evidenc e of arcing or damage (200 v rms for 1 min) - 1 2 3 n-1 n 1 2 3 4 n-1 n 1 2 3 n-1 n r 2 r 1
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of M8340108M10R0GGDSL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X