Part Number Hot Search : 
SC604A 1N5352 74LV02DB C5886A SF106 1N5225 1N5225 RF1211C
Product Description
Full Text Search
 

To Download KBU8J-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kbu8a thru kbu8m 8 amp single phase bridge rectifier 50 to 1000 volts features maximum ratings ? operating temperature: -50 c to +150 c ? storage temperature: -50 c to +150 c mcc catalog number device marking maximum reccurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage kbu8a kbu8a 50v 35v 50v kbu8b kbu8b 100v 70v 100v kbu8d kbu8d 200v 140v 200v kbu8g kbu8g 400v 280v 400v kbu8j kbu8j 600v 420v 600v kbu8k kbu8k 800v 560v 800v kbu8m kbu8m 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 8 a tc = 100 c peak forward surge current i fsm 200a 8.3ms, half sine maximum instantaneous forward voltage v f 1.0v t c = 25 c maximum dc reverse current at rated dc blocking voltage i r 10 a 300ma t c = 25 c t c = 1 00 c kbu dimensions inches mm dim min max min max note a .895 .935 22.7 23.7 b .600 .700 16.8 17.8 c .740 .780 18.8 19.8 nom d .15 ? x .23l 3.8 ? x 5.7l hole e --- .300 --- 7.5 nom f .100 -- 25.4 --- j .268 .280 6.8 7.1 k --- .140 --- 5.3 nom l .180 .220 4.6 5.6 3pl a c b d e f g j k l a + - c g .048 .052 1.2 1.3 revision: 4 2008/01/30 20736 marilla street chatsworth  
       mcc tm micro commercial components www. mccsemi .com 1 of 3 i fm = 4 .0a; ? low forward voltage drop ? ideal for printer circuit boards ? high current capability and high reliability ? case material: molded plastic. ul flammability classification rating 94v-0 and msl rating 1 ? lead free finish/rohs compliant (note 1)("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex notes 7 ? ul recognized file # e165989
mcc kbu8a~kbu8m instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 2 4 6 amps c 75 8 10 1 2 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts amps 0.6 figure 2 typical reverse characteristics volts amps t c =25 c revision: 4 2008/01/30 0.1 1 .0 10 1 00 0.8 1. 0 1. 2 0.0 1 0 .1 1.0 1 0 80 0 120 40 t c =25 c t c = 100 c tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: 4 2008/01/30 io oei oonens www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;15pcs/tube


▲Up To Search▲   

 
Price & Availability of KBU8J-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X