Part Number Hot Search : 
LL101C NLAS324 PM6675S M100S 210R0G MSKW2022 1014A A1095
Product Description
Full Text Search
 

To Download ICM-MB68H-S153-400NLFSN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d214 ejector socket header 1.0mm pitch 68-circuit dual-row connector for small pc card, conforming to pcmcia/jeida standard. features ?socket socket is of straddle-type, designed to accommodate pc board between the two solder tail rows. ?header header is with stand-off 0mm, available in both normal and reverse types. ?ejector ejector is, with the left button, to be assembled (with screws) after header is mounted. the frame has the contact point for the grounding clip on the small pc card. specifications ?current rating: 0.5a ac, dc/line ?temperature range: -40?c to +85?c (including temperature rise in applying electrical current) ?contact resistance: initial value/40m ? max. after environmental testing/max. 20m ? variation from intial value. ?withstanding voltage: 500v ac/minute ?insulation resistance: 1,000m ? min.(intial) ?matinng/unmating life: 10,000 cycles ?circuits: 68-circuits * contact jst if lead-free product is required. * refer to "general instruction and notice when using terminals and connectors" at the end of this catalog. * contact jst for details. small pc card connector mb type 68-circuit small pc card connector 1.0mm pitch emboss tape pc card
d215 small pc card connector mb type socket header jst icm-mb68s 0.4 0.5 1.0 0.5 33.5 (8.5) 37.0 35.0 33.0 33.0 circuit no.34 circuit no.68 no.1 mark 3.3 3.0 0.5 6.0 2.7 1.35 circuit no.35 circuit no.1 circuits model no. q ty / box material and finish icm-mb68s-ts13-5000 68 600 contact: beryllium copper, nickel-undercoated mating section...gold-plated solder tail...tin/lead-plated housing: pa6t, ul94v-0 1.0 circuit no.35 circuit no.34 circuit no.68 5.5 0.5 (16.8) 33.5 47.0 41.2 43.0 44.1 circuit no.1 normal type (stand off 0mm) circuit no. dimension (mm) 1, 17, 34 35, 51,68 2 to 16, 18 to 33, 37 to 50, 52 to 66 36, 67 5.0 0.1 4.25 0.1 3.5 0.1 dimension l rohs compliance this product displays (lf)(sn) on a label.
header ejector 0.5 1.0 circuit no.34 circuit no.35 circuit no.68 circuit no.1 5.5 (16.8) 33.5 47.0 41.2 44.1 43.0 icm-mb68h-s153-400n icm-mb68h-s153-400r 68 normal reverse 168 168 contact: phosphor bronze, nickel-undercoated, mating section...gold-plated solder tail...tin/lead-plated housing: glass-filled pps, ul94v-0, normal...black reverse...brown solder tab: brass, nickel-undercoated, tin/lead-plated circuits type model no. q'ty / box material and finish reverse type (stand off 0mm) left button circuit no. dimension (mm) 1, 17, 34 35, 51,68 2 to 16, 18 to 33, 37 to 50, 52 to 66 36, 67 5.0 0.1 4.25 0.1 3.5 0.1 dimension l 6.3(.248) 5.0 3.5 6.6 (43.0) 18.2 30.0 26.7 23.8 24.0 (53.8) 40.75 type model no. q'ty / box material icm-mbe-l-300ha left button 70 frame, rotaiting arm, push bar: stainless steel guide bar, push button: glass filled pbt, ul94v-0 eyelet with nut: brass, nickel-plated. d216 small pc card connector mb type rohs compliance this product displays (lf)(sn) on a label. rohs compliance
d217 small pc card connector mb type pc board layout (viewed from component side) 2.3 0.05 6.55 0.05 3.3 0.05 47.0 0.05 44.1 0.05 41.2 0.05 33.5 0.05 0.5 0.05 (pad pitch) 0.26 0.035 (pad width) 2.3min. 6.0 2.3 circuit no.34 circuit no.68 circuit no.35 circuit no.1 + 0.1 0 2---  2.2 + 0.05 0 2---  1.65 not necessary if the header is not secured with screws not necessary if the header is not secured with screws circuit no.35 circuit no.1 circuit no.34 circuit no.68 2.3 0.05 6.55 0.05 3.3 0.05 47.0 0.05 44.1 0.05 41.2 0.05 33.5 0.05 0.5 0.05 (pad pitch) 0.26 0.035 (pad width) 2.3min. 6.0 2.3 + 0.1 0 2---  2.2 + 0.05 0 2---  1.65 normal type (stand off 0mm) reverse type (stand off 0mm)


▲Up To Search▲   

 
Price & Availability of ICM-MB68H-S153-400NLFSN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X