Part Number Hot Search : 
ACT15530 2SD2170 BU2727DF BU2727A BU2727DF BU2727AW NE604AN BU2727AX
Product Description
Full Text Search
 

To Download HER108G-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  her101g thru her108g 1.0 amp glass passivated high efficient rectifier 50 to 1000 volts features fast switching speed maximum ratings operating temperature: - 55 o c to +125 o c storage temperature: - 55 o c to +150 o c typical thermal resistance; 60 o c/w junction to case 18 o c/w junction to ambient mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage her101g 50v 35v 50v her102g 100v 70v 100v her103g 200v 140v 200v her104g 300v 210v 300v her105g 400v 280v 400v her106g 600v 420v 600v her107g 800v 560v 800v her108g 1000v 700v 1000v electrical characteristics @ 25 o c unless otherwise specified average forward current i f(av) 1.0a t a = 5 5 o c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage her101 g - 104 g her105g her106 g - 108g v f 1 . 0v 1.3v 1.7v i fm = 1.0a; t j = 2 5 o c maximum dc reverse current at rated dc blocking voltage i r 5.0ua 150ua t j = 2 5 o c t j = 125 o c maximum reverse r ecovery time her101 g - 105g her106 g - 108g trr 50ns 75ns i f =0.5a, i r =1.0a i rr =0.25a typical junction capacitance her101 g - 105g her106 g - 108g c j 20pf 15pf measured at 1.0mhz, v r =4.0v         
 omp onents 21201 itasca street chatsworth               !  " #   $
%         !   " #    mcc do-41 dimensions inches mm dim min max min max note a .166 .205 4.10 5.20 b .080 .107 2.00 2.70 c .028 .034 .70 .90 d 1.000 --- 25.40 --- a b c d d cathode mark tm micro commercial components her101g her108g her107g her106g her105g her104g her103g her102g revision: a 2011 /01/01 www.mccsem i.com 1 of 3 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mcc fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm fig.2- maximum forward current derating curve a verage for w ard current . (a) 25 50 75 100 125 150 175 1.0 2.0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375" (9.5mm) lead length fig.5- maximum non-repetitive forward surge current peak for w ard surge current . (a) 1 2 5 10 20 10050 10 0 15 20 30 25 35 40 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.4- typical forward characteristics inst ant aneous for w ard current . (a) .2 .4 .6 .8 1.0 1.2 1.4 0.001 0.01 0.1 1.0 10 forward voltage. (v) tj=25 c 0 h er 101g ~h er 104g her105g her106g~her108g fig.6- typical junction capacitance junction cap acit ance.(pf) .1 .5 1 5 2 10 20 50 100 200 500 10 0 20 30 40 50 60 70 reverse voltage. (v) tj=25 c 0 h e r 1 0 1 g ~ h e r 1 0 5 g her106g~her108g fig.3- typical reverse characteristics inst ant aneous reverse current .( a ) 0 20 40 60 80 100 120 0.1 1.0 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 her101g thru her108g tm micro commercial components revision: a 2011 /01/01 www. mccsemi .com 2 of 3
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 5kpcs/reel part number-ap ammo packing: 5kpcs/ammo box part number-bp bulk: 50kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of HER108G-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X