Part Number Hot Search : 
6PK470 SS220 IRFM460 MPSU01A 2SK2320 ADF5002 HT827A0 DM74S04M
Product Description
Full Text Search
 

To Download GP08J56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gp08a thru gp08j document number 88636 14-sep-05 vishay general semiconductor www.vishay.com 1 p a t e n t e d * do-204al (do-41) ? * glass-plastic encapsulation technique is covered by patent no. 3,996,602, brazed-lead assembly by patent no. 3,930,306 glass passivated junction rectifier major ratings and characteristics i f(av) 0.8 a v rrm 50 v to 600 v i fsm 25 a i r 5.0 a v f 1.3 v t j max. 175 c features  superectifier struct ure for high reliability application  cavity-free glass-passivated junction  low forward voltage drop  low leakage current  high forward surge capability  meets environmental standard mil-s-19500  solder dip 260 c, 40 seconds typical applications for use in general purpose rectification of power sup- plies, inverters, converters and freewheeling diodes application mechanical data case: do-204al, molded epoxy over glass body epoxy meets ul-94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: color band denotes cathode end maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gp08a gp08b gp08d gp08g gp08j unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c i f(av) 0.8 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 25 a maximum full load reverse curr ent full cycle average 0.375" (9.5 mm) lead length at t a = 55 c i r(av) 30 a operating junction and storage temperature range t j , t stg - 65 to + 175 c
www.vishay.com 2 document number 88636 14-sep-05 gp08a thru gp08j vishay general semiconductor electrical characteristics (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) notes: (1) thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, p.c.b. mounted ratings and characteristics curves (t a = 25 c unless otherwise noted) parameter test condition symbol gp08a gp08b gp08d gp08g gp08j unit maximum instantaneous forward voltage at 0.8 a v f 1.3 v maximum dc reverse current at rated dc blocking voltage t a = 25 c t a = 125 c i r 5.0 50 a typical reverse recovery time at i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 2.0 s typical junction capacitance at 4.0 v, 1 mhz c j 8.0 pf parameter symbol gp08a gp08b gp08d gp08g gp08j unit typical thermal resistance (1) r ja 55 c/w figure 1. forward current derating curve 20 40 60 8 0 100 120 140 160 1 8 0 0 0.2 0.4 0.6 0. 8 1.0 60 hz resisti v e or ind u cti v e load 0.375? (9.5 mm) lead length am b ient temperat u re, c a v erage for w ard c u rrent ( a) figure 2. maximum non-repetitive peak forward surge current 1 10 100 10 5.0 15 20 25 0 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
gp08a thru gp08j document number 88636 14-sep-05 vishay general semiconductor www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical instantaneous forward characteristics figure 4. typical reve rse characteristics 0.4 0.6 0. 8 1.0 1.2 1.4 10 20 1 0.1 0.01 t j = 25 c p u lse w idth = 300 s 1% d u ty cycle instantaneo u s for w ard v oltage ( v ) instantaneo u s for w ard c u rrent (a) 0 20 40 60 8 0 100 0.01 0.1 1 10 t j = 100 c t j = 25 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) figure 5. typical junction capacitance figure 6. typical junction capacitance 1 0.1 10 100 10 1 30 t j = 25 c f = 1.0 mhz v sig = 50m v p-p re v erse v oltage ( v ) j u nction capacitance (pf) 0.01 0.1 1 10 100 0.1 10 100 1 mo u nted on 0.20 x 0.27" (5 x 7mm) copper pad areas t - p u lse d u ration (sec.) transient thermal impedance (c/ w ) 0.107 (2.7) 0.0 8 0 (2.0) 0.034 (0. 8 6) 0.02 8 (0.71) dia. 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) dia. do-204al (do-41) n ote: lead diameter is for s u ffix ?e? part n u m b ers 0.026 (0.66) 0.023 (0.5 8 )
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of GP08J56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X