Part Number Hot Search : 
1428A A330M STRPB MC9S0 IT1750 P200A 5MTCX SFAS804G
Product Description
Full Text Search
 

To Download GBU8G-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbu8a thru gbu8m vishay general semiconductor document number: 88616 revision: 15-dec-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 1 glass passivated single-phase bridge rectifier features ? ul recognition file number e54214 ? ideal for printed circuit boards ? high surge current capability ? high case dielectric strength of 1500 v rms ? solder dip 260 c, 40 s ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications general purpose use in ac-to-dc bridge full wave rectification for monitor, tv, printer, power supply, switching mode power supply, adapter, audio equipment and home appliances applications. mechanical data case: gbu epoxy meets ul 94 v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 e3 suffix for consumer grade, meets jesd 201 class 1a whisker test polarity: as marked on body mounting torque: 10 cm-kg (8.8 inches-lbs) max. recommended torque: 5.7 cm-kg (5 inches-lbs) primary characteristics i f(av) 8.0 a v rrm 50 v to 1000 v i fsm 200 a i r 5 a v f 1.0 v t j max. 150 c case style gbu notes: (1) unit case mounted on aiuminum plate heatsink (2) units mounted on p.c.b. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length maximum ratings (t a = 25 c unless otherwise noted) parameter symbol gbu8a gbu8b gbu8d gbu8g gbu8j gbu8k gbu8m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified output current at t c = 60 c (1) t a = 40 c (2) i f(av) 8.0 3.9 a peak forward surge current single sine-wave super-imposed on rated load i fsm 200 a rating for fusing (t < 8.3 ms) i 2 t 166 a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c
gbu8a thru gbu8m vishay general semiconductor www.vishay.com for technical questions within your region, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com document number: 88616 revision: 15-dec-08 2 notes: (1) units case mounted on aiuminum plate heatsink (2) units mounted in free air, no heatsink on p.c.b., 0.5 x 0.5" (12 x 12 mm) copper pads, 0.375" (9.5 mm) lead length (3) recommended mounting position is to bol t down on heatsink with silicone thermal compound for maximum heat transfer with #6 screws ratings and characteristics curves (t a = 25 c unless otherwise noted) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol gbu8a gbu8b gbu8d gbu8g gbu8j gbu8k gbu8m unit maximum instantaneous forward voltage drop per diode 8.0 a v f 1.0 v maximum dc reverse current at rated dc blocking voltage per diode t a = 25 c t a = 125 c i r 5.0 500 a typical junction capacitance per diode 4 v, 1 mhz c j 211 94 pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol gbu8a gbu8b gbu8d gbu8g gbu8j gbu8k gbu8m unit typical thermal resistance r ja (2) r jc (1)(3) 20 4.0 c/w ordering information preferred p/n unit weight (g) preferred package code base quantity delivery mode gbu8j-e3/45 3.857 45 20 tube gbu8j-e3/51 3.857 51 250 paper tray figure 1. derating curve output rectified current 0 50 100 150 0 2.0 4.0 6.0 8 .0 25 75 125 a v erage for w ard o u tp u tc u rrent (a) temperat u re (c) heatsink mo u nting, t c p.c.b. mo u nting, t a 0.47 x 0.47" (12 x 12 mm) copper pads 0.375" (9.5 mm) lead length 60 hz resisti v e or ind u cti v e load figure 2. maximum non-repetitive peak forward surge current per diode 1 10 100 0 50 100 150 200 250 t j = 150 c 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a)
gbu8a thru gbu8m vishay general semiconductor document number: 88616 revision: 15-dec-08 for technical questions within your r egion, please contact one of the following: pdd-americas@vishay.com , pdd-asia@vishay.com , pdd-europe@vishay.com www.vishay.com 3 package outline dimensions in inches (millimeters) figure 3. typical forward characteristics per diode figure 4. typical reverse leak age characteristics per diode 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 0.01 1 100 10 0.1 instantaneo u sfor w ard c u rrent (a) instantaneo u sfor w ard v oltage ( v ) t j = 25 c p u lse w idth = 300 s 1 % d u ty cycle 0 20 40 100 0.01 0.1 1 10 100 60 8 0 1000 50 - 400 v 600 - 1000 v t j = 150 c t j = 125 c t j = 25 c percent of rated peak re v erse v oltage (%) instantaneo u s re v erse c u rrent ( a) figure 5. typical juncti on capacitance per diode figure 6. typical transient thermal impedance per diode 0.1 1 10 100 10 100 1000 50 - 400 v 600 - 1000 v t j = 25 c f = 1.0 mhz v sig = 50 m v p-p re v erse v oltage ( v ) j u nction capacitance (pf) 100 0.01 0.1 1 10 100 0.1 1 10 t - heating time (s) transient thermal impedance (c/ w ) case type gbu polarity sho w n on front side of case, positi v e lead b y b e v eled corner 0.125 (3.2) x 45 chamfer 0.0 8 5 (2.16) 0.065 (1.65) 0.020 r (typ.) 0. 88 0 (22.3) 0. 8 60 (21. 8 ) 0.160 (4.1) 0.140 (3.5) 0.075 (1.9) r . 0.0 8 0 (2.03) 0.060 (1.52) 0.050 (1.27) 0.040 (1.02) 0.0 8 0 (2.03) 0.065 (1.65) 0.210 (5.33) 0.190 (4. 8 3) 0.140 (3.56) 0.130 (3.30) 9 typ. 5 typ. 0.0 8 5 (2.16) 0.075 (1.90) 0.026 (0.66) 0.020 (0.51) 0.310 (7.9) 0.290 (7.4) 0.740 (1 8 . 8 ) 0.720 (1 8 .3) 0.710 (1 8 .0) 0.690 (17.5) 0.100 (2.54) 0.0 8 5 (2.16)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GBU8G-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X