Part Number Hot Search : 
20R224 3SK180 SMAJ140A 2SA1428Y RE46C143 MBR3035W 2N2325A DG413FDJ
Product Description
Full Text Search
 

To Download FT6198L-12LMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features full cmos, 6t cell high speed (equal access and cycle times) ? 10/12/15/20/25 ns (commercial) ? 12/15/20/25/35 ns (industrial) ? 15/20/25/35/45 ns (military) low power operation (commercial/military) 5v 10% power supply data retention, 10 a typical current from 2.0v ft6198l/ft6198al (military) output enable & chip enable control functions ? single chip enable ft6198 ? dual chip enable ft6198a common inputs and outputs fully ttl compatible inputs and outputs standard pinout (jedec approved) ? 24-pin 300 mil dip ? 24-pin 300 mil soj ? 28-pin 350 x 550 mil lcc functional block diagram pin configurations the ft6198/l and ft6198a/l are 65,536-bit ultra high- speed static rams organized as 16k x 4. each device features an active low output enable control to eliminate data bus contention. the ft6198/l also have an active low chip enable (the ft6198a/l have two chip enables, both active low) for easy system expansion. the cmos memories require no clocks or refreshing and have equal access and cycle times. inputs are fully ttl-compatible. the rams operate from a single 5v 10% tolerance power supply. data integrity is maintained with supply description voltages down to 2.0v. current drain is typically 10 a from a 2.0v supply. access times as fast as 12 nanoseconds are available, permitting greatly enhanced system operating speeds. cmos is used to reduce power consumption to a low 715 mw active, 193 mw standby. the ft6198/l and ft6198a/l are available in 24-pin 300 mil dip and soj, and 28-pin 350 x 550 mil lcc packages providing excellent board level densities. dip (p4, c4, d4), soj (j4) ft6198 (ft6198a) lcc (l5) ft6198 (ft6198a) ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram ft6198a only rev 1 1/14 2008
ce 1 , ce 2 v ih mil. v cc = max., ind./com?l. f = 0, outputs open v in v lc or v in v hc maximum ratings (1) symbol parameter value unit v cc power supply pin with ?0.5 to +7 v respect to gnd terminal voltage with ?0.5 to v term respect to gnd v cc +0.5 v (up to 7.0v) t a operating temperature ?55 to +125 c symbol parameter value unit t bias temperature under ?55 to +125 c bias t stg storage temperature ?65 to +150 c p t power dissipation 1.0 w i out dc output current 50 ma notes: 1. stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to maximum ratingconditions for extended periods may affect reliability. 2. extended temperature operation guaranteed with 400 linear feet per minute of air flow. 3. transient inputs with v il and i il not more negative than ?3.0v and ?100ma, respectively, are permissible for pulse widths up to 20 ns. 4. this parameter is sampled and not 100% tested. recommended operating temperature and supply voltage i sb standby power supply current (ttl input levels) ce 1 , ce 2 v ih mil. v cc = max ., ind./com?l. f = max., outputs open ___ ___ 40 35 ___ ___ ___ ___ 20 15 40 n/a 1.5 n/a ma ma ___ ___ standby power supply current (cmos input levels) i sb1 commercial grade(2) ambient temperature gnd v cc 0c to +70c ?40c to +85c 0v 0v 5.0v 10% 5.0v 10% 0v 5.0v 10% ?55c to +125c military symbol c in c out parameter input capacitance output capacitance conditions v in = 0v v out = 0v 5 7 unit pf pf capacitances (4) v cc = 5.0v, t a = 25c, f = 1.0mhz n/a = not applicable symbol dc electrical characteristics over recommended operating temperature and supply voltage (2) v ih v il v hc v lc v cd v ol v oh i li i lo parameter input high voltage input low voltage cmos input high voltage cmos input low voltage input clamp diode voltage output low voltage (ttl load) output high voltage (ttl load) input leakage current output leakage current test conditions v cc = min., i in = ?18 ma i ol = +10 ma, v cc = min. i ol = +8 ma, v cc = min. i oh = ?4 ma, v cc = min. v cc = max. mil. v in = gnd to v cc ind./com?l. v cc = max., ce = v ih , mil. v out = gnd to v cc ind./com?l. ft6198 / 6198a min 2.2 ?0.5 (3) v cc ?0.2 ?0.5 (3) 2.4 ?10 ?5 ?10 ?5 max v cc +0.5 0.8 v cc +0.5 0.2 ?1.2 0.4 +10 +5 +10 +5 ft6198l / 6198al min max 2.2 ?0.5 (3) v cc ?0.2 ?0.5 (3) 2.4 ?5 n/a ?5 n/a v cc +0.5 0.8 v cc +0.5 0.2 0.4 ?1.2 +5 n/a +5 n/a unit v v v v v v v v a a typ. industrial 0.5 0.5 ft6198(l) ft6198a(l) rev 1 2/14 2008
data retention characteristics (ft6198l/ft6198al military temperature only) typ.* max symbol parameter test condition min v cc =v cc = unit 2.0v 3.0v 2.0v 3.0v v dr v cc for data retention 2.0 v i ccdr data retention current 10 15 600 900 a t cdr chip deselect to ce v cc ? 0.2v, 0 ns data retention time v in v cc ? 0.2v or t r ? operation recovery time t rc ns * t a = +25c t rc = read cycle time ? this parameter is guaranteed but not tested. *v cc = 5.5v. tested with outputs open. f = max. switching inputs are 0v and 3v. 198: ce = v il , oe = v ih 198a: ce 1 = v il , ce 2 = v il . oe = v ih v in 0.2v data retention waveform i cc symbol parameter temperature range dynamic operating current* commercial industrial military ?10 n/a ?12 ?15 ?20 ?25 ?35 ?45 unit n/a ma ma ma power dissipation characteristics vs. speed n/a 150 155160170180 n/a 170 160 155 150 145 180 170 160 155 150 n/a n/a (ce or ce2 for the ft6198al) ft6198(l) ft6198a(l) rev 1 3/14 2008
sym. parameter unit -10 -12 -15 -20 -25 -35 -45 min max min max min max min max min max min max min max t rc read cycle time 10 12 15 20 25 35 45 ns t aa address access 10 12 15 20 25 35 45 ns time t ac chip enable 10 12 15 20 25 35 45 ns access time t oh output hold from 2 2 2222 2ns address change t lz chip enable to 2 2 2222 2ns output in low z t hz chip disable to 6 7 8 10 10 14 15 ns output in high z t oe output enable 6 7 9 12 15 25 30 ns low to data valid t olz output enable to 2 2 2222 2ns output in low z t ohz output disable to 6 7 9 9 10 14 15 ns output in high z t pu chip enable to 0 0 0000 0ns power up time t pd chip disable to 10 12 15 20 25 35 45 ns power down time ac characteristics?read cycle (v cc = 5v 10%, all temperature ranges) (2) read cycle no.1 ( oeoe oeoe oe controlled) (5) notes: 5. we is high for read cycle. ft6198(l) ft6198a(l) rev 1 4/14 2008
read cycle no. 2 (address controlled) (5,6) read cycle no. 3 ( cece cece ce (12) controlled) (5,7,8) 10. read cycle time is measured from the last valid address to the first transitioning address. 11. transitions caused by a chip enable control have similar delays irrespective of whether ce 1 or ce 2 causes them (ft6198a/l). 12. ce 1 , ce 2 for ft6198a/l. notes: 6. ce ( ce 1 ce 2 for ft6198a/l) and oe are low read cycle. 7. oe is low for the cycle. 8. address must be valid prior to, or coincident with ce ( ce 1 and ce 2 for ft6198a/l) transition low. 9. transition is measured 200mv from steady state voltage prior to change, with loading as specified in figure 1. ft6198(l) ft6198a(l) rev 1 5/14 2008
-10 -12 -15 -20 -25 -35 -45 min max min max min max min max min max min max min max t wc write cycle time 10 12 13 15 20 30 40 ns t cw chip enable time 7 8 10 15 20 30 35 ns to end of write t aw address valid to 8 8 10 15 20 25 35 ns end of write t as address set-up 0 0 00000ns time t wp write pulse 8 9 10 12 20 25 35 ns width t ah address hold 0 0 00000ns time from end of write t dw data valid to end 7 6 7 10 13 15 20 ns of write t dh data hold time 0 0 00000ns t wz write enable to 7 6 7 8 10 10 15 ns output in high z t ow output active 3 3 33333ns from end of write ac characteristics?write cycle (v cc = 5v 10%, all temperature ranges) (2) sym. parameter unit write cycle no. 1 (with oeoe oeoe oe high) ft6198(l) ft6198a(l) rev 1 6/14 2008
write cycle no. 2 ( wewe wewe we controlled) (13,14) 1520 08 write cycle no. 3 ( cece cece ce (12) controlled) (13,14) notes: 13. ce ( ce 1 , ce 2 for ft6198a/l) and we must be low for write cycle. 14. oe is low for this write cycle. 15. if ce ( ce 1 or ce 2 for ft6198a/l) goes high simultaneously with we high, the output remains in a high impedance state. 16. write cycle time is measured from the last valid address to the first transitioning address. ft6198(l) ft6198a(l) rev 1 7/14 2008
truth tables ft6198/l ft6198a/l cece cece ce 1 cece cece ce 2 wewe wewe we oeoe oeoe oe mode output h x x x standby high z x h x x standby high z l l h h output inhibit high z l l h l read d out l l l x write d in cece cece ce wewe wewe we oeoe oeoe oe mode output h x x standby high z l h h output inhibit high z l h l read d out l l x write d in input pulse levels gnd to 3.0v input rise and fall times 3ns input timing reference level 1.5v output timing reference level 1.5v output load see figures 1 and 2 * including scope and test fixture. note: because of the ultra-high speed of the ft6198/l and ft6198a/l, care must be taken when testing this device; an inadequate setup can cause a normal functioning part to be rejected as faulty. long high-inductance leads that cause supply bounce must be avoided by bringing the v cc and ground planes directly up to the contactor fingers. a 0.01 f high figure 1. output load figure 2. thevenin equivalent frequency capacitor is also required between v cc and ground. to avoid signal reflections, proper termination must be used; for example, a 50 ? test environment should be terminated into a 50 ? load with 1.73v (thevenin voltage) at the comparator input, and a 116 ? resistor must be used in series with d out to match 166 ? (thevenin resistance). ac test conditions ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram rev 1 8/14 2008
* military temperature range with mil-std-883 m5004 n/a = not available selection guide the ft6198 and ft6198a are available in the following temperature, speed and package options. ordering information 10 12 15 20 25 35 45 plastic dip -10pc -12pc -15pc -20pc -25pc n/a n/a plastic soj -10jc -12jc -15jc -20jc -25jc n/a n/a industrial plastic dip n/a -12pi -15pi -20pi -25pi -35pi n/a plastic soj n/a -12ji -15ji -20ji -25ji -35ji n/a side brazed dip n/a n/a -15cm -20cm -25cm -35cm -45cm cerdip n/a n/a -15dm -20dm -25dm -35dm -45dm lcc n/a n/a -15lm -20lm -25lm -35lm -45lm side brazed dip n/a n/a -15cmb -20cmb -25cmb -35cmb -45cmb cerdip n/a n/a -15dmb -20dmb -25dmb -35dmb -45dmb lcc n/a n/a -15lmb -20lmb -25lmb -35lmb -45lmb speed (ns) military temperature military processed* temperature range package commercial ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram ft6198 ft6198a x xx x x m5004 rev 1 9/14 2008
pkg # # pins symbol min max a-0.200 b 0.014 0.026 b2 0.045 0.065 c 0.008 0.018 d-1.280 e 0.220 0.310 ea e l 0.125 0.200 q 0.015 0.060 s1 0.005 - s2 0.005 - 0.100 bsc c4 24 (300 mil) 0.300 bsc pkg # # pins symbol min max a-0.200 b 0.014 0.026 b2 0.045 0.065 c 0.008 0.018 d-1.280 e 0.220 0.310 ea e l 0.125 0.200 q 0.015 0.060 s1 0.005 - 0 15 0.100 bsc d4 24 (300 mil) 0.300 bsc side brazed dual in-line package cerdip dual in-line package ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram rev 1 10/14 2008
pkg # # pins symbol min max a 0.128 0.148 a1 0.082 - b 0.016 0.020 c 0.007 0.010 d 0.620 0.630 e e e1 0.292 0.300 e2 q0.025- j4 24 (300 mil) 0.050 bsc 0.267 bsc 0.335 bsc pkg # # pins symbol min max a 0.060 0.075 a1 0.050 0.065 b1 0.022 0.028 d 0.342 0.358 d1 d2 d3 - 0.358 e 0.540 0.560 e1 e2 e3 - 0.558 e h j l 0.045 0.055 l1 0.045 0.055 l2 0.075 0.095 nd ne 0.020 ref 5 9 0.400 bsc 0.200 bsc 0.050 bsc 0.040 ref l5 28 0.200 bsc 0.100 bsc soj small outline ic package rectangular leadless chip carrier ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram rev 1 11/14 2008
pkg # # pins symbol min max a-0.210 a1 0.015 - b 0.014 0.022 b2 0.045 0.070 c 0.008 0.014 d 1.230 1.280 e1 0.240 0.280 e 0.300 0.325 e eb - 0.430 l 0.115 0.150 0 15 0.100 bsc p4 24 (300 mil) plastic dual in-line package ft6198(l) ft6198a(l) ultra high speed 16k x 4 static cmos ram rev 1 12/14 2008
ashley crt, henley, marlborough, wilts, sn8 3rh uk tel: +44(0)1264 731200 fax:+44(0)1264 731444 e-mail sales@forcetechnologies.co.uk www.forcetechnologies.co.uk life support applications force technologies products are not designed for use in life support appliances, devices or systems where malfunction of a force technologies product can reasonably be expected to result in a personal injury. force technologies customers using or selling force technologies products for use in such applications do so at their own risk and agree to fully indemnify force technologies for any damages resulting from such improper use or sale. all trademarks acknowledged copyright force technologies ltd 2008 unless otherwise stated in this scd/data sheet, force technologies ltd reserve the right to make changes, without notice, in the products, includ -ing circuits, cells and/or software, described or contained herein in order to improve design and/or performance. force technologies resumes no responsibility or liability for the use of any of these products, conveys no licence or any title under patent, copyright, or mask work to these products, and makes no representation or warranties that that these products are free f rom patent, copyright or mask work infringement, unless otherwise specified. rev 1 13/14 2008
revisions document number : sram113 document title : ft6198 / ft6198l, ft6198a / ft6198al ultra high speed 16k x 4 static cmos rams rev. issue date orig. of change description of change or ig 1997 m.s new data sheet 1 jan-08 b.s data sheet review rev 1 14/14 2008


▲Up To Search▲   

 
Price & Availability of FT6198L-12LMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X