Part Number Hot Search : 
2SC42 STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42
Product Description
Full Text Search
 

To Download FPV160808G140PLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  guangdong zhaoqing yingda inductor co ?? ltd smd components 49 introduction fo fpv series multilayer chip varistor multilayer chip varistors (mlv) are transient voltage suppressors (tvs) which manufactured from semiconducting ceramics by the highly advanced multilayer formation technologies, which can offer rugged protection, excellent transient energy absorption and internal heat dissipation. the devices are leadless chip form, eliminating lead inductance and guaranteeing a faster speed of response time of less than 0.5ns, which makes them fast en ough to ensure reliable protection against esd pulse and other specific transient events. these transient suppression devices are significantly smaller footprints and lower profiles than traditional zener diodes or radial movs. features l multilayer ceramic construction technology l leadless 1005[0402], 1608[0603], 2012[0805], 3216[1206], 3225[1210], 4532[1812], 8063 [3225] and 1080[4032] chip size l - 55oc to +125oc operating temperature range l operating voltage range vw( dc) =3.3v to 615 v l inherent bi - directional clamping l suitable for esd protection l very low leakage current l low inductance, fast response (response time<0.5ns) l excellent temperature coefficient l good solderability (the electrode termination is selectable in plated and silver /palladium/platinum.) information for designer voltage dependent characteristic transient voltage suppressors (varistors) are voltage - dependent electrical resistors with symmetrical v/i characteristic. their resistanc e value decrease with increasing voltage, thus ?short - circuiting? further rises in overvoltage. section of the chip
guangdong zhaoqing yingda inductor co ?? ltd smd components 50 terms and descriptions working dc voltage (vw(dc)) this is the maximum continuous dc voltage, which may be applied up to the maximum operating temperatu re of the device. the rated dc operating voltage (working voltage) is also used as the reference point for leakage current. this voltage is always less than the breakdown voltage of the device. working ac voltage (vw(ac)) this is the maximum continuous sin usoidal rms voltage, which maybe applied at any temperature up to the maximum operating temperature of the device. maximum surge current (peak current i p ) this is the maximum peak current, which may be applied for an 8/20s impulse, with rated line voltag e also applied, without causing device failure. the pulse can be applied to the device in either polarity with the same confidence factor. maximum surge energy (es) this is the maximum rated transient energy which may be dissipated for a single current pul se at a specified impulse duration (10/1000s), with the rated dc or rms voltage applied, without causing device failure. leakage (i l ) at rated dc voltage in the no conducting mode, the device is at a very high impedance (approaching 10 9 ohms) and appears as an almost open circuit in the system. the leakage current drawn at this level is very low (<50a at ambient temperature) and, unlike the zener diode, the multilayer varistors have the added advantage that, when operated up to its maximum temperature, it s leakage current will not increase above 500a. varistor voltage (v b (dc)) this is the voltage at which the device changes from the off state to the on state and enters its conduction mode of operation. the voltage is usually characterized at the 1ma point . clamping voltage (vc) this is the peak voltage appearing across the suppressor when measured at conditions of specified pulse current and specified waveform (8/20s). it is important to note that the peak current and peak voltage may not necessarily be c oincidental in time. capacitance (cp) this is the capacitance of the device at a specified frequency 1mhz and bias 0.5v application the prevention of overvoltage when the voltage increases above the threshold of mlv, the suppressor will draws a rapidly increasing current, and then the overvoltage is considerably attenuated away from the protection of the equipments shou ld be supplemented by including specific components that will raise the withstand capabilities to the required level. varistors provide protection against all kind of overvoltage and prevent electronic equipment from being damaged by transient events.
guangdong zhaoqing yingda inductor co ?? ltd smd components 51 specific application l suppression of inductive switching or other transient events such as eft and surge voltage at the circuit board level. l protection of components and circuits sensitive to esd transients occurring on power supplies, control and signal lines. l provide s on - board transient voltage protection for ics, cmos and mosfet. l replace larger surface mount tvs zeners in many applications l used to help achieve electromagnetic compliance of end products part number identification multilayer chip var istor fpv 160808 g 3r3 p m t z x ? y t ? z x ? y t ? product code dimensions (l ? w ? t) (mm) product series working dc voltage termina - tion tolerance packaging style 100505 1.00.50.5 k 10% 160808 1.60.80.8 p plated l 1 5 % t tap e & reel 201209 2.01.20.9 e high energy absorb type 3r3 3 . 3v m 20% b bulk 321611 3.21.61.1 25 0 24v s non - plated pt/pd/ag 322513 3.22.51.3 fpv multilayer chip vari stor 453215 4.5 1.6 1.6 s genera type 453225 4.5 3.2 2.5 8063 8.0 6.3 g high speed type 1080 10.2 8.0 shape and dimensions & equivalent circuit unit o mm(inch) part no. l w t d 100505 (0402) 1.0 ? 0.15 (0.040 ? 0.006) 0.5 ? 0.15 (0.020 ? 0.006) 0.5 ? 0.15 (0.020 ? 0.006) 0.25 ? 0.10 (0.010 ? 0.004) 160808 (0603) 1.6 ? 0.2 (0.063 ? 0.008) 0.8 ? 0.2 (0.031 ? 0.008) 0 .8 ? 0.2 (0.031 ? 0.008) 0.3 ? 0.2 (0.01 ? 0.008) 201209 (0805) 2.0 ? 0.2 (0.079 ? 0.008) 1.2 ? 0.2 (0.047 ? 0.008) 0.9 ? 0.2 (0.035 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 201212 (0805) 2.0 ? 0.2 (0.079 ? 0.008) 1.2 ? 0.2 (0.047 ? 0.008) 1.2 ? 0.2 (0.047 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 321611 (1206) 3.2 ? 0.2 (0.126 ? 0.008) 1.6 ? 0.2 (0.063 ? 0.008) 1.1 ? 0.2 (0.043 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 321609 (1206) 3.2 ? 0.2 (0.126 ? 0.008) 1.6 ? 0.2 (0.063 ? 0.008) 0.9 ? 0.2 (0.035 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 322513 (1210) 3.2 ? 0.2 (0.126 ? 0.008) 2.5 ? 0.2 (0.098 ? 0.00 8) 1.3 ? 0.2 (0.051 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 451616 (1806) 4.5 ? 0.2 (0.186 ? 0.008) 1.6 ? 0.2 (0.063 ? 0.008) 1.6 ? 0.2 (0.063 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 453225 (1812) 4.5 ? 0.2 (0.180 ? 0.008) 3.2 ? 0.2 (0.126 ? 0.008) 2.5 ? 0.2 (0.100 ? 0.008) 0.5 ? 0.3 (0.020 ? 0.012) 80 63 8.0 ? 0.3 (0.3 ? 0.012) 6.3 ? 0.3 (0.250 ? 0.012) 1.0~2.5 (0.050~0.100) 0.7 ? 0.3 (0.028 ? 0.012) 1080 10.2 ? 0.3 (0.100 ? 0.012) 8.0 ? 0.3 (0.320 ? 0.012) 1.0~2.5 (0.050~0.100) 0.7 ? 0.3 (0.028 ? 0.012) equivalent circuit
guangdong zhaoqing yingda inductor co ?? ltd smd components 52 multilayer chip varistor array cav 3216 - 4 g 3r3 p m t z x ? y t ? z x ? y t ? product code dimensions (l ? w ? t) (mm) product series working dc voltage termina tion tolerance packagin g style k 10% 3216 3.2 ? 1.6 ? 0.9 p plated l 1 5 % s high speed type 3r3 3 . 3v m 20% t tap e & reel 2010 2.0 ? 1.0 ? 0.5 g genera type 250 24v s non - plat ed pt/pd/ag b bulk cv a multilayer chip varistor aarry shape and dimensions & equivalent circuit unit o mm(inch ) part no. l w t e 1 e 2 d 2010 (0804) 2.0 ? 0.15 (0.079 ? 0.008) 1.0 ? 0.15 (0.039 ? 0.006) 0.5 ? 0.1 (0.035 ? 0.008) 0.20+0.15/ - 0.1 (0.010+0.006/ - 0.004) 2.0 ? 0.15 (0.079 ? 0.006) 2.0 ? 0.15 (0.079 ? 0.006) 3216 (1206) 3.2 ? 0.2 (0.126 ? 0.008) 1.6 ? 0.2 (0.063 ? 0.008) 0.9 ? 0.1 (0. 035 ? 0.008) 0.35 ? 0.2 (0.014 ? 0.008) 0.3 ? 0.2 (0.012 ? 0.008) 0.8 ? 0.1 (0.031 ? 0.004) specification multilayer chip varistor general series general series is a major series of fpv mulitlayer chip varistors (mlv), which can provide widely working voltage, high reliability and suppress varies transient event l protection from transient voltage noise in all kinds of ic l protection from esd, eft and surge in power i/o port l replacement of zener diode
guangdong zhaoqing yingda inductor co ?? ltd smd components 53 1005 (0402) type working voltage dc ac varistor voltage @1ma dc m aximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 1005 part number volts volts v b | v b volts joules volts pf fpv100505g3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.05 20 450 fpv100505g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.05 20 360 fpv100505g8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.05 20 300 fpv100505g9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.05 20 230 fpv100505g110 ?? l ?? 11 7.8 16 ? 15% 25 0.05 20 180 fpv100505g120 ?? l ?? 12 8.5 18 ? 15% 25 0.05 20 150 fpv100505g140 ?? l ?? 14 10 20 ? 15% 30 0.05 20 120 fpv100505g160 ?? k ?? 1 6 11.3 22 ? 10% 35 0.05 20 100 fpv100505g180 ?? k ?? 18 12.7 25 ? 10% 40 0.05 20 90 1608 (0603) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a ener gy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 1608 part number volts volts v b | v b volts joules volts pf fpv160808g3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.1 30 1230 fpv160808g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.1 30 825 fpv160808g8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.1 30 600 fpv160808g9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.1 30 550 fpv160808g110 ?? l ?? 11 7.8 16 ? 15% 25 0.1 30 500 fpv160808g120 ?? l ?? 12 8.5 18 ? 15% 25 0.1 30 480 fpv160808g140 ?? l ?? 14 10 20 ? 15% 30 0.1 30 430 fpv160808g160 ?? k ?? 16 11.3 22 ? 10% 35 0.1 30 300 fpv160808g180 ?? k ?? 18 12.7 25 ? 10% 40 0.1 30 230 fpv160808g220 ?? k ?? 22 15.6 30 ? 10% 50 0.1 30 180 fpv160808g240 ?? k ?? 24 17 33 ? 10% 54 0.1 30 170 fpv160808g260 ?? k ?? 26 18.4 36 ? 10% 58 0.1 30 160 fpv160808g300 ?? k ?? 30 21.2 42 ? 10% 65 0.1 30 150 2012 (0805) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 2012 part number volts volts v b | v b volts joule s volts pf fpv2012 ?? g3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.1 40 930 fpv2012 ?? g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.1 40 860 fpv2012 ?? g8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.1 40 620 fpv2012 ?? g9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.1 40 580 fpv2012 ?? g110 ?? l ?? 11 7.8 16 ? 15% 25 0.1 35 500 fpv2012 ?? g120 ?? l ?? 12 8.5 18 ? 15% 25 0.1 35 450 fpv2012 ?? g140 ?? l ?? 14 10 20 ? 15% 30 0.1 35 400 fpv2012 ?? g160 ?? k ?? 16 11.3 22 ? 10% 35 0.1 35 300 fpv2012 ?? g180 ?? k ?? 18 12.7 25 ? 10% 40 0.1 35 280 fpv2012 ?? g220 ?? k ?? 22 15.6 30 ? 10% 50 0.1 35 220 fpv2012 ?? g240 ?? k ?? 24 17 33 ? 10% 54 0.1 35 180 fpv2012 ?? g260 ?? k ?? 26 18.4 36 ? 10% 58 0.1 35 110 fpv2012 ?? g300 ?? k ?? 30 21.2 42 ? 10% 65 0.1 35 80
guangdong zhaoqing yingda inductor co ?? ltd smd components 54 3216 (1206) type working voltage dc ac varistor voltage @1ma dc maximum clamping vol tage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 3216 part number volts volts v b | v b volts joules volts pf fpv3216 ?? g3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.1 40 1500 fpv3216 ?? g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.1 40 870 fpv3216 ?? g8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.1 40 650 fpv3216 ?? g9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.1 40 630 fpv3216 ?? g110 ?? l ?? 11 7.8 16 ? 15% 25 0.1 35 600 fpv3216 ?? g120 ?? l ?? 12 8.5 18 ? 15% 25 0.1 35 560 fpv3216 ?? g140 ?? l ?? 14 10 20 ? 15% 30 0.1 35 500 fpv3216 ?? g160 ?? k ?? 16 11.3 22 ? 10% 35 0.1 35 450 fpv 3216 ?? g180 ?? k ?? 18 12.7 25 ? 10% 40 0.1 35 400 fpv3216 ?? g220 ?? k ?? 22 15.6 30 ? 10% 50 0.1 35 300 fpv3216 ?? g240 ?? k ?? 24 17 33 ? 10% 54 0.1 35 270 fpv3216 ?? g260 ?? k ?? 26 18.4 36 ? 10% 58 0.1 35 250 fpv3216 ?? g300 ?? k ?? 30 21.2 42 ? 10% 65 0.1 35 225 fpv3216 ?? g330 ?? k ?? 33 23.3 45 ? 10% 72 0.1 35 200 fpv3216 ?? g380 ?? k ?? 38 27 51 ? 10% 77 0.1 35 150 fpv3216 ?? g420 ?? k ?? 42 30 56 ? 10% 86 0.1 35 120 fpv3216 ?? g480 ?? k ?? 48 34 62 ? 10% 100 0.1 35 90 fpv3216 ?? g560 ?? k ?? 56 40 72 ? 10% 110 0.1 35 80 fpv3216 ?? g600 ?? k ?? 60 45 76 ? 10% 120 0.1 35 70 fpv3216 ?? g6 80 ?? k ?? 68 48 86 ? 10% 130 0.1 35 60
guangdong zhaoqing yingda inductor co ?? ltd smd components 55 multlayer chip varistor high energy absorb series high energy absorb series is design to absorb the high energy transient voltage in circuit, which provide high rate current, highly energy absorb ab ility and fast response speed application l suppression of inductive switching or other transient events such as eft and surge voltage at the circuit board level. l protection of components and circuits sensitive to esd transients occurring on power supp lies, control and signal lines. l provides on - board transient voltage protection for ics, cmos and mosfet. l replace larger surface mount tvs zeners in many applications 2012 (0805) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 2012 pa rt number volts volts v b | v b volts joules volts pf fpv2012 ?? e3r3 ?? m ?? 3.3 2.5 5 ? 20% 14 0.3 120 40 00 fpv2012 ?? e5r6 ?? m ?? 5.6 4 8 ? 20% 16 0.3 120 2400 fpv2012 ?? e8r0 ?? m ?? 8 5.7 12 ? 20% 24 0.3 120 1700 fpv2012 ?? e9r0 ?? l ?? 9 6.4 13 ? 15% 25 0.3 120 1500 fpv2012 ?? e110 ?? l ?? 11 7.8 16 ? 15% 27 0.3 120 1000 fpv2012 ?? e120 ?? l ?? 12 8.5 18 ? 15% 28 0.3 120 920 fpv2012 ?? e140 ?? l ?? 1 4 10 20 ? 15% 30 0.3 120 820 fpv2012 ?? e160 ?? k ?? 16 11.3 22 ? 10% 35 0.3 120 600 fpv2012 ?? e180 ?? k ?? 18 12.7 25 ? 10% 40 0.3 100 500 fpv2012 ?? e220 ?? k ?? 22 15.6 30 ? 10% 47 0.3 100 350 fpv2012 ?? e240 ?? k ?? 24 17 33 ? 10% 50 0.3 100 270 fpv2012 ?? e260 ?? k ?? 26 18.4 36 ? 10% 54 0. 3 100 190 fpv2012 ?? e300 ?? k ?? 30 21.2 42 ? 10% 65 0.3 100 150 3216(1206) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 3216 part number volts volts v b | v b volts joules volts pf fpv3216 ?? e3r3 ?? m ?? 3.3 2.5 5 ? 20% 14 0.4 150 3800 fpv3216 ?? e5r6 ?? m ?? 5.6 4 8 ? 20% 16 0.4 150 2300 fpv3216 ?? e8r0 ?? m ?? 8 5.7 12 ? 20% 24 0.4 150 1800 fpv3216 ?? e9r0 ?? l ?? 9 6.4 13 ? 15% 25 0.4 150 1700 fpv3216 ?? e110 ?? l ?? 11 7.8 16 ? 15% 27 0.4 150 1300 fpv3216 ?? e120 ?? l ?? 12 8.5 18 ? 15% 28 0.4 150 1200 fpv3216 ?? e140 ?? l ?? 14 10 20 ? 15% 30 0.4 150 900 fpv3216 ?? e160 ?? k ?? 16 11.3 22 ? 10% 35 0.4 150 780 fpv3216 ?? e180 ?? k ?? 18 12.7 25 ? 10% 40 0.4 150 635 fpv3216 ?? e220 ?? k ?? 22 15.6 30 ? 10% 47 0.4 150 550 fpv3216 ?? e240 ?? k ?? 24 17 33 ? 10% 50 0.4 150 500 fpv3216 ?? e260 ?? k ?? 26 18.4 36 ? 10% 54 0.4 120 450 fpv3216 ?? e300 ?? k ?? 30 21.2 42 ? 10% 65 0.4 120 400 fpv3216 ?? e330 ?? k ?? 33 23.3 45 ? 10% 72 0.4 120 350 fpv32 16 ?? e380 ?? k ?? 38 27 51 ? 10% 77 0.4 120 300 fpv3216 ?? e420 ?? k ?? 42 30 56 ? 10% 86 0.4 120 250 fpv3216 ?? e480 ?? k ?? 48 34 62 ? 10% 100 0.4 120 185 fpv3216 ?? e560 ?? k ?? 56 40 72 ? 10% 110 0.4 120 165 fpv3216 ?? e600 ?? k ?? 60 45 76 ? 10% 120 0.4 120 150 fpv3216 ?? e680 ?? k ?? 68 48 86 ? 10 % 130 0.4 120 135
guangdong zhaoqing yingda inductor co ?? ltd smd components 56 3225(1210) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mh z 3225 part number volts volts v b | v b volts joules volts pf fpv3225 ?? e180 ?? k ?? 18 12.7 25 ? 10% 38 1.5 300 2400 fpv3225 ?? e220 ?? k ?? 22 15.6 30 ? 10% 47 1.5 300 2150 fpv3225 ?? e240 ?? k ?? 24 17 33 ? 10% 50 1.5 300 1980 fpv3225 ?? e260 ?? k ?? 26 18.4 36 ? 10% 54 1.5 280 1800 fpv 3225 ?? e300 ?? k ?? 30 21.2 42 ? 10% 65 1.5 280 1860 fpv3225 ?? e330 ?? k ?? 33 23.3 45 ? 10% 70 1.5 280 1600 fpv3225 ?? e380 ?? k ?? 38 27 51 ? 10% 77 1.5 280 1300 fpv3225 ?? e420 ?? k ?? 42 30 56 ? 10% 90 1.5 280 1000 fpv3225 ?? e480 ?? k ?? 48 34 62 ? 10% 100 1.5 280 510 fpv3225 ?? e560 ?? k ?? 56 4 0 72 ? 10% 110 1.5 250 450 fpv3225 ?? e600 ?? k ?? 60 45 76 ? 10% 120 1.5 250 420 fpv3225 ?? e680 ?? k ?? 68 48 86 ? 10% 135 1.5 250 360 4532(1812) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 4532 part number volts volts v b | v b volts joules volts pf fpv453215e180 ?? k ?? 18 12.7 25 ? 10% 38 2.5 500 4500 fpv453215e220 ?? k ?? 22 15.6 30 ? 10% 47 2.5 500 4000 fpv453215e240 ?? k ?? 24 17 33 ? 10% 50 2.5 500 3500 fpv453215e260 ?? k ?? 26 18.4 36 ? 10% 54 2.5 500 3000 fpv453215e300 ?? k ?? 30 21.2 42 ? 10% 65 2.5 500 2500 fpv453215e330 ?? k ?? 33 23.3 45 ? 10% 70 2.5 500 2200 fpv453215e380 ?? k ?? 38 27 51 ? 10% 77 2.5 500 2000 fpv4 53215e420 ?? k ?? 42 30 56 ? 10% 90 2.5 500 1800 fpv453215e480 ?? k ?? 48 34 62 ? 10% 100 2.5 500 1500 fpv453215e560 ?? k ?? 56 40 72 ? 10% 110 2.5 500 1000 fpv453215e600 ?? k ?? 60 45 76 ? 10% 120 2.5 500 750 fpv453215e680 ?? k ?? 68 48 86 ? 10% 135 2.5 500 500 8063(3225) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 8063 part number volts volts v b | v b volts joules volts pf fpv8063e14 ?? k ?? 14 11 18 ? 10% 36@1a 0.3 100 1750 fpv8063e18 ?? k ?? 18 14 22 ? 10% 43@1a 0.4 100 1450 fpv8063e22 ?? k ?? 22 17 27 ? 10% 53@1a 0.5 100 1200 fpv8063e26 ?? k ?? 26 20 33 ? 10% 65@1a 0.6 100 980 fpv8063e31 ?? k ?? 31 25 39 ? 10% 77@1a 0.7 100 850 fpv8063e38 ?? k ?? 38 30 47 ? 10% 93@1a 0.9 100 720 fpv8063e45 ?? k ?? 45 35 56 ? 10% 110@1a 1.1 100 620 fpv8063e56 ?? k ?? 56 40 68 ? 10% 135@1a 1.3 100 520 fpv8063e65 ?? k ?? 65 50 82 ? 10% 135@5a 1.8 400 300 fpv8063e85 ?? k ?? 85 60 100 ? 10% 165@5a 2.2 400 250 fpv8063e100 ?? k ?? 100 75 120 ? 10% 200@5a 2.5 400 210 fpv8063e125 ?? k ?? 125 95 150 ? 10% 250@5a 3.4 400 135 fpv8063e150 ?? k ?? 150 115 180 ? 10% 300@5a 3.6 400 110
guangdong zhaoqing yingda inductor co ?? ltd smd components 57 working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/100 0 | s peak current 8/20 | s typical capacitance @1mhz 8063 part number volts volts v b | v b volts joules volts pf fpv8063e170 ?? k ?? 170 130 205 ? 10% 340@5a 4.2 400 100 fpv8063e180 ?? k ?? 180 140 220 ? 10% 360@5a 4.5 400 95 fpv8063e200 ?? k ?? 200 150 240 ? 10% 395@5a 4.9 400 90 fpv8063e225 ?? k ?? 225 175 270 ? 10% 455@5a 5.6 400 75 fpv8063e300 ?? k ?? 300 230 360 ? 10% 595@5a 7.2 400 60 fpv8063e320 ?? k ?? 320 250 390 ? 10% 650@5a 8.2 400 55 fpv8063e350 ?? k ?? 350 275 430 ? 10% 710@5a 8.6 400 50 fpv8063e385 ?? k ?? 385 300 470 ? 10% 775@5a 9.6 400 45 1080(4032) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 1080 part number volts volts v b | v b volts joules volts pf fpv1080e14 ?? k ?? 14 11 18 ? 10% 36@2.5 0.8 250 2750 fpv1080e18 ?? k ?? 18 14 22 ? 10% 43@2.5 0.9 250 2300 fpv1080e22 ?? k ?? 22 17 27 ? 10% 53@2.5 1.1 250 1900 fpv1080e26 ?? k ?? 26 20 33 ? 10% 65@2.5 1.3 250 1600 fpv1080e31 ?? k ?? 3 1 25 39 ? 10% 77@2.5 1.6 250 1400 fpv1080e38 ?? k ?? 38 30 47 ? 10% 93@2.5 2.0 250 1200 fpv1080e45 ?? k ?? 45 35 56 ? 10% 110@2.5 2.5 250 1050 fpv1080e56 ?? k ?? 56 40 68 ? 10% 135@2.5 3.0 250 900 fpv1080e65 ?? k ?? 65 50 82 ? 10% 135@10a 4.2 1200 530 fpv1080e85 ?? k ?? 85 60 100 ? 10% 165@10a 4.8 1200 480 fpv1080e100 ?? k ?? 100 75 120 ? 10% 200@10a 5.9 1200 430 fpv1080e125 ?? k ?? 125 95 150 ? 10% 250@10a 7.6 1200 260 fpv1080e150 ?? k ?? 150 115 180 ? 10% 300@10a 8.4 1200 220 fpv1080e170 ?? k ?? 170 130 205 ? 10% 340@10a 9.5 1200 200 fpv1080e180 ?? k ?? 180 140 220 ? 10% 360@10a 10.0 1200 180 fpv1080e200 ?? k ?? 200 150 240 ? 10% 395@10a 11.0 1200 170 fpv1080e225 ?? k ?? 225 175 270 ? 10% 455@10a 13.0 1200 150 fpv1080e300 ?? k ?? 300 230 360 ? 10% 595@10a 17.0 1200 115 fpv1080e320 ?? k ?? 320 250 390 ? 10% 650@10a 19.0 1200 1 05 fpv1080e350 ?? k ?? 350 275 430 ? 10% 710@10a 21.0 1200 95 fpv1080e385 ?? k ?? 385 300 470 ? 10% 775@10a 23.0 1200 90 fpv1080e615 ?? k ?? 615 460 750 ? 10% 1240@10a 36.0 1200 55 remark: the working dc voltage of 8063 and 1080 part number are identified as: 18 ------ 18 v 225 ----- 225v multilayer chip varistor high speed series the multilayer high - speed series is a very low capacitance extension to the fpv family of transient voltage suppressor available in 1005,1608 and 2012 surface mount chip. the high speed series prov ides protection from esd and eft in high speed data - line and other high frequency applications. l data, diagnostic i/o ports l universal serial bus (usb) l video & audio ports l portable/hand - held products l mobile communications/cellular phones l computer/dsp products l industrial instruments including medical
guangdong zhaoqing yingda inductor co ?? ltd smd components 58 1005(0402) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 1005 part number volts volts v b | v b volts joules vo lts pf fpv100505s3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.05 20 70 fpv100505s5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.05 20 45 fpv100505s8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.05 20 30 fpv100505s9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.05 20 26 fpv100505s110 ?? l ?? 11 7.8 16 ? 15% 25 0.05 20 24 fpv100505s120 ?? l ?? 12 8.5 18 ? 15% 25 0.05 20 20 fpv100505s140 ?? l ?? 14 10 20 ? 15% 30 0.05 20 18 fpv100505s160 ?? k ?? 16 11.3 22 ? 10% 35 0.05 20 15 fpv100505s180 ?? k ?? 18 12.7 25 ? 10% 40 0.05 20 15 1608(0603) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 1608 part number volts volts v b | v b volts joules volts pf fpv2012 ?? s3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.05 20 220 fpv2012 ?? s5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.05 20 140 fpv2012 ?? s8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.05 20 100 fpv2012 ?? s9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.05 20 90 fpv2012 ?? s110 ?? l ?? 11 7.8 16 ? 15% 25 0.05 20 70 fpv2012 ?? s120 ?? l ?? 12 8.5 18 ? 15% 25 0.05 20 60 fpv2012 ?? s140 ?? l ?? 14 1 0 20 ? 15% 30 0.05 20 55 fpv2012 ?? s160 ?? k ?? 16 11.3 22 ? 10% 35 0.05 20 50 fpv2012 ?? s180 ?? k ?? 18 12.7 25 ? 10% 40 0.05 20 45 fpv2012 ?? s220 ?? k ?? 22 15.6 30 ? 10% 50 0.05 20 40 fpv2012 ?? s240 ?? k ?? 24 17 33 ? 10% 54 0.05 20 35 fpv2012 ?? s260 ?? k ?? 26 18.4 36 ? 10% 58 0.05 20 30 fpv2012 ?? s300 ?? k ?? 30 21.2 42 ? 10% 65 0.05 20 25 2012(0805) type working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capacitance @1mhz 2012 part number volts volts v b | v b volts joules volts pf fpv2012 ?? s3r3 ?? m ?? 3.3 2.5 5 ? 20% 10 0.05 20 220 fpv2012 ?? s5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.05 20 140 fpv2012 ?? s8r0 ?? m ?? 8 5.7 12 ? 20% 20 0.05 20 100 fpv2012 ?? s9r0 ?? l ?? 9 6.4 13 ? 15% 20 0.05 20 90 fpv2012 ?? s110 ?? l ?? 11 7.8 16 ? 15% 25 0.05 20 70 fpv2012 ?? s120 ?? l ?? 12 8.5 18 ? 15% 25 0.05 20 60 fpv2012 ?? s140 ?? l ?? 14 10 20 ? 15% 30 0.05 20 55 fpv2012 ?? s160 ?? k ?? 16 11.3 22 ? 10% 35 0.05 20 50 fpv2012 ?? s180 ?? k ?? 18 12.7 25 ? 10% 40 0.05 20 45 fpv201 2 ?? s220 ?? k ?? 22 15.6 30 ? 10% 50 0.05 20 40 fpv2012 ?? s240 ?? k ?? 24 17 33 ? 10% 54 0.05 20 35 fpv2012 ?? s260 ?? k ?? 26 18.4 36 ? 10% 58 0.05 20 30 fpv2012 ?? s300 ?? k ?? 30 21.2 42 ? 10% 65 0.05 20 25
guangdong zhaoqing yingda inductor co ?? ltd smd components 59 multilayer chip varistor array electrical characteristics per element l r educed component placement costs. l downsize pcb. l use in multiple lines for transient voltage suppression. working voltage dc ac varistor voltage @1ma dc maximum clamping voltage 8/20 | s 1a energy absorb 10/1000 | s peak current 8/20 | s typical capac itance @1mhz part number volts volts v b | v b volts joules volts pf cva2010 - 2g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.1 30 825 cva2010 - 2g9r0 ?? l ?? 9 6.4 12 ? 15% 20 0.1 30 550 cva2010 - 2g140 ?? l ?? 14 10 18 ? 15% 30 0.1 30 425 cva2010 - 2g180 ?? l ?? 18 12.7 24 ? 15% 40 0.1 30 225 cva2010 - 2s180 ?? l ?? ? 18 ? 12.7 n/a 40 0.05 20 <75 cva3216 - 4g5r6 ?? m ?? 5.6 4 8 ? 20% 15.5 0.1 30 825 cva3216 - 4g9r0 ?? l ?? 9 6.4 12 ? 15% 20 0.1 30 550 cva3216 - 4g140 ?? l ?? 14 10 18 ? 15% 30 0.1 30 425 cva3216 - 4g180 ?? l ?? 18 12.7 24 ? 15% 40 0.1 30 225 cva3216 - 4s180 ?? l ?? ? 18 ? 12.7 n/a 40 0.05 20 <75 characteristics ?? i - v curves ?t? v b vs. temperature
guangdong zhaoqing yingda inductor co ?? ltd smd components 60 y? energy and capacitance vs. temperature ??? reliability test data
guangdong zhaoqing yingda inductor co ?? ltd smd components 61 reliability and test conditions specified value type item 1005 1608 2012 3216 test methods 1 operating temperature range - 55 to +125 ?? - 2 storage temperature range - 55 to +125 ?? - 3 solderability at least 90% of terminal electrode is covered by new solder solder temperature: 230 ? 10 ?? duration:3 ? 1s preheating temperature: 100 to 150 ?? preheating time: 60s flux: immersion into methanol solution with colophony for 3 to 5 sec. 4 resistance to soldering no damage such as crucks should be caused in chip element. at least 75% of terminal electrode is covered by new solder varistor vol tage change within ? 10% solder temperature: 260 ? 5 ?? duration: 10 ? 0.5s preheating temperature: 100 to 150 ?? preheating time: 60s flux: immersion into methanol solution with colophony for 3 to 5 sec. the terminal electrode shall not be br oken off nor the chip element. 5 terminal strength w 0.4 0.5 0.6 1 w (kgf) min no mechanical damage. a 0.45 1.0 1.0 1.3 b 0.5 0.8 1.0 1.5 c 0.5 1.3 1.3 3.0 6 flextrue strength d 0.8 1.0 1.2 2.0 7 drop 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5% dropped 10 times on a concrete floor from a height of 1m. 8 thermal shock 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5% temperature: - 40 ?? for 30 ? 3min +85 ?? for 30 ? 3min transforming interval :max 20 sec number of cycles: 32 9 loading at low temperature 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5%. temp erature: - 40 ? 2 ?? duration: 500 hrs 10 loading at high temperature 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5%. temperature: 85 ? 2 ?? duration: 1000 ? 12hrs applied voltage: working voltage 11 loading under damp heat 1 ? no mechanical damage. 2 ? va ristor voltage change within ? 5%. temperature: 55 ? 2 ?? duration: 500 ? 12hrs humidity: 90 to 95%rh applied voltage: working voltage
guangdong zhaoqing yingda inductor co ?? ltd smd components 62 specified value type item 1005 1608 2012 3216 test methods 12 humidity resistance 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5%. temperature: 55 ? 2 ?? duration: 500 ? 12hrs humidity: 90 to 95%rh 13 vibration 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5%. amplitude: 1.5mm directions: 2hrs each in x y z direction frequency range: 10 to 55 to 10h z (min) the body shall not be damaged by forces applied on the right. d 1.3 1.3 1.3 2.0 14 resistance to pressure of substrate w 1.0 2.0 3.0 4.0 15 solvent resistance 1 ? no mechanical damage. 2 ? varistor voltage change within ? 5%. solvent : trichoroethane washer : ultrasonic washer wash time : 3min note: when there are questions concerning, measurement shall be made after 24 ? 2hrs of recovery under the standard condition. packaging ?? standae quantity type 100505 160808 201209 321611 3225 13 451616 453215 quantity(pcs) 10000 4000 4000 3000 3000 5000 3000 ?? taping drawings ?? taping dimensions (unit: mm) paper tape embossed tape part no. a b f t 100505 0.65 ? 0.1 1.15 ? 0.1 2.0 ? 0.05 0.8max 160808 1.0 ? 0.2 1.8 ? 0.2 4.0 ? 0.2 1.1max 201209 1.5 ? 0.2 2.3 ? 0.2 4.0 ? 0.2 1.1max
guangdong zhaoqing yingda inductor co ?? ltd smd components 63 4532 4516 3225 3216 2012 w 12.0+/ - 0.2 12.0+/ - 0.2 8.1+/ - 0.2 8.1+/ - 0.2 8.1+/ - 0.2 p 8.0+/ - 0.10 4.0+/ - 0.10 4.0+/ - 0.10 4.0+/ - 0 .10 4.0+/ - 0.10 e 1.75+/ - 0.10 1.75+/ - 0.10 1.75+/ - 0.10 1.75+/ - 0.10 1.75+/ - 0.10 f 5.50+/ - 0.10 5.50+/ - 0.10 3.50+/ - 0.10 3.50+/ - 0.10 3.50+/ - 0.10 d 1.55+/ - 0.05 1.55+/ - 0.05 1.55+/ - 0.05 1.55+/ - 0.05 1.55+/ - 0.05 d1 1.50 25 . 0 + 0 - 1.50 25 . 0 + 0 - 1.50 25 . 0 + 0 - 1.50 25 . 0 + 0 - 1.50 25 . 0 + 0 - p 0 4.0+/ - 0.10 4.0+/ - 0.10 4.0+/ - 0.10 4.0+/ - 0.10 4.0+/ - 0.10 p 0 10 40.0+/ - 0.20 40.0+/ - 0.20 40.0+/ - 0.20 40.0+/ - 0.20 40.0+/ - 0.20 p2 2.0+/ - 0.05 2.0+/ - 0.05 2.0+/ - 0.05 2. 0+/ - 0.05 2.0+/ - 0.05 a 0 3.66+/ - 0.10 1.93+/ - 0.10 2.80+/ - 0.10 1.90+/ - 0.10 1.52+/ - 0.10 b 0 4.95+/ - 0.10 4.95+/ - 0.10 3.50+/ - 0.10 3.51+/ - 0.10 2.41+/ - 0.10 t 0.23+/ - 0.10 0.23+/ - 0.10 0.23+/ - 0.10 0.23+/ - 0.10 0.23+/ - 0.10 ?? reel dimensions (unit o mm) a b c n g cf - 8 178 ? 2.0 22.0 ? 2.0 12.5 ? 1.5 67 ? 2.0 8 cf - 12 330 ? 2.0 22.0 ? 2.0 12.5 ? 1.5 110 ? 2.0 12 ?? leader and blank portion ?? peeling off force : 0.05 to 0.7n in the direction show below.


▲Up To Search▲   

 
Price & Availability of FPV160808G140PLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X