Part Number Hot Search : 
C01130 MC3397 15K1A269 RU0021 BC868 7N60C PD4IOR BC868
Product Description
Full Text Search
 

To Download FLS-2W01-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
safesite ? l-864 red led medium intensity beacon mechanical information: container dimensions: 24 x 24 x 24 610mm x 610mm x 610mm container weight: 32lbs (12.70 kg) mounting: electrical specifications: current (amps): 0.4 / 0.2 power consumption: 48 w (nom) operating temp: -40of to +133of (-40oc to +55oc) power factor: > 0.9 material: housing: cast aluminum lens: polycarbonate accessories (hardware): stainless steel dimensions in inches [mm] us patent # 7,281,821 certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments t5 rated w atex certified, equipment group ii (surface industries), category 3 (zone 2), t4 rated w faa ac no. 150/5345-43f w compliant to: icao (annex 14 - fourth edition, july 2004), dgac mexico w canadian aviation regulation car 621.9 (transport canada) w ip66 / nema 4x rated w etl listed in compliance with ul1598 and ul844for use in class i, div 2 hazardous locations features & benefits: w uses 90% less energy than an incandescent w resistant to shock and vibration w lasts years longer than an incandescent w flash or steady burn w 5 year warranty beacon bottom view mounting information application: dialight's l864 led based class i, division 2 certified medium intensity red beacon was designed to easily interface into existing systems or to be provided as a red lighting fixture for new installations. the beacon is used to mark any obstacle that may provide hazards to aircraft navigation. versions of this fixture are available in 120vac or 230vac. class 1, div 2 beacon d164-b13-001 class i, div 2 120/230 vac beacon atex beacon d264-d13-001 atex 120/230 vac beacon order codes: 2 www.dialight.com
safesite ? l-810 red led obstruction lights mechanical information: single units: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt and 3/4 npt bottom hub for mounting dual units: container dimensions: 22 x 17 x 9 559mm x 432mm x 229mm container weight: 16.06 lbs (7.28 kg) mounting: threaded 1 npt and 3/4 npt bottom hub for mounting electrical specifications: (per light): volt amps: 44 va (120 vac units) 67 va (230 vac units) input power: 14.5 w (120 vac units) 16.0 w (230 vac units) operating temp: -67of to +131of (-55oc to +55oc) material: housing: cast aluminum lens: glass accessories (hardware): stainless steel lens assembly dual wire housing lens assembly shield 14.21 [360.8] 15.54 [394.7] 14.77 [375.2] bi-directional wire housing shield 11.77 [298.9] ref 5.79 [147] ref 11.21 [284.6] ref dimensions in inches [mm] us patent # 6,425,678 certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments t4 rated w atex certified, equipment group ii (surface industries), category 3 (zone 2), t4 rated w faa ac no. 150/5345-43f w compliant to: icao (annex 14 - fourth edition, july 2004), dgac mexico w canadian aviation regulation car 621.9(transport canada) w etl listed in compliance with ul1598 and ul844 for use in class i, div 2 hazardous locations w ip65 / ip66 / nema 4x rated features & benefits: w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w available as a single or dual unit w unique optically designed lens to enhance led operation and provide 360 o visibility w flash or steady burn w will withstand wind in excess of 150 mph (240 kph), salt fog w 5 year warranty application: led based l810 red obstruction light certified to meet both the rigorous faa requirements for red led obstruction lights and class i, division 2 for hazardous area lighting locations. it is available in 120vac or 230vac versions and can be ordered as single or dual units. class 1, div 2 units atex units 860-2r01-001 class i, div 2 120 vac, single unit 860-9r01-001 atex 120 vac, single unit 860-2r02-001 class i, div 2 230 vac, single unit 860-9r02-001 atex 230 vac, single unit 860-2r01-002 class i, div 2 120 vac, dual unit 860-9r01-002 atex 120 vac, dual unit 860-2r02-002 class i, div 2 230 vac, dual unit 860-9r02-002 atex 230 vac, dual unit order codes: 3 www.dialight.com
safesite ? 860 series led steady burn visual signal lights us patent # 6,425,678 dimensions in inches [mm] certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments t4 rated w atex certified, equipment group ii (surface industries), category 3 (zone 2), t4 rated w ip65 / ip66 / nema 4x rated w etl listed in compliance with ul1598 and ul844 for use in class i, div 2 hazardous locations features & benefits: w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w available as a single or dual unit w unique optically designed lens to enhance led operation and provide 360 o visibility w 5 year warranty lens assembly dual wire housing lens assembly shield 14.21 [360.8] 15.54 [394.7] 14.77 [375.2] bi-directional wire housing shield 11.77 [298.9] ref 5.79 [147] ref 11.21 [284.6] ref application: dialight's steady burn led based class i, division 2 visual signals are used in a wide range of industries for visual indication in hazardous environments. versions of this fixture are available in 120vac or 230vac. atex versions available - consult factory class i, div 2 - single units class i, div 2 - dual units 860-2r01-001 class i, div 2 red 120 vac 860-2r01-002 class i, div 2 red 120 vac 860-2w01-001 class i, div 2 white 120 vac 860-2w01-002 class i, div 2 white 120 vac 860-2g01-001 class i, div 2 green 120 vac 860-2g01-002 class i, div 2 green 120 vac 860-2y01-001 class i, div 2 yellow 120 vac 860-2y01-002 class i, div 2 yellow 120 vac 860-2b01-001 class i, div 2 blue 120 vac 860-2b01-002 class i, div 2 blue 120 vac 860-2r02-001 class i, div 2 red 230 vac 860-2r02-002 class i, div 2 red 230 vac 860-2w02-001 class i, div 2 white 230 vac 860-2w02-002 class i, div 2 white 230 vac 860-2g02-001 class i, div 2 green 230 vac 860-2g02-002 class i, div 2 green 230 vac 860-2y02-001 class i, div 2 yellow 230 vac 860-2y02-002 class i, div 2 yellow 230 vac 860-2b02-001 class i, div 2 blue 230 vac 860-2b02-002 class i, div 2 blue 230 vac order codes: mechanical information: single units: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt and 3/4 npt bottom hub for mounting dual units: container dimensions: 22 x 17 x 9 559mm x 432mm x 229mm container weight: 16.06 lbs (7.28 kg) mounting: threaded 1 npt and 3/4 npt bottom hub for mounting electrical specifications: (per light): volt amps: 44 va (120 vac units) 67 va (230 vac units) input power: 14.5 w (120 vac units) 16.0 w (230 vac units) operating temp: -67of to +131of (-55oc to +55oc) material: housing: cast aluminum lens: glass accessories (hardware): stainless steel 4 www.dialight.com
safesite ? 860 series led visual signal lights w/ flat base junction box dimensions in inches [mm] certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments (pending) w ip65 / ip66 / nema 4x rated w etl listed in compliance with ul1598 and ul844 for use in class i, div 2 hazardous locations features & benefits: w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w unique optically designed lens to enhance led operation and provide 360 o visibility w 5 year warranty mechanical information: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt on 4 sides and 1 on bottom electrical specifications: volt amps: 44 va (120 vac units) input power: 14.5 w (120 vac units) operating temp: -67of to +131of (-55oc to +55oc) material: housing: cast aluminum lens: glass accessories (hardware): stainless steel 11.34 [288.2] ? 6.60 [167.6] 2.25 [57.15] application: dialights flat base junction box allows versatility of mounting and installation. its flat bottom base design creates the ability to mount the visual signal against level surfaces such as walls, ceilings and platforms. class i, div 2 - single units 860-2r01-005 class i, div 2 red 120 vac - flat base 860-2y01-005 class i, div 2 yellow 120 vac - flat base 860-2b01-005 class i, div 2 blue 120 vac - flat base order codes: 5 www.dialight.com
safesite ? fls series led flashing visual signal lights dimensions in inches [mm] certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments t4 rated w ip66 / nema 4x rated w etl listed in compliance with ul1598 and ul844 for use in class i, div 2 hazardous locations features & benefits: w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w available as a single unit w unique optically designed lens to enhance led operation and provide 360 o visibility w 5 year warranty mechanical information: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt and 3/4 npt bottom hub for mounting electrical specifications: volt amps: 44 va (120 vac units) 67 va (230 vac units) input power: 14.5 w (120 vac units) 16.0 w (230 vac units) operating temp: -67of to +131of (-55oc to +55oc) material: housing: cast aluminum lens: glass accessories (hardware): stainless steel lens assembly bi-directional wire housing shield 11.77 [298.9] ref 5.79 [147] ref 11.21 [284.6] ref us patent # 6,425,678 application: dialight's newest addition to their line of class i, division 2 visual signal lights, the fls series flashing signals are used in a wide range of industries for visual indication in hazardous environments. versions of this fixture are available in 120vac or 230vac. class i, div 2 - single units fls-2r01-001 class i, div 2 red 120 vac FLS-2W01-001 class i, div 2 white 120 vac fls-2g01-001 class i, div 2 green 120 vac fls-2y01-001 class i, div 2 yellow 120 vac fls-2b01-001 class i, div 2 blue 120 vac fls-2r02-001 class i, div 2 red 230 vac fls-2w02-001 class i, div 2 white 230 vac fls-2g02-001 class i, div 2 green 230 vac fls-2y02-001 class i, div 2 yellow 230 vac fls-2b02-001 class i, div 2 blue 230 vac order codes: atex versions available - consult factory 6 www.dialight.com
safesite ? fls series led flashing signal lights w/ flat base junction box certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments (pending) w ip65 / ip66 / nema 4x rated features & benefits: w etl listed in compliance with ul1598 and ul844 for use in class i, div 2 hazardous locations w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w unique optically designed lens to enhance led operation and provide 360 o visibility w 5 year warranty application: dialights flat base junction box allows versatility of mounting and installation. its flat bottom base design creates the ability to mount the flashing signal against level surfaces such as walls, ceilings and platforms. dimensions in inches [mm] 11.34 [288.2] ? 6.60 [167.6] 2.25 [57.15] class i, div 2 - single units fls-2r01-005 class i, div 2 red 120 vac - flat base fls-2y01-005 class i, div 2 yellow 120 vac - flat base fls-2b01-005 class i, div 2 blue 120 vac - flat base order codes: mechanical information: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt on 4 sides and 1 on bottom electrical specifications: volt amps: 44 va (120 vac units) input power: 14.5 w (120 vac units) operating temp: -67of to +131of (-55oc to +55oc) material: housing: cast aluminum lens: glass accessories (hardware): stainless steel 7 www.dialight.com
dialight reserves the right to make changes at any time in order to supply the best product possible. the most current version of this document will always be available at: http://www.dialight.com/assets/brochures_and_catalogs/illumination/mdtfsfstbrochure.pdf www.dialight.com mdtfsfstbrochure_d safesite ? fls series led flashing visual signal lights for supervised alarm systems dimensions in inches [mm] certifications & ratings: w class i, div 2, groups a, b, c, d hazardous environments t4 rated w certified to ul844 / ul1598a / dl1598 w ip66 / nema 4x rated features & benefits: w uses 90% less energy than an incandescent w weather/corrosion resistant lamp assembly and housing w resistant to shock and vibration w unique optically designed lens to enhance led operation and provide 360 o visibility w 5 year warranty mechanical information: container dimensions: 16 x 9 x 8 406mm x 229mm x 203mm container weight: 7.14 lbs (3.24 kg) mounting: threaded 1 npt electrical specifications: operating voltage: 12-48 vdc (nom) input power: 1.5 w operating temp: -40c to +65c on:off time: 100:900ms material: housing: powder coated cast aluminum lens: glass hardware: stainless steel included accessories: threaded 3/4 npt reducer threaded 1 npt plug stainless steel cage 11.18 [289.9] ref us patent # 6,425,678 application: dialight's newest addition to their line of class i, division 2 visual signal lights, the fls series flashing signals are used in a wide range of industries for visual indication in hazardous environments. the fls series incorporates a 4 wire connection for incorporation into a dc supervised alarm systems. class i, div 2 - single units fls-2r09-001 red fls-2w09-001 white fls-2g09-001 green fls-2y09-001 yellow fls-2b09-001 blue order codes: ?5.79 [147.0] ref 8


▲Up To Search▲   

 
Price & Availability of FLS-2W01-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X