Part Number Hot Search : 
6002C 4C15T 54FCT LM217K TC11BA 5325F7 KSH31C ADM200
Product Description
Full Text Search
 

To Download ECS-8FMX-320-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  41 * inclusive of 25?c tolerance, operating temperature range, input voltage change, load change, aging shock and vibration. ** an internal pullup resistor from pin 1 to 4 allows active output if pin 1 is left open. ecs, inc. international 1105 s. ridgeview, olathe, ks 66062 ?913-782-7787 ?800-237-1041 ?fax 913-782-6991 ?www.ecsxtal.com smd oscillators smd oscillators features ?5.0v & 3.3v versions ?extended temperature range ? rohs compliant ?t ape and reel (1,000 pcs std) ecs-8fx series smd clock oscillator figure 1) ecs-8fx top and side view tri-state control voltage 8fm x 8fa3x output pin 1 pin 1 pin 3 open** open** oscillation 2v min 2.4v min oscillation 0.8 max 0.6 max high impedance the ecs-8fmx (5v) and ecs-8fa3x (3.3v) are cmos compatible, j-leaded smd oscillators. the 8f series utilizes a low power cmos ic in a cost effective package suitable for reflow soldering. figure 2) land pattern operating conditions/electrical characteristics ecs-8fmx (5v) ecs-8fa3x (3.3v) parameters conditions min typ max min typ max units frequency range 1.000 80.000 1.000 80.000 mhz operating -40? +85? -40? +85? ?c temperature range storage -55? +125? -55? +125? ?c supply voltage +4.5 +5.0 +5.5 +3.0 +3.3 +3.6 v dc -10 ~ +70?c ?00 ?00 ppm frequency tolerance* -40 ~ 85?c ?00 ?00 ppm 1.0 ~ 30.0 mhz 23 9 ma input current 30.1 ~ 80.0 mhz 35 20 ma output symmetry @ 1/2 v cc level 40/60 60/40 45/55 55/45 % 1.0 ~ 30.0 mhz 8 6 ns rise and fall times 30.1 ~ 80.0 mhz 7 6 ns vol +0.5 +0.4 v output voltage voh v cc -0.5 v cc -0.4 v ttl 10 ttl output load cmos 50 30 pf 1.0 ~ 30.0 mhz 4 4 ms start-up time 30.1 ~ 80.0 mhz 10 10 ms enable/disable time 100 100 ns pin connections #1 tri-state #2 gnd #3 output #4 v cc package dimensions (mm) sample part number: ecs-8fmx-500-tr part numbering guide frequency (50.0 mhz) tape and reel ecs-8fmx 500 tr #4 #3 #1 #2 14.0 max. 2.0 8.65 9.8 max. 0.25 7.62 0.25 4.06 4.7 1.52 0.51 0.5 5.08 0.3 7.62 0.2 1.27 3.81 5.80 3.0 3.0


▲Up To Search▲   

 
Price & Availability of ECS-8FMX-320-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X