Part Number Hot Search : 
EST7502B KBP306 MC414MS8 PEB2060 DD128F ADP1173 FGA30N60 BR5200
Product Description
Full Text Search
 

To Download DB1GB1WC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  subminiature snap action switch db series features ? precision switch with high repeat accuracy ? wide variety of terminal options available ? models available for operating temperatures up to 120c ? international approvals standard ? rated for currents up to 10a @ 250vac ? mechanical life up to 15 x 10 6 ? range of snap-on auxiliary act uators, two mounting positions ? rohs compliant electrical ratings and operating life according to en61058-1 according to ul1054 switch series nominal load operation cycles nominal load operation cycles mechanical life 6a, 250v~ db1 0.1a 80 vdc 10,000 10,000 5a 125/250 vac 1a 48 vdc 6,000 15,000 15 x 10 6 10(1.5)a, 250 v~ db2 0.1a 80 vdc 10,000 10,000 10.1a 125/250 vac ? hp 125 vac 6,000 10 x 10 6 0.1a 250 v~ db3 0.1a 80 vdc 50,000 50,000 0.1a 125/250 vac 100,000 15 x 10 6 1a 125/250 vac db5* 1a 250 v~ 50,000 1a 48vdc 6000 15,000 15 x 10 6 db6* 6a 250 vac~ 50,000 5a 125/250 vac 6,000 15 x 10 6 db7* 10(1.5)a 250 v~ 50,000 10.1a 125/250 vac ? hp 125 vac 6,000 10 x 10 6 *only 85c rated technical specifications material specifications base: pet (ul 94 v-0) temperature rating: -40c to 85c or -40c to 120c cover: pbt (ul 94 v-0) degree of protection: ip50 actuator button: pbt (ul 94 v-0) 120c pom (ul 94 hb) 85c contact gap < 3mm ( ) contacts: auagpt (crosspoint), agni, proof tracking index pti 175 terminals: cuzn (silver plated) ul file number: e314201 auxiliary actuator: stainless steel or plastic specifications subject to change
subminiature snap action switch db series dimensions - millimeter commonly stocked distributor items / preferred part numbers
terminal options hole pattern for .051? pcb hole pattern for .024? pcb short solder code a1 qc code b1 pcb .051? code c1 pcb .024? code d1 left right left side pcb with location pins code d3 right side pcb with location pins code d2 top down view of lateral terminals left side pcb terminals code d5 right side pcb terminals code d4 hole pattern for pcb terminals with location pins hole pattern for pcb terminals without location pins auxiliary actuators
ordering information contact call, fax or visit our website for more information. zf electronics corporation 11200 88th avenue pleasant prairie, wi 53158 phone: 262.942.6500 web: www.cherrycorp.com email: cep_sales@zf.com fax: 262.942.6566 the manufacturer accepts no liability for errors or non-availability, and reserves the right to change specifications without prior notice. technical data relates to product specifications only. features may differ from those described. only drawings combined with product specifications shall be deemed binding. ? 2007 zf electronics corporation last updated: 02/17/11


▲Up To Search▲   

 
Price & Availability of DB1GB1WC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X