Part Number Hot Search : 
2N2221 JANTXV SSM3J SMCJ12 DD1200 MMBTA92 01089 T88SC
Product Description
Full Text Search
 

To Download CRSH5-8LEADFREE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description: the central semiconductor crsh5-2 series types are 5.0 amp, glass passivated schottky barrier rectifiers mounted in axial lead epoxy cases using metal-to-silicon junctions to yield low forward voltage drops. maximum ratings: (t a =25c unless otherwise noted) crsh5 -2 -3 -4 -5 -6 -8 symbol -2g -3g -4g -5g -6g -8g units peak repetitive reverse voltage v rrm 20 30 40 50 60 80 v dc blocking voltage v r 20 30 40 50 60 80 v rms reverse voltage v r(rms) 14 21 28 35 42 56 v average forward current (t l =100c) i o 5.0 a peak forward surge current i fsm 250 a operating and storage junction temperature t j , t stg -65 to +150 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions min max units i r v r =rated v rrm 10 ma i r v r =rated v rrm , t a =100c 100 ma v f i f =5.0a (20v, 30v, 40v) 0.57 v v f i f =5.0a (50v, 60v, 80v) 0.70 v crsh5-2 series crsh5-2g* series schottky barrier rectifiers 5.0 amp, 20 thru 80 volts case do-201ad central semiconductor corp. tm r3 (27-january 2009) marking: full part number * device is halogen free by design
central semiconductor corp. tm case do-201ad - mechanical outline crsh5-2 series crsh5-2g* series schottky barrier rectifiers 5.0 amp, 20 thru 80 volts r3 (27-january 2009) marking: full part number * device is halogen free by design


▲Up To Search▲   

 
Price & Availability of CRSH5-8LEADFREE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X